Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C107D-10VXI Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C107D-10VXI
Description  1-Mbit (1M x 1) Static RAM Low active power
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C107D-10VXI Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C107D-10VXI Datasheet HTML 5Page - Cypress Semiconductor CY7C107D-10VXI Datasheet HTML 6Page - Cypress Semiconductor CY7C107D-10VXI Datasheet HTML 7Page - Cypress Semiconductor CY7C107D-10VXI Datasheet HTML 8Page - Cypress Semiconductor CY7C107D-10VXI Datasheet HTML 9Page - Cypress Semiconductor CY7C107D-10VXI Datasheet HTML 10Page - Cypress Semiconductor CY7C107D-10VXI Datasheet HTML 11Page - Cypress Semiconductor CY7C107D-10VXI Datasheet HTML 12Page - Cypress Semiconductor CY7C107D-10VXI Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
CY7C107D
CY7C1007D
Document #: 38-05469 Rev. *H
Page 9 of 14
Ordering Information
Speed
(ns)
Ordering Code
Package
Diagram
Package Type
Operating
Range
10
CY7C107D-10VXI
51-85032
28-pin (400-Mil) Molded SOJ (Pb-free)
Industrial
CY7C1007D-10VXI
51-85031
28-pin (300-Mil) Molded SOJ (Pb-free)
Ordering Code Definitions
Please contact your local Cypress sales representative for availability of these parts.
Temperature Range:
I = Industrial
Package Type:
VX = 28-pin Molded SOJ (Pb-free)
Speed: 10 ns
D = C9, 90 nm Technology
xx7 = 07 or 007 = (400-Mil / 300-Mil) 1-Mbit density
1 = Fast Asynchronous SRAM family
Technology Code: C = CMOS
7 = SRAM
CY = Cypress
C
CY
1
- 10 VX
7
xx7 D
I
[+] Feedback


Similar Part No. - CY7C107D-10VXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C107D-10VXI CYPRESS-CY7C107D-10VXI Datasheet
859Kb / 10P
   1-Mbit (1M x 1) Static RAM
CY7C107D-10VXI CYPRESS-CY7C107D-10VXI Datasheet
898Kb / 11P
   1-Mbit (1M x 1) Static RAM
More results

Similar Description - CY7C107D-10VXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C107D CYPRESS-CY7C107D_09 Datasheet
859Kb / 10P
   1-Mbit (1M x 1) Static RAM
CY7C107D CYPRESS-CY7C107D_11 Datasheet
898Kb / 11P
   1-Mbit (1M x 1) Static RAM
CY7C107D CYPRESS-CY7C107D Datasheet
872Kb / 10P
   1-Mbit (1M x 1) Static RAM
CY7C107 CYPRESS-CY7C107 Datasheet
144Kb / 8P
   1M x 1 Static RAM
CY7C107BN CYPRESS-CY7C107BN Datasheet
310Kb / 7P
   1M x 1 Static RAM
CY7C107B CYPRESS-CY7C107B Datasheet
144Kb / 9P
   1M x 1 Static RAM
CY7C109D CYPRESS-CY7C109D_11 Datasheet
392Kb / 14P
   1-Mbit (128 K 횞 8) Static RAM Low active power
CY7C1021CV33 CYPRESS-CY7C1021CV33_08 Datasheet
394Kb / 14P
   1-Mbit (64K x 16) Static RAM
CY62128EV30 CYPRESS-CY62128EV30 Datasheet
947Kb / 11P
   1 Mbit (128K x 8) Static RAM
CY7C109D CYPRESS-CY7C109D Datasheet
991Kb / 11P
   1-Mbit (128K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com