Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C057V-15AXC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C057V-15AXC
Description  3.3 V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C057V-15AXC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C057V-15AXC Datasheet HTML 1Page - Cypress Semiconductor CY7C057V-15AXC Datasheet HTML 2Page - Cypress Semiconductor CY7C057V-15AXC Datasheet HTML 3Page - Cypress Semiconductor CY7C057V-15AXC Datasheet HTML 4Page - Cypress Semiconductor CY7C057V-15AXC Datasheet HTML 5Page - Cypress Semiconductor CY7C057V-15AXC Datasheet HTML 6Page - Cypress Semiconductor CY7C057V-15AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C057V-15AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C057V-15AXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
CY7C056V
CY7C057V
Document #: 38-06055 Rev. *E
Page 3 of 26
Functional Description
The CY7C056V and CY7C057V are low-power CMOS 16K and
32K x 36 dual-port static RAMs. Various arbitration schemes are
included on the devices to handle situations when multiple
processors access the same piece of data. Two ports are
provided, permitting independent, asynchronous access for
reads and writes to any location in memory. The devices can be
utilized as standalone 36-bit dual-port static RAMs or multiple
devices can be combined in order to function as a 72-bit or wider
master/slave dual-port static RAM. An M/S pin is provided for
implementing 72-bit or wider memory applications without the
need for separate master and slave devices or additional
discrete
logic.
Application
areas
include
interprocessor/multiprocessor designs, communications status
buffering, and dual-port video/graphics memory.
Each port has independent control pins: Chip Enable (CE)[3],
Read or Write Enable (R/W), and Output Enable (OE). Two flags
are provided on each port (BUSY and INT). BUSY signals that
the port is trying to access the same location currently being
accessed by the other port. The Interrupt Flag (INT) permits
communication between ports or systems by means of a mail
box. The semaphores are used to pass a flag, or token, from one
port to the other to indicate that a shared resource is in use. The
semaphore logic is comprised of eight shared latches. Only one
side can control the latch (semaphore) at any time. Control of a
semaphore indicates that a shared resource is in use. An
automatic Power-down feature is controlled independently on
each port by Chip Select (CE0 and CE1) pins.
The CY7C056V and CY7C057V are available in 144-Pin Thin
quad plastic flatpack (TQFP) and 172-Ball ball grid array (BGA)
packages.
Note
3. CE is LOW when CE0  VIL and CE1 VIH.
[+] Feedback


Similar Part No. - CY7C057V-15AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C057V-15AXC CYPRESS-CY7C057V-15AXC Datasheet
695Kb / 23P
   3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static
CY7C057V-15AXC CYPRESS-CY7C057V-15AXC Datasheet
434Kb / 27P
   3.3 V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
More results

Similar Description - CY7C057V-15AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C056V CYPRESS-CY7C056V_12 Datasheet
434Kb / 27P
   3.3 V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
CY7C057 CYPRESS-CY7C057 Datasheet
459Kb / 23P
   3.3V 16K/32K x 36 FLEx36 Asynchronous Dual-Port Static RAM
CY7C056V CYPRESS-CY7C056V Datasheet
280Kb / 22P
   3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
CY7C056V CYPRESS-CY7C056V_05 Datasheet
695Kb / 23P
   3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static
CYD02S36V CYPRESS-CYD02S36V_13 Datasheet
769Kb / 29P
   FLEx36??3.3 V (64K x 36) Synchronous Dual-Port RAM
CYD02S36V CYPRESS-CYD02S36V_11 Datasheet
801Kb / 28P
   FLEx36??3.3 V (64K x 36) Synchronous Dual-Port RAM
logo
Integrated Device Techn...
IDT70V657S IDT-IDT70V657S Datasheet
194Kb / 23P
   HIGH-SPEED 3.3V 32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C09569V CYPRESS-CY7C09569V Datasheet
700Kb / 30P
   3.3V 16K/32K x 36 FLE x 36-TM Synchronous Dual-Port Static RAM
CY7C006A CYPRESS-CY7C006A Datasheet
422Kb / 20P
   32K/16K x8, 32K/16K x9 Dual-Port Static RAM
logo
Renesas Technology Corp
70V659 RENESAS-70V659 Datasheet
321Kb / 26P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
Aug.23.21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com