Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C057V-12AXC Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C057V-12AXC
Description  3.3 V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C057V-12AXC Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C057V-12AXC Datasheet HTML 6Page - Cypress Semiconductor CY7C057V-12AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C057V-12AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C057V-12AXC Datasheet HTML 9Page - Cypress Semiconductor CY7C057V-12AXC Datasheet HTML 10Page - Cypress Semiconductor CY7C057V-12AXC Datasheet HTML 11Page - Cypress Semiconductor CY7C057V-12AXC Datasheet HTML 12Page - Cypress Semiconductor CY7C057V-12AXC Datasheet HTML 13Page - Cypress Semiconductor CY7C057V-12AXC Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
CY7C056V
CY7C057V
Document #: 38-06055 Rev. *E
Page 10 of 26
Switching Characteristics Over the Operating Range[13]
Parameter
Description
CY7C056V
CY7C057V
Unit
-12
-15
Min
Max
Min
Max
Read Cycle
tRC
Read cycle time
12
15
ns
tAA
Address to data valid
12
15
ns
tOHA
Output hold from address change
3
3
ns
tACE[14, 15]
CE LOW to data valid
12
15
ns
tDOE
OE LOW to data valid
8
10
ns
tLZOE[14, 16, 17, 18] OE Low to low Z
0
0
ns
tHZOE[14, 16, 17, 18] OE HIGH to High Z
10
10
ns
tLZCE[14, 13, 17, 18] CE LOW to Low Z
3
3
ns
tHZCE[14, 16, 17, 18] CE HIGH to High Z
10
10
ns
tLZBE
Byte Enable to Low Z
3
3
ns
tHZBE
Byte Enable to High Z
10
10
ns
tPU[14, 18]
CE LOW to power-up
0
0
ns
tPD[14, 18]
CE HIGH to power-down
12
15
ns
tABE[15]
Byte Enable access time
12
15
ns
Write Cycle
tWC
Write cycle time
12
15
ns
tSCE[14, 15]
CE LOW to write end
10
12
ns
tAW
Address valid to write end
10
12
ns
tHA
Address hold from write end
0
0
ns
tSA[15]
Address set-up to write start
0
0
ns
tPWE
Write pulse width
10
12
ns
tSD
Data set-up to write end
10
10
ns
tHD
Data hold from write end
0
0
ns
tHZWE[17, 18]
R/W LOW to High Z
10
ns
tLZWE[17, 18]
R/W HIGH to Low Z
3
3
ns
tWDD[19]
Write pulse to data delay
25
ns
tDDD[19]
Write data valid to read data valid
20
25
ns
Busy Timing[20]
tBLA
BUSY LOW from address match
12
15
ns
tBHA
BUSY HIGH from address mismatch
12
15
ns
tBLC
BUSY LOW from CE LOW
12
15
ns
Notes
13. Test conditions assume signal transition time of 3 ns or less, timing reference levels of 1.5 V, input pulse levels of 0 to 3.0 V, and output loading of the specified IOI/IOH
and 10-pF load capacitance.
14. CE is LOW when CE0  VIL and CE1 VIH
15. To access RAM, CE = L and SEM = H. To access semaphore, CE = H and SEM = L. Either condition must be valid for the entire tSCE time.
16. At any given temperature and voltage condition for any given device, tHZCE is less than tLZCE and tHZOE is less than tLZOE.
17. Test conditions used are Load 2.
18. This parameter is guaranteed by design, but it is not production tested. For information on port-to-port delay through RAM cells from writing port to reading port, refer
to Read Timing with Busy waveform.
19. For information on port-to-port delay through RAM cells from writing port to reading port, refer to Read Timing with Busy waveform.
20. Test conditions used are Load 1.
[+] Feedback


Similar Part No. - CY7C057V-12AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C057V-12AXC CYPRESS-CY7C057V-12AXC Datasheet
695Kb / 23P
   3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static
CY7C057V-12AXC CYPRESS-CY7C057V-12AXC Datasheet
434Kb / 27P
   3.3 V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
More results

Similar Description - CY7C057V-12AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C056V CYPRESS-CY7C056V_12 Datasheet
434Kb / 27P
   3.3 V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
CY7C057 CYPRESS-CY7C057 Datasheet
459Kb / 23P
   3.3V 16K/32K x 36 FLEx36 Asynchronous Dual-Port Static RAM
CY7C056V CYPRESS-CY7C056V Datasheet
280Kb / 22P
   3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
CY7C056V CYPRESS-CY7C056V_05 Datasheet
695Kb / 23P
   3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static
CYD02S36V CYPRESS-CYD02S36V_13 Datasheet
769Kb / 29P
   FLEx36??3.3 V (64K x 36) Synchronous Dual-Port RAM
CYD02S36V CYPRESS-CYD02S36V_11 Datasheet
801Kb / 28P
   FLEx36??3.3 V (64K x 36) Synchronous Dual-Port RAM
logo
Integrated Device Techn...
IDT70V657S IDT-IDT70V657S Datasheet
194Kb / 23P
   HIGH-SPEED 3.3V 32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C09569V CYPRESS-CY7C09569V Datasheet
700Kb / 30P
   3.3V 16K/32K x 36 FLE x 36-TM Synchronous Dual-Port Static RAM
CY7C006A CYPRESS-CY7C006A Datasheet
422Kb / 20P
   32K/16K x8, 32K/16K x9 Dual-Port Static RAM
logo
Renesas Technology Corp
70V659 RENESAS-70V659 Datasheet
321Kb / 26P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
Aug.23.21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com