Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C026AV Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C026AV
Description  3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM 4, 8 or 16K 횞 16 organization
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C026AV Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C026AV Datasheet HTML 6Page - Cypress Semiconductor CY7C026AV Datasheet HTML 7Page - Cypress Semiconductor CY7C026AV Datasheet HTML 8Page - Cypress Semiconductor CY7C026AV Datasheet HTML 9Page - Cypress Semiconductor CY7C026AV Datasheet HTML 10Page - Cypress Semiconductor CY7C026AV Datasheet HTML 11Page - Cypress Semiconductor CY7C026AV Datasheet HTML 12Page - Cypress Semiconductor CY7C026AV Datasheet HTML 13Page - Cypress Semiconductor CY7C026AV Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
CY7C024AV/024BV/025AV/026AV
CY7C0241AV/0251AV/036AV
Document #: 38-06052 Rev. *M
Page 10 of 20
Data Retention Mode
The
CY7C024AV/024BV/025AV/026AV
and
CY7C0241AV/0251AV/036AV are designed for battery backup.
Data retention voltage and supply current are guaranteed over
temperature. The following rules ensure data retention:
1. Chip Enable (CE) must be held HIGH during data retention,
within VCC to VCC – 0.2V.
2. CE must be kept between VCC – 0.2V and 70 percent of VCC
during the power up and power down transitions.
3. The RAM can begin operation >tRC after VCC reaches the
minimum operating voltage (3.0V).
Notes
25. For information on port to port delay through RAM cells from writing port to reading port, refer to Figure 12.
26. Test conditions used are Load 2.
27. tBDD is a calculated parameter and is the greater of tWDD – tPWE (actual) or tDDD – tSD (actual).
28. CE = VCC, Vin = GND to VCC, TA = 25C. This parameter is guaranteed but not tested.
tPWE
Write Pulse Width
15
20
ns
tSD
Data Setup to Write End
15
15
ns
tHD
Data Hold From Write End
0
0
ns
tHZWE[23, 24]
R/W LOW to High Z
12
15
ns
tLZWE[23, 24]
R/W HIGH to Low Z
3
0
ns
tWDD[25]
Write Pulse to Data Delay
45
50
ns
tDDD[25]
Write Data Valid to Read Data Valid
30
35
ns
Busy Timing[26]
tBLA
BUSY LOW from Address Match
20
20
ns
tBHA
BUSY HIGH from Address Mismatch
20
20
ns
tBLC
BUSY LOW from CE LOW
20
20
ns
tBHC
BUSY HIGH from CE HIGH
17
17
ns
tPS
Port Setup for Priority
5
5
ns
tWB
R/W HIGH after BUSY (Slave)
0
0
ns
tWH
R/W HIGH after BUSY HIGH (Slave)
15
17
ns
tBDD[27]
BUSY HIGH to Data Valid
20
25
ns
Interrupt Timing[26]
tINS
INT Set Time
20
20
ns
tINR
INT Reset Time
20
20
ns
Semaphore Timing
tSOP
SEM Flag Update Pulse (OE or SEM)10
12
ns
tSWRD
SEM Flag Write to Read Time
5
5
ns
tSPS
SEM Flag Contention Window
5
5
ns
tSAA
SEM Address Access Time
20
25
ns
Switching Characteristics
Over the Operating Range (continued)[20]
Parameter
Description
CY7C024AV/024BV/025AV/026AV
CY7C0241AV/0251AV/036AV
Unit
-20
-25
Min
Max
Min
Max
Timing
Parameter
Test Conditions[28]
Max
Unit
ICCDR1
at VCCDR = 2V
50
A
Data Retention Mode
3.0V
3.0V
VCC 2.0V
VCC to VCC – 0.2V
VCC
CE
tRC
V
IH
[+] Feedback


Similar Part No. - CY7C026AV

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C026AV CYPRESS-CY7C026AV Datasheet
241Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C026AV CYPRESS-CY7C026AV Datasheet
247Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C026AV CYPRESS-CY7C026AV Datasheet
475Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C026AV-20AC CYPRESS-CY7C026AV-20AC Datasheet
241Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C026AV-20AC CYPRESS-CY7C026AV-20AC Datasheet
247Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
More results

Similar Description - CY7C026AV

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C024AV CYPRESS-CY7C024AV_09 Datasheet
475Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024AV CYPRESS-CY7C024AV Datasheet
241Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024V CYPRESS-CY7C024V Datasheet
248Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024AV CYPRESS-CY7C024AV_05 Datasheet
247Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CYDC256B16 CYPRESS-CYDC256B16 Datasheet
610Kb / 26P
   1.8V 4k/8k/16k x 16 and 8k/16k x 8 ConsuMoBL Dual-Port Static RAM
CYDM256A16 CYPRESS-CYDM256A16 Datasheet
499Kb / 25P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_09 Datasheet
571Kb / 24P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_08 Datasheet
548Kb / 24P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
CYDM256B16 CYPRESS-CYDM256B16 Datasheet
889Kb / 25P
   1.8V 4K/8K/16K x 16 MoBL짰 Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_11 Datasheet
654Kb / 27P
   1.8V 4K/8K/16K x 16 MoBL짰 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com