Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C056V Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C056V
Description  3.3 V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C056V Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C056V_11 Datasheet HTML 1Page - Cypress Semiconductor CY7C056V_11 Datasheet HTML 2Page - Cypress Semiconductor CY7C056V_11 Datasheet HTML 3Page - Cypress Semiconductor CY7C056V_11 Datasheet HTML 4Page - Cypress Semiconductor CY7C056V_11 Datasheet HTML 5Page - Cypress Semiconductor CY7C056V_11 Datasheet HTML 6Page - Cypress Semiconductor CY7C056V_11 Datasheet HTML 7Page - Cypress Semiconductor CY7C056V_11 Datasheet HTML 8Page - Cypress Semiconductor CY7C056V_11 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
CY7C056V
CY7C057V
Document #: 38-06055 Rev. *E
Page 5 of 26
Pin Configurations (continued)
Figure 2. 172-Ball Ball Grid Array (BGA)
Top View
1
2
3
4
56789
10
11
12
13
14
A
I/O32L
I/O30L
NC
VSS
I/O13L
VDD
I/O11L I/O11R
VDD
I/O13R
VSS
NC
I/O30R
I/O32R
B
A0L
I/O33L
I/O29
I/O17L
I/O14L I/O12L
I/O9L
I/O9R
I/O12R I/O14R I/O17R I/O29R I/O33R
A0R
C
NC
A1L
I/O31L
I/O27L
NC
I/O15L I/O10L I/O10R I/O15R
NC
I/O27R I/O31R
A1R
NC
D
A2L
A3L
I/O35L
I/O34L
I/O28L I/O16L
VSS
VSS
I/O16R I/O28R I/O34R I/O35R
A3R
A2R
E
A4L
A5L
NC
B0L
NC
NC
NC
NC
BM
NC
A5R
A4R
F
VDD
A6L
A7L
B1L
NC
NC
SIZE
A7R
A6R
VDD
G
OEL
B2L
B3L
CE0L
CE0R
BA
WA
OER
H
VSS
R/WLA8L
CE1L
CE1R
A8R
R/WRVSS
J
A9L
A10L
VSS
M/S
NC
NC
VDD
VDD
A10R
A9R
K
A11L
A12L
NC
SEML
NC
NC
NC
NC
SEMR
NC
A12R
A11R
L
BUSYL
A13L
INTL
I/O26L
I/O25L I/O19L
VSS
VSS
I/O19R I/O25R I/O26R
INTR
A13R
BUSYR
M
NC
NC[4]
I/O22L
I/O18L
NC
I/O7L
I/O2L
I/O2R
I/O7R
NC
I/O18R I/O22R
NC[5]
NC
N
I/O24L
I/O20L
I/O8L
I/O6L
I/O5L
I/O3L
I/O0L
I/O0R
I/O3R
I/O5R
I/O6R
I/O8R I/O20R
I/O24R
P
I/O23L
I/O21L
NC
VSS
I/O4L
VDD
I/O1L
I/O1R
VDD
I/O4R
VSS
NC
I/O21R
I/O23R
Selection Guide
CY7C056V
CY7C057V
-12
CY7C056V
CY7C057V
-15
Unit
Maximum access time
12
15
ns
Typical operating current
250
240
mA
Typical standby current for ISB1 (Both ports TTL level)
55
50
mA
Typical standby current for ISB3 (Both ports CMOS level)
10
A
10
A
A
[+] Feedback


Similar Part No. - CY7C056V_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C056V-10AC CYPRESS-CY7C056V-10AC Datasheet
280Kb / 22P
   3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
CY7C056V-10BAC CYPRESS-CY7C056V-10BAC Datasheet
280Kb / 22P
   3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
CY7C056V-12AC CYPRESS-CY7C056V-12AC Datasheet
280Kb / 22P
   3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
CY7C056V-12AC CYPRESS-CY7C056V-12AC Datasheet
459Kb / 23P
   3.3V 16K/32K x 36 FLEx36 Asynchronous Dual-Port Static RAM
CY7C056V-12AC CYPRESS-CY7C056V-12AC Datasheet
695Kb / 23P
   3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static
More results

Similar Description - CY7C056V_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C056V CYPRESS-CY7C056V_12 Datasheet
434Kb / 27P
   3.3 V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
CY7C057 CYPRESS-CY7C057 Datasheet
459Kb / 23P
   3.3V 16K/32K x 36 FLEx36 Asynchronous Dual-Port Static RAM
CY7C056V CYPRESS-CY7C056V Datasheet
280Kb / 22P
   3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
CY7C056V CYPRESS-CY7C056V_05 Datasheet
695Kb / 23P
   3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static
CYD02S36V CYPRESS-CYD02S36V_13 Datasheet
769Kb / 29P
   FLEx36??3.3 V (64K x 36) Synchronous Dual-Port RAM
CYD02S36V CYPRESS-CYD02S36V_11 Datasheet
801Kb / 28P
   FLEx36??3.3 V (64K x 36) Synchronous Dual-Port RAM
logo
Integrated Device Techn...
IDT70V657S IDT-IDT70V657S Datasheet
194Kb / 23P
   HIGH-SPEED 3.3V 32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C09569V CYPRESS-CY7C09569V Datasheet
700Kb / 30P
   3.3V 16K/32K x 36 FLE x 36-TM Synchronous Dual-Port Static RAM
CY7C006A CYPRESS-CY7C006A Datasheet
422Kb / 20P
   32K/16K x8, 32K/16K x9 Dual-Port Static RAM
logo
Renesas Technology Corp
70V659 RENESAS-70V659 Datasheet
321Kb / 26P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
Aug.23.21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com