Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7B9911V-5JXC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7B9911V-5JXC
Description  High Speed Low Voltage Programmable Skew Clock Buffer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7B9911V-5JXC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7B9911V-5JXC Datasheet HTML 1Page - Cypress Semiconductor CY7B9911V-5JXC Datasheet HTML 2Page - Cypress Semiconductor CY7B9911V-5JXC Datasheet HTML 3Page - Cypress Semiconductor CY7B9911V-5JXC Datasheet HTML 4Page - Cypress Semiconductor CY7B9911V-5JXC Datasheet HTML 5Page - Cypress Semiconductor CY7B9911V-5JXC Datasheet HTML 6Page - Cypress Semiconductor CY7B9911V-5JXC Datasheet HTML 7Page - Cypress Semiconductor CY7B9911V-5JXC Datasheet HTML 8Page - Cypress Semiconductor CY7B9911V-5JXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
CY7B9911V
3.3 V RoboClock+™
Document Number: 38-07408 Rev. *F
Page 3 of 17
Pin Configuration
Pin Definitions
Signal Name
IO
Description
REF
I
Reference frequency input. This input supplies the frequency and timing against which all functional
variations are measured.
FB
I
PLL feedback input (typically connected to one of the eight outputs).
FS
I
Three level frequency range select. See Table 1.
1F0, 1F1
I
Three level function select inputs for output pair 1 (1Q0, 1Q1). See Table 2.
2F0, 2F1
I
Three level function select inputs for output pair 2 (2Q0, 2Q1). See Table 2.
3F0, 3F1
I
Three level function select inputs for output pair 3 (3Q0, 3Q1). See Table 2.
4F0, 4F1
I
Three level function select inputs for output pair 4 (4Q0, 4Q1). See Table 2.
TEST
I
Three level select. See “Test Mode” on page 5 under the “Block Diagram Description” on page 4.
1Q0, 1Q1
O
Output pair 1. See Table 2.
2Q0, 2Q1
O
Output pair 2. See Table 2.
3Q0, 3Q1
O
Output pair 3. See Table 2.
4Q0, 4Q1
O
Output pair 4. See Table 2.
VCCN
PWR
Power supply for output drivers.
VCCQ
PWR
Power supply for internal circuitry.
GND
PWR
Ground.
1
2
3
432
31 30
17
16
15
14
18 19
20
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
2F0
GND
1F1
1F0
VCCN
1Q0
1Q1
GND
GND
3F1
4F0
4F1
VCCQ
VCCN
4Q1
4Q0
GND
GND
PLCC
CY7B9911V
[+] Feedback


Similar Part No. - CY7B9911V-5JXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B9911V-5JXC CYPRESS-CY7B9911V-5JXC Datasheet
384Kb / 14P
   High Speed Low Voltage Programmable Skew Clock Buffer
CY7B9911V-5JXCT CYPRESS-CY7B9911V-5JXCT Datasheet
384Kb / 14P
   High Speed Low Voltage Programmable Skew Clock Buffer
More results

Similar Description - CY7B9911V-5JXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B9911V CYPRESS-CY7B9911V_07 Datasheet
384Kb / 14P
   High Speed Low Voltage Programmable Skew Clock Buffer
logo
Pericom Semiconductor C...
PI6C3991 PERICOM-PI6C3991 Datasheet
500Kb / 11P
   3.3V High-Speed, Low-Voltage Programmable Skew Clock Buffer SuperClock
logo
Cypress Semiconductor
CY7B9911V CYPRESS-CY7B9911V Datasheet
223Kb / 11P
   High-Speed Low-Voltage Programmable Skew Clock Buffer LV-PSCB
CY7B991V CYPRESS-CY7B991V Datasheet
528Kb / 13P
   Low Voltage Programmable Skew Clock Buffer
CY7B991V CYPRESS-CY7B991V_07 Datasheet
382Kb / 14P
   Low Voltage Programmable Skew Clock Buffer
CY7B991.2JC CYPRESS-CY7B991.2JC Datasheet
519Kb / 19P
   Programmable Skew Clock Buffer
CY7B9911 CYPRESS-CY7B9911_07 Datasheet
392Kb / 13P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991_07 Datasheet
515Kb / 19P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991_11 Datasheet
520Kb / 21P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991 Datasheet
288Kb / 15P
   Programmable Skew Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com