Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7B9911V-5JCT Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7B9911V-5JCT
Description  High Speed Low Voltage Programmable Skew Clock Buffer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7B9911V-5JCT Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7B9911V-5JCT Datasheet HTML 1Page - Cypress Semiconductor CY7B9911V-5JCT Datasheet HTML 2Page - Cypress Semiconductor CY7B9911V-5JCT Datasheet HTML 3Page - Cypress Semiconductor CY7B9911V-5JCT Datasheet HTML 4Page - Cypress Semiconductor CY7B9911V-5JCT Datasheet HTML 5Page - Cypress Semiconductor CY7B9911V-5JCT Datasheet HTML 6Page - Cypress Semiconductor CY7B9911V-5JCT Datasheet HTML 7Page - Cypress Semiconductor CY7B9911V-5JCT Datasheet HTML 8Page - Cypress Semiconductor CY7B9911V-5JCT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
CY7B9911V
3.3 V RoboClock+™
High Speed Low Voltage Programmable
Skew Clock Buffer
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 38-07408 Rev. *F
Revised April 7, 2011
Features
All output pair skew <100 ps typical (250 max)
3.75 to 110 MHz output operation
User selectable output functions
Selectable skew to 18 ns
Inverted and non-inverted
Operation at
1
2 and
1
4 input frequency
Operation at 2x and 4x input frequency (input as low as
3.75 MHz)
Zero input-to-output delay
50% duty cycle outputs
LVTTL outputs drive 50 Ω terminated lines
Operates from a single 3.3 V supply
Low operating current
32-pin PLCC package
Jitter 100 ps (typical)
Functional Description
The CY7B9911V 3.3 V RoboClock+™ High Speed Low Voltage
Programmable Skew Clock Buffer (LVPSCB) offers user
selectable control over system clock functions. These multiple
output clock drivers provide the system integrator with functions
necessary to optimize the timing of high performance computer
systems. Each of the eight individual drivers, arranged in four
pairs of user controllable outputs, can drive terminated trans-
mission lines with impedances as low as 50
Ω. They deliver
minimal and specified output skews and full swing logic levels
(LVTTL).
Each output is hardwired to one of nine delay or function config-
urations. Delay increments of 0.7 to 1.5 ns are determined by the
operating frequency with outputs that can skew up to ±6 time units
from their nominal “zero” skew position. The completely integrated
PLL allows external load and cancels the transmission line delay
effects. When this “zero delay” capability of the LVPSCB is
combined with the selectable output skew functions, you can
create output-to-output delays of up to ±12 time units.
Divide-by-two and divide-by-four output functions are provided
for additional flexibility in designing complex clock systems.
When combined with the internal PLL, these divide functions
allow distribution of a low frequency clock that are multiplied by
two or four at the clock destination. This facility minimizes clock
distribution difficulty enabling maximum system clock speed and
flexibility.
Logic Block Diagram
TEST
FB
REF
VCO AND
TIME UNIT
GENERATOR
FS
SELECT
INPUTS
(THREE
LEVEL)
SKEW
SELECT
MATRIX
4F0
4F1
3F0
3F1
2F0
2F1
1F0
1F1
4Q0
4Q1
3Q0
3Q1
2Q0
2Q1
1Q0
1Q1
FILTER
PHASE
FREQ
DET
[+] Feedback


Similar Part No. - CY7B9911V-5JCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B9911V-5JCT CYPRESS-CY7B9911V-5JCT Datasheet
384Kb / 14P
   High Speed Low Voltage Programmable Skew Clock Buffer
More results

Similar Description - CY7B9911V-5JCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B9911V CYPRESS-CY7B9911V_07 Datasheet
384Kb / 14P
   High Speed Low Voltage Programmable Skew Clock Buffer
logo
Pericom Semiconductor C...
PI6C3991 PERICOM-PI6C3991 Datasheet
500Kb / 11P
   3.3V High-Speed, Low-Voltage Programmable Skew Clock Buffer SuperClock
logo
Cypress Semiconductor
CY7B9911V CYPRESS-CY7B9911V Datasheet
223Kb / 11P
   High-Speed Low-Voltage Programmable Skew Clock Buffer LV-PSCB
CY7B991V CYPRESS-CY7B991V Datasheet
528Kb / 13P
   Low Voltage Programmable Skew Clock Buffer
CY7B991V CYPRESS-CY7B991V_07 Datasheet
382Kb / 14P
   Low Voltage Programmable Skew Clock Buffer
CY7B991.2JC CYPRESS-CY7B991.2JC Datasheet
519Kb / 19P
   Programmable Skew Clock Buffer
CY7B9911 CYPRESS-CY7B9911_07 Datasheet
392Kb / 13P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991_07 Datasheet
515Kb / 19P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991_11 Datasheet
520Kb / 21P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991 Datasheet
288Kb / 15P
   Programmable Skew Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com