Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N7000A Datasheet(PDF) 4 Page - KEC(Korea Electronics)

Part # 2N7000A
Description  FIELD EFFECT TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

2N7000A Datasheet(HTML) 4 Page - KEC(Korea Electronics)

  2N7000A Datasheet HTML 1Page - KEC(Korea Electronics) 2N7000A Datasheet HTML 2Page - KEC(Korea Electronics) 2N7000A Datasheet HTML 3Page - KEC(Korea Electronics) 2N7000A Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2009. 11. 17
4/4
2N7000A
Revision No : 3
BODY DIODE FORWARD VOLTAGE V
(V)
SD
I
- V
SSD
0.01
0.2
0.03
0.1
0.3
1
3
10
COMMON
SOURCE
V
=0
GS
30
0.4
0.6
0.8
1.0
1.2
1.4
COMMON SOURCE
Ta=25 C
f=1MHz
V
=0
DRAIN-SOURCE VOLTAGE V
(V)
110
5
330
C - V
GS
DS
50
DS
C rss
oss
C
C iss
1
5
3
10
50
30
100
GATE CHARGE Q
(nC)
g
V
- Q
GS
g
0
0
0.4
COMMON SOURCE
V
=25V
DS
I
=115mA
D
0.8
1.2
1.6
2.0
4
2
6
8
10
I
- V
DS
DRAIN-SOURCE VOLTAGE V
(V)
DDS
13
10
100
30
5
SINGLE PULSE
Ta=25 C
GS
V
=10V
100
µs
1mS
10mS
100mS
1s
10s
DC
DS(ON)
R
LIMIT
50
2
0.005
0.01
0.03
0.05
0.1
0.3
0.5
1
P
- Ta
D
AMBIENT TEMPERATURE Ta ( C)
020
40
100
0
60
80
100
120
140
160
200
300
400
500
600
700


Similar Part No. - 2N7000A

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
2N7000A KEC-2N7000A_15 Datasheet
67Kb / 4P
   INTERFACE AND SWITCHING APPLICATION.
More results

Similar Description - 2N7000A

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
2N7002A KEC-2N7002A_09 Datasheet
57Kb / 4P
   FIELD EFFECT TRANSISTOR
2N7000 KEC-2N7000 Datasheet
68Kb / 4P
   FIELD EFFECT TRANSISTOR
logo
Isahaya Electronics Cor...
2SK930 ISAHAYA-2SK930 Datasheet
226Kb / 4P
   FIELD-EFFECT TRANSISTOR
logo
NEC
2SK193 NEC-2SK193 Datasheet
39Kb / 2P
   Field Effect Transistor
logo
New Jersey Semi-Conduct...
40822 NJSEMI-40822 Datasheet
108Kb / 1P
   FIELD-EFFECT TRANSISTOR
logo
KEC(Korea Electronics)
2N7002 KEC-2N7002 Datasheet
70Kb / 4P
   FIELD EFFECT TRANSISTOR
logo
New Jersey Semi-Conduct...
40822 NJSEMI-40822_13 Datasheet
108Kb / 1P
   FIELD-EFFECT TRANSISTOR
logo
Isahaya Electronics Cor...
2SJ498 ISAHAYA-2SJ498 Datasheet
110Kb / 4P
   FIELD-EFFECT TRANSISTOR
2SJ145 ISAHAYA-2SJ145 Datasheet
219Kb / 4P
   FIELD-EFFECT TRANSISTOR
logo
Toshiba Semiconductor
2SK788 TOSHIBA-2SK788 Datasheet
366Kb / 5P
   FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com