Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N7000A Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # 2N7000A
Description  FIELD EFFECT TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

2N7000A Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  2N7000A Datasheet HTML 1Page - KEC(Korea Electronics) 2N7000A Datasheet HTML 2Page - KEC(Korea Electronics) 2N7000A Datasheet HTML 3Page - KEC(Korea Electronics) 2N7000A Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2009. 11. 17
2/4
2N7000A
Revision No : 3
ELECTRICAL CHARACTERISTICS (Ta=25℃)
ON CHARACTERISTICS (Note 1)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Gate Threshold Voltage
Vth
VDS=VGS, ID=1mA
0.8
2.1
3
V
Drain-Source ON Resistance
RDS(ON)
VGS=10V, ID=500mA
-
1.2
5
VGS=4.5V, ID=75mA
-
1.8
5.3
Drain-Source ON Voltage
VDS(ON)
VGS=10V, ID=500mA
-
0.6
2.5
V
VGS=4.5V, ID=75mA
-
0.14
0.4
On State Drain Current
ID(ON)
VGS=4.5V, VDS=10V
75
600
-
mA
Forward Transconductance
gFS
VDS=10V, ID=200mA
100
320
-
mS
Drain-Source Diode Forward Voltage
VSD
VGS=0V, IS=200mA
-
0.76
1.15
V
DYNAMIC CHARACTERISTICS
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Input Capacitance
Ciss
VDS=25V, VGS=0V, f=1MHz
-
20
50
pF
Reverse Transfer Capacitance
Crss
-
4
5
Output Capacitance
Coss
-
11
25
Switching Time
Turn-On Time
ton
VDD=15V, RL=25Ω, ID=200mA,
VGS=10V, RGEN=25Ω
-
-
10
nS
Turn-Off Time
toff
-
-
10
OUT
OUTPUT, V
10%
10%
10%
90%
90%
90%
50%
50%
f
t
r
t
IN
INPUT, V
INVERTED
PULSE WIDTH
d(on)
t
d(off)
t
on
t
off
t
SWITCHING TIME TEST CIRCUIT
GS
V
GEN
R
VDD
R L
VOUT
DUT
D
G
S
IN
V
Note 1) Pulse Test : Pulse Width≦300㎲, Duty Cycle≦2.0%


Similar Part No. - 2N7000A

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
2N7000A KEC-2N7000A_15 Datasheet
67Kb / 4P
   INTERFACE AND SWITCHING APPLICATION.
More results

Similar Description - 2N7000A

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
2N7002A KEC-2N7002A_09 Datasheet
57Kb / 4P
   FIELD EFFECT TRANSISTOR
2N7000 KEC-2N7000 Datasheet
68Kb / 4P
   FIELD EFFECT TRANSISTOR
logo
Isahaya Electronics Cor...
2SK930 ISAHAYA-2SK930 Datasheet
226Kb / 4P
   FIELD-EFFECT TRANSISTOR
logo
NEC
2SK193 NEC-2SK193 Datasheet
39Kb / 2P
   Field Effect Transistor
logo
New Jersey Semi-Conduct...
40822 NJSEMI-40822 Datasheet
108Kb / 1P
   FIELD-EFFECT TRANSISTOR
logo
KEC(Korea Electronics)
2N7002 KEC-2N7002 Datasheet
70Kb / 4P
   FIELD EFFECT TRANSISTOR
logo
New Jersey Semi-Conduct...
40822 NJSEMI-40822_13 Datasheet
108Kb / 1P
   FIELD-EFFECT TRANSISTOR
logo
Isahaya Electronics Cor...
2SJ498 ISAHAYA-2SJ498 Datasheet
110Kb / 4P
   FIELD-EFFECT TRANSISTOR
2SJ145 ISAHAYA-2SJ145 Datasheet
219Kb / 4P
   FIELD-EFFECT TRANSISTOR
logo
Toshiba Semiconductor
2SK788 TOSHIBA-2SK788 Datasheet
366Kb / 5P
   FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com