Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2XP22ZXI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY2XP22ZXI
Description  Crystal to LVPECL Clock Generator One LVPECL output pair
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2XP22ZXI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY2XP22ZXI Datasheet HTML 1Page - Cypress Semiconductor CY2XP22ZXI Datasheet HTML 2Page - Cypress Semiconductor CY2XP22ZXI Datasheet HTML 3Page - Cypress Semiconductor CY2XP22ZXI Datasheet HTML 4Page - Cypress Semiconductor CY2XP22ZXI Datasheet HTML 5Page - Cypress Semiconductor CY2XP22ZXI Datasheet HTML 6Page - Cypress Semiconductor CY2XP22ZXI Datasheet HTML 7Page - Cypress Semiconductor CY2XP22ZXI Datasheet HTML 8Page - Cypress Semiconductor CY2XP22ZXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CY2XP22
Crystal to LVPECL Clock Generator
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 001-10229 Rev. *F
Revised April 11, 2011
Features
One LVPECL output pair
Selectable frequency multiplication: x2.5 or x5
External crystal frequency: 25.0 MHz
Output frequency: 62.5 MHz or 125 MHz
Low RMS phase jitter at 125 MHz, using 25 MHz crystal
(1.875 MHz to 20 MHz): 0.4 ps (typical)
Phase noise at 125 MHz (typical):
Offset
Noise Power
1 kHz
–117 dBc/Hz
10 kHz
–126 dBc/Hz
100 kHz
–131 dBc/Hz
1 MHz
–131 dBc/Hz
Pb-free 8-Pin TSSOP package
Supply voltage: 3.3 V or 2.5 V
Commercial and Industrial temperature ranges
Functional Description
The CY2XP22 is a PLL (Phase Locked Loop) based high
performance clock generator that uses an external reference
crystal. It is specifically targeted at FibreChannel and Gigabit
Ethernet applications. It produces a selectable output frequency
that is 2.5 or 5 times the crystal frequency. With a 25 MHz crystal,
the user can select either a 62.5 MHz or 125 MHz output. It uses
Cypress’s low noise VCO technology to achieve less than 1 ps
typical RMS phase jitter. The CY2XP22 has a crystal oscillator
interface input and one LVPECL output pair.
Logic Block Diagram
OUTPUT
DIVIDER
F_SEL
CRYSTAL
OSCILLATOR
CLK#
LOW -N OISE
PLL
CLK
XOUT
XIN
External
Crystal
Pinouts
Figure 1. Pin Diagram – 8-Pin TSSOP
1
2
36
7
8
XOUT
XIN
F_SEL
VSS
VDD
CLK#
45
VDD
CLK
Table 1. Pin Definitions – 8-Pin TSSOP
Pin Number
Pin Name
I/O Type
Description
1, 8
VDD
Power
3.3 V or 2.5 V power supply
2
VSS
Power
Ground
3, 4
XOUT, XIN
XTAL output and input
Parallel resonant crystal interface
5
F_SEL
CMOS input
Frequency Select: see Frequency Table
6,7
CLK#, CLK
LVPECL output
Differential clock output
[+] Feedback


Similar Part No. - CY2XP22ZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2XP22ZXI CYPRESS-CY2XP22ZXI Datasheet
248Kb / 8P
   Crystal to LVPECL Clock Generator
CY2XP22ZXIT CYPRESS-CY2XP22ZXIT Datasheet
248Kb / 8P
   Crystal to LVPECL Clock Generator
More results

Similar Description - CY2XP22ZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2XP24 CYPRESS-CY2XP24_11 Datasheet
404Kb / 12P
   Crystal to LVPECL Clock Generator One LVPECL Output Pair
CY2XP41 CYPRESS-CY2XP41_11 Datasheet
261Kb / 10P
   Crystal to LVPECL Clock Generator
CY2XP24ZXC CYPRESS-CY2XP24ZXC Datasheet
342Kb / 8P
   Crystal to LVPECL Clock Generator
CY2XP22ZXC CYPRESS-CY2XP22ZXC Datasheet
248Kb / 8P
   Crystal to LVPECL Clock Generator
CY2XP41ZXC CYPRESS-CY2XP41ZXC Datasheet
321Kb / 8P
   Crystal to LVPECL Clock Generator
logo
Integrated Device Techn...
ICS853S01I IDT-ICS853S01I Datasheet
484Kb / 23P
   One LVPECL output pair
logo
Integrated Circuit Syst...
ICS843071I ICST-ICS843071I Datasheet
303Kb / 15P
   FEMTOCLOCKS??CRYSTAL-TO- LVPECL CLOCK GENERATOR
logo
Integrated Device Techn...
873991 IDT-873991 Datasheet
270Kb / 18P
   LVPECL-TO-LVPECL/ECL CLOCK GENERATOR
ICS8N3PG10MBKI-062 IDT-ICS8N3PG10MBKI-062 Datasheet
270Kb / 20P
   One differential LVPECL output pair
logo
Integrated Circuit Syst...
ICS843031 ICST-ICS843031 Datasheet
211Kb / 11P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com