Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2XF33FLXIT Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY2XF33FLXIT
Description  High-Performance LVDS Oscillator With Frequency Margining ??Pin Control
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2XF33FLXIT Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY2XF33FLXIT Datasheet HTML 1Page - Cypress Semiconductor CY2XF33FLXIT Datasheet HTML 2Page - Cypress Semiconductor CY2XF33FLXIT Datasheet HTML 3Page - Cypress Semiconductor CY2XF33FLXIT Datasheet HTML 4Page - Cypress Semiconductor CY2XF33FLXIT Datasheet HTML 5Page - Cypress Semiconductor CY2XF33FLXIT Datasheet HTML 6Page - Cypress Semiconductor CY2XF33FLXIT Datasheet HTML 7Page - Cypress Semiconductor CY2XF33FLXIT Datasheet HTML 8Page - Cypress Semiconductor CY2XF33FLXIT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CY2XF33
Document Number: 001-53148 Rev. *E
Page 5 of 12
Absolute Maximum Conditions
Parameter
Description
Condition
Min
Max
Unit
VDD
Supply voltage
–0.5
4.4
V
VIN
[1]
Input voltage, DC
Relative to VSS
–0.5
VDD + 0.5
V
TS
Temperature, storage
Non operating
–55
135
C
TJ
Temperature, junction
–40
135
C
ESDHBM
ESD protection (human body model)
JEDEC STD 22-A114-B
2000
V
JA
[2]
Thermal resistance, junction to ambient 0 m/s airflow
64
C/W
Operating Conditions
Parameter
Description
Min
Typ
Max
Unit
VDD
3.3 V supply voltage range
3.135
3.3
3.465
V
2.5 V supply voltage range
2.375
2.5
2.625
V
TPU
Power up time for VDD to reach minimum specified voltage (power ramp is
monotonic)
0.05
500
ms
TA
Ambient temperature (commercial)
0
70
C
Ambient temperature (industrial)
–40
85
C
Notes
1. The voltage on any input or I/O pin cannot exceed the power pin during power up.
2. Simulated. The board is derived from the JEDEC multilayer standard. It measures 76 x 114 x 1.6 mm and has 4-layers of copper (2/1/1/2 oz.). The internal layers
are 100% copper planes, while the top and bottom layers have 50% metalization. No vias are included in the model.
3. IDD includes ~4 mA of current that is dissipated externally in the output termination resistors.
4. Not 100% tested, guaranteed by design and characterization.
DC Electrical Characteristics
Parameter
Description
Condition
Min
Typ
Max
Unit
IDD
[3]
Operating supply current
VDD = 3.465 V, CLK = 150 MHz, output
terminated
––
120
mA
VDD = 2.625 V, CLK = 150 MHz, output
terminated
––
115
mA
VOD
LVDS differential output voltage
VDD = 3.3 V or 2.5 V, defined in Figure 3
as terminated in Figure 2
247–454
mV
V
OD
Change in VOD between
complementary output states
VDD = 3.3 V or 2.5 V, defined in Figure 3
as terminated in Figure 2
––
50
mV
VOS
LVDS offset output voltage
VDD = 3.3 V or 2.5 V, defined in Figure 4
as terminated in Figure 2
1.125
1.375
V
V
OS
Change in VOS between
complementary output states
VDD = 3.3 V or 2.5 V, RTERM = 100 
between CLK and CLK#
––
50
mV
VIH
Input high voltage
0.7 ×
VDD
––
V
VIL
Input low voltage
0.3 ×
VDD
V
IIH0
Input high current, FS0 pin
Input = VDD
––
115
A
IIH1
Input high current, FS1 pin
Input = VDD
––
10
A
IIL0
Input low current, FS0 pin
Input = VSS
–50
A
IIL1
Input low current, FS1 pin
Input = VSS
–20
A
CIN0
[4]
Input capacitance, FS0 pin
15
pF
CIN1
[4]
Input capacitance, FS1 pin
4
pF


Similar Part No. - CY2XF33FLXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2XF33FLXIT CYPRESS-CY2XF33FLXIT Datasheet
367Kb / 7P
   6-Pin Ceramic LCC SMD - Tape and Reel
CY2XF33FLXIT CYPRESS-CY2XF33FLXIT Datasheet
365Kb / 7P
   High Performance LVDS Oscillator with Frequency Margining - Pin Control
More results

Similar Description - CY2XF33FLXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2XF33 CYPRESS-CY2XF33 Datasheet
365Kb / 7P
   High Performance LVDS Oscillator with Frequency Margining - Pin Control
CY2XF23 CYPRESS-CY2XF23 Datasheet
406Kb / 11P
   High Performance LVDS Oscillator with Frequency Margining - I2C Control
CY2XF23 CYPRESS-CY2XF23_11 Datasheet
490Kb / 16P
   High Performance LVDS Oscillator with Frequency Margining - I2C Control
CY2XF32 CYPRESS-CY2XF32 Datasheet
368Kb / 8P
   High Performance CMOS Oscillator with Frequency Margining - Pin Control
CY2XF32 CYPRESS-CY2XF32_11 Datasheet
268Kb / 10P
   High Performance CMOS Oscillator with Frequency Margining ??Pin Control
CY2XF34 CYPRESS-CY2XF34 Datasheet
419Kb / 10P
   High Performance LVPECL Oscillator with Frequency Margining - Pin Control
CY2XF34_1106 CYPRESS-CY2XF34_1106 Datasheet
231Kb / 12P
   High Performance LVPECL Oscillator with Frequency Margining ??Pin Control
CY2XF24 CYPRESS-CY2XF24_11 Datasheet
385Kb / 17P
   High Performance LVPECL Oscillator with Frequency Margining ??I2C Control
logo
Maxim Integrated Produc...
DS4M125 MAXIM-DS4M125 Datasheet
138Kb / 7P
   3.3V Margining Clock Oscillator with LVPECL/LVDS Output
Rev 0; 12/07
logo
TEMEX
RV1490HF TEMEX-RV1490HF Datasheet
668Kb / 10P
   High Performance High Frequency Fundamental Voltage Control Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com