Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2DP1502SXCT Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY2DP1502SXCT
Description  1:2 LVPECL Fanout Buffer 20-ps maximum output-to-output skew
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2DP1502SXCT Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY2DP1502SXCT Datasheet HTML 1Page - Cypress Semiconductor CY2DP1502SXCT Datasheet HTML 2Page - Cypress Semiconductor CY2DP1502SXCT Datasheet HTML 3Page - Cypress Semiconductor CY2DP1502SXCT Datasheet HTML 4Page - Cypress Semiconductor CY2DP1502SXCT Datasheet HTML 5Page - Cypress Semiconductor CY2DP1502SXCT Datasheet HTML 6Page - Cypress Semiconductor CY2DP1502SXCT Datasheet HTML 7Page - Cypress Semiconductor CY2DP1502SXCT Datasheet HTML 8Page - Cypress Semiconductor CY2DP1502SXCT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
CY2DP1502
Document Number: 001-56308 Rev. *G
Page 4 of 13
DC Electrical Specifications
(VDD = 3.3 V ± 5% or 2.5 V ± 5%; TA = 0 °C to 70 °C (Commercial) or –40 °C to 85 °C (Industrial))
Parameter
Description
Condition
Min
Max
Unit
IDD
Operating supply current
All LVPECL outputs floating (internal IDD)–
45
mA
VIH
Input high voltage, LVPECL inputs
IN and IN#
–VDD + 0.3
V
VIL
Input low voltage, LVPECL inputs
IN and IN#
–0.3
V
VID
[3]
Input differential amplitude
See Figure 2 on page 6
0.4
1.0
V
VICM
Input common mode voltage
See Figure 2 on page 6
0.5
VDD – 0.2
V
IIH
Input high current, LVPECL inputs
IN and IN#
Input = VDD
[4]
150
A
IIL
Input low current, LVPECL inputs
IN and IN#
Input = VSS
[4]
–150
A
VOH
LVPECL output high voltage
Terminated with 50
 to V
DD – 2.0
[5]
VDD – 1.20 VDD – 0.70
V
VOL
LVPECL output low voltage
Terminated with 50
 to V
DD – 2.0
[5]
VDD – 2.0 VDD – 1.63
V
CIN
Input capacitance
Measured at 10 MHz; per pin
3
pF
Notes
3. VID minimum of 400 mV is required to meet all output AC Electrical Specifications. The device is functional with VID minimum of greater than 200 mV.
4. Positive current flows into the input pin, negative current flows out of the input pin.
5. Refer to Figure 3 on page 6.


Similar Part No. - CY2DP1502SXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2DP1504 CYPRESS-CY2DP1504 Datasheet
301Kb / 14P
   1:4 LVPECL Fanout Buffer with Selectable Clock Input
CY2DP1504ZXC CYPRESS-CY2DP1504ZXC Datasheet
301Kb / 14P
   1:4 LVPECL Fanout Buffer with Selectable Clock Input
CY2DP1504ZXCT CYPRESS-CY2DP1504ZXCT Datasheet
301Kb / 14P
   1:4 LVPECL Fanout Buffer with Selectable Clock Input
CY2DP1504ZXI CYPRESS-CY2DP1504ZXI Datasheet
301Kb / 14P
   1:4 LVPECL Fanout Buffer with Selectable Clock Input
CY2DP1504ZXIT CYPRESS-CY2DP1504ZXIT Datasheet
301Kb / 14P
   1:4 LVPECL Fanout Buffer with Selectable Clock Input
More results

Similar Description - CY2DP1502SXCT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT8T53S111I RENESAS-IDT8T53S111I Datasheet
841Kb / 19P
   1:10 LVPECL Output Fanout Buffer
2019
logo
Cypress Semiconductor
CY2DM1502 CYPRESS-CY2DM1502 Datasheet
285Kb / 12P
   1:2 CML / LVPECL Input to CML Output Fanout Buffer
logo
Integrated Device Techn...
8SLVP1204 IDT-8SLVP1204_18 Datasheet
580Kb / 24P
   LVPECL Output Fanout Buffer
8SLVP1104I IDT-8SLVP1104I_18 Datasheet
458Kb / 21P
   LVPECL Output Fanout Buffer
8SLVP1102I IDT-8SLVP1102I_18 Datasheet
462Kb / 21P
   LVPECL Output Fanout Buffer
logo
Pericom Semiconductor C...
PI6C485311 PERICOM-PI6C485311_06 Datasheet
370Kb / 6P
   3.3V Low Skew 1-to-2 Differential to LVPECL Fanout Buffer
PI6C485311WE PERICOM-PI6C485311WE Datasheet
370Kb / 6P
   3.3V Low Skew 1-to-2 Differential to LVPECL Fanout Buffer
logo
Diodes Incorporated
PI6C5912016 DIODES-PI6C5912016 Datasheet
1Mb / 14P
   16 Output LVPECL Fanout Buffer
PI6C5912012 DIODES-PI6C5912012 Datasheet
1Mb / 15P
   12 Output LVPECL Fanout Buffer
logo
Integrated Device Techn...
8302I-01 IDT-8302I-01 Datasheet
247Kb / 8P
   Low Skew, 1-to-2 LVCMOS / LVTTL Fanout Buffer W/ Complementary Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com