Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB95220 Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # MB95220
Description  Low-Pin-Count Microcontrollers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB95220 Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  MB95220 Datasheet HTML 1Page - Fujitsu Component Limited. MB95220 Datasheet HTML 2Page - Fujitsu Component Limited. MB95220 Datasheet HTML 3Page - Fujitsu Component Limited. MB95220 Datasheet HTML 4Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
FUjITSU SEMICONDUCTOR AMERICA, INC.
Corporate Headquarters
1250 E. Arques Avenue, M/S 333, Sunnyvale, CA 94085-5401
Tel: (800) 866-8608 Fax: (408) 737-5999
E-mail: FSA_inquiry@us.fujitsu.com | Website: http://us.fujitsu.com/semi
©2011 Fujitsu Semiconductor America, Inc.
All company and product names are trademarks or registered
trademarks of their respective owners.
Printed in the U.S.A. MCU-FS-21376-06/2011
8
Development Kit0
Low-Pin-Count Microcontrollers
MB95200, MB95300 and MB95400 Series
Product Number Guide0
Part #
MB95F202
MB95F212
MB95F222
MB95F262
MB95F272
MB95F282
MB95F332
MB95F352
MB95F203
MB95F213
MB95F223
MB95F263
MB95F273
MB95F283
MB95F333
MB95F353
MB95F204
MB95F214
MB95F264
MB95F274
MB95F284
MB95F314
MB95F374
MB95F354
MB95F394
MB95F434
MB95F334
MB95F316
MB95F376
MB95F396
MB95F318
MB95F378
MB95F398
ROM
(KB)
4
8
8
12
16
20
20
36
60
RAM
(bytes)
240
240
496
496
496
496
1008
1008
2032
Emulator Overview
Low cost
Small size (about 100mm x 70mm)
USB interface to PC to run or debug SOFTUNE™
Starter Kit Overview Features
Bundled with starter kit for emulator adapter, SOFTUNE™
User can evaluate the MB95200 and MB95300 MCUs and
its peripherals based on starter kit board and sample codes
SOFTUNE™ Debug System Platform
Free Internet IDE download
No size or time restriction on compiler IDE usage
IDE is bundled with C-compiler, assembler, linker, simulator,
emulator, and monitor debugger
Starter Kit / Evaluation Board Part Numbers
MB2146-410A-01-E: MB95200 series
MB2146-420A-01-E: MB95260 series with EEPROM
emulation
MB2146-440-E: MB95330 series with motor control
MB2146-441-E: MB95390 series with motor control
MB2146-450-E: MB95310 series with LCDC
MB2146-451-E: MB95370 series with LCDC
MB2146-460-E: MB95350 series with I2C host and slave
communication
FMCDC-MB95260H-EK-01: MB95260 series with EEPROM
emulation


Similar Part No. - MB95220

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB95220H CYPRESS-MB95220H Datasheet
2Mb / 58P
   F2MC-8FX 8-bit Microcontroller
More results

Similar Description - MB95220

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T83C5101 ATMEL-T83C5101_03 Datasheet
740Kb / 58P
   8-bit Low Pin Count Microcontrollers
T83C5101 ATMEL-T83C5101_08 Datasheet
678Kb / 58P
   8-bit Low Pin Count Microcontrollers
logo
Microchip Technology
PIC16F18455 MICROCHIP-PIC16F18455 Datasheet
8Mb / 706P
   28-Pin Full-Featured, Low Pin Count Microcontrollers with XLP
2019
PIC16F1614 MICROCHIP-PIC16F1614 Datasheet
415Kb / 19P
   Full-Featured, Low Pin Count, High-Temperature Microcontrollers
Revision A 2/2019
logo
TEMIC Semiconductors
T87C5101 TEMIC-T87C5101 Datasheet
243Kb / 52P
   8-bit Low pin count Microcontrollers, 0-66 MHz
logo
Microchip Technology
PIC16F18425 MICROCHIP-PIC16F18425 Datasheet
10Mb / 708P
   14/20-Pin Full-Featured, Low Pin Count Microcontrollers with XLP
2019
PIC16F18424 MICROCHIP-PIC16F18424 Datasheet
10Mb / 707P
   14/20-Pin Full-Featured, Low Pin Count Microcontrollers with XLP
2019
PIC16F18426 MICROCHIP-PIC16F18426 Datasheet
10Mb / 708P
   14/20-Pin Full-Featured, Low Pin Count Microcontrollers with XLP
2019
PIC16F15213 MICROCHIP-PIC16F15213_V01 Datasheet
9Mb / 439P
   PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
Doc Rev. E Date 6/2022
PIC24FJ64GP205 MICROCHIP-PIC24FJ64GP205 Datasheet
8Mb / 809P
   16-Bit eXtreme Low-Power Microcontrollers with USB in Low Pin Count Packages
Revision D (March 2022)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com