Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-K3JB048W-HC Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # FTR-K3JB048W-HC
Description  POWER RELAY 1 POLE - 20A Heavy Load
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-K3JB048W-HC Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  FTR-K3JB048W-HC Datasheet HTML 1Page - Fujitsu Component Limited. FTR-K3JB048W-HC Datasheet HTML 2Page - Fujitsu Component Limited. FTR-K3JB048W-HC Datasheet HTML 3Page - Fujitsu Component Limited. FTR-K3JB048W-HC Datasheet HTML 4Page - Fujitsu Component Limited. FTR-K3JB048W-HC Datasheet HTML 5Page - Fujitsu Component Limited. FTR-K3JB048W-HC Datasheet HTML 6Page - Fujitsu Component Limited. FTR-K3JB048W-HC Datasheet HTML 7Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
FTR-K1 SERIES
FTR-K3 SERIES
FTR-K3-HC type
Electrical life tests (resistive load)
n
DIMENSIONS
FTR-K3 JB type
FTR-K3 AB type
l
Dimensions
l
PC board mounting
hole layout
(BOTTOM VIEW)
l
Schematics
l
Dimensions
l
PC board mounting
hole layout
(BOTTOM VIEW)
l
Schematics


Similar Part No. - FTR-K3JB048W-HC

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-K3JB048W FUJITSU-FTR-K3JB048W Datasheet
71Kb / 4P
   POWER RELAY 20A type Relay
FTR-K3JB048W FUJITSU-FTR-K3JB048W Datasheet
686Kb / 8P
   POWER RELAY 1 POLE - 20A Heavy Load
More results

Similar Description - FTR-K3JB048W-HC

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-K3 FUJITSU-FTR-K3_10 Datasheet
686Kb / 8P
   POWER RELAY 1 POLE - 20A Heavy Load
FTR-K3F FUJITSU-FTR-K3F Datasheet
335Kb / 8P
   POWER RELAY 1 POLE - 25A Heavy Load Control
VSB-12STB FUJITSU-VSB-12STB Datasheet
633Kb / 7P
   POWER RELAY 1 POLE-16 A (HEAVY POWER CONTROL)
VRB-12 FUJITSU-VRB-12 Datasheet
98Kb / 5P
   POWER RELAY 1 POLE-15 A (HEAVY POWER CONTROL)
JS-24E-K FUJITSU-JS-24E-K Datasheet
527Kb / 7P
   POWER RELAY 1 POLE - 8A Medium Load Control
JS-12-KT FUJITSU-JS-12-KT Datasheet
618Kb / 8P
   POWER RELAY 1 POLE - 8A Medium Load Control
logo
List of Unclassifed Man...
JV-KS ETC1-JV-KS Datasheet
1Mb / 7P
   POWER RELAY 1 POLE - 10A Medium Load Control
logo
Fujitsu Component Limit...
FTR-K2G FUJITSU-FTR-K2G Datasheet
452Kb / 8P
   POWER RELAY 1 POLE-20A (Contact Gap 3.0mm type)
JV-3S-KT FUJITSU-JV-3S-KT Datasheet
606Kb / 8P
   POWER RELAY 1 POLE - 5A/10A Medium Load Control
VE-12HMSE-K-HV-VD FUJITSU-VE-12HMSE-K-HV-VD Datasheet
358Kb / 8P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com