Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-LYAA005YSK Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # FTR-LYAA005YSK
Description  POWER RELAY 1 POLE - 6A Slim Type (Medium Load Control)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-LYAA005YSK Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  FTR-LYAA005YSK Datasheet HTML 1Page - Fujitsu Component Limited. FTR-LYAA005YSK Datasheet HTML 2Page - Fujitsu Component Limited. FTR-LYAA005YSK Datasheet HTML 3Page - Fujitsu Component Limited. FTR-LYAA005YSK Datasheet HTML 4Page - Fujitsu Component Limited. FTR-LYAA005YSK Datasheet HTML 5Page - Fujitsu Component Limited. FTR-LYAA005YSK Datasheet HTML 6Page - Fujitsu Component Limited. FTR-LYAA005YSK Datasheet HTML 7Page - Fujitsu Component Limited. FTR-LYAA005YSK Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
FTR-K1 SERIES
n
FEATURES
l
Slim 15.0mm (h) x 5.0 mm (w) x 28.0mm (l)
l
1 form C and right angle type available
l
Mounting space: 140mm2, weight: 5.0g
l
High insulation in small package
Insulation distance (between coil and contacts): 8mm
(creepage/clearance)
Dielectric strength: 4,000 VAC
Surge strength: 6,000V
l
Plastic sealed type RTIII
l
UL, CSA, VDE, SEMKO, FIMKO, DEMKO, NEMKO
compliance
l
Socket type available
l
RoHS compliant
Please see page 7 for more information
Actual marking does not carry the type name : "FTR" and "SK"
E.g.: Ordering code: FTR-LYAA005Y-SK Actual marking: LYAA005Y
FTR-LY Series
POWER RELAY
1 POLE - 6A Slim Type (Medium Load Control)
n
PARTNUMBER INFORMATION
FTR-LY
A
A
005
Y - SK
[Example]
(a)
(b)
(c)
(d) (e)
(f)
(a)
Relay type
FTR-LY : FTR-LY-Series
(b)
Contactconfiguration
A
:1formA
C
: 1 form C
P
: 1 form A (right angle type)
R
: 1 form C (right angle type)
(c)
Coil type
A
: Standard type (170mW)
(d)
Coil rated voltage
005
: 5.....60 VDC
Coil rating table at page 3
(e)
Contact material
E
: AgNi
Y
: AgSnO
2
V
: AgSnO
2 + Au (0.3µm)
(f)
Special type
Nil
: PCB mounting type
SK
:Socketmountingtype(onlycontactconfigurationAandC


Similar Part No. - FTR-LYAA005YSK

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-LYAA005YSK FUJITSU-FTR-LYAA005YSK Datasheet
416Kb / 7P
   POWER RELAY 1 POLE - 6A (Medium Load Control) SLIM TYPE
FTR-LYAA005YSK FUJITSU-FTR-LYAA005YSK Datasheet
618Kb / 10P
   POWER RELAY 1 POLE - 6A (MEDIUM LOAD CONTROL) SLIM TYPE
More results

Similar Description - FTR-LYAA005YSK

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-LY FUJITSU-FTR-LY Datasheet
416Kb / 7P
   POWER RELAY 1 POLE - 6A (Medium Load Control) SLIM TYPE
FTR-LY FUJITSU-FTR-LY_09 Datasheet
618Kb / 10P
   POWER RELAY 1 POLE - 6A (MEDIUM LOAD CONTROL) SLIM TYPE
logo
List of Unclassifed Man...
JV-KS ETC1-JV-KS Datasheet
1Mb / 7P
   POWER RELAY 1 POLE - 10A Medium Load Control
logo
Fujitsu Component Limit...
JS-24E-K FUJITSU-JS-24E-K Datasheet
527Kb / 7P
   POWER RELAY 1 POLE - 8A Medium Load Control
JS-12-KT FUJITSU-JS-12-KT Datasheet
618Kb / 8P
   POWER RELAY 1 POLE - 8A Medium Load Control
JV-3S-KT FUJITSU-JV-3S-KT Datasheet
606Kb / 8P
   POWER RELAY 1 POLE - 5A/10A Medium Load Control
JV-12-KT FUJITSU-JV-12-KT Datasheet
404Kb / 7P
   POWER RELAY 1 POLE - 5 A (MEDIUM LOAD CONTROL)
VE-24H FUJITSU-VE-24H Datasheet
127Kb / 6P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
VE-12HMSE-K-HV-VD FUJITSU-VE-12HMSE-K-HV-VD Datasheet
358Kb / 8P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
JS-5M-K-V3 FUJITSU-JS-5M-K-V3 Datasheet
740Kb / 9P
   POWER RELAY 1 POLE-8 A (MEDIUM LOAD CONTROL)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com