Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB95R203APF-G-JNE2 Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MB95R203APF-G-JNE2
Description  8-bit Proprietary Microcontrollers
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB95R203APF-G-JNE2 Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MB95R203APF-G-JNE2 Datasheet HTML 1Page - Fujitsu Component Limited. MB95R203APF-G-JNE2 Datasheet HTML 2Page - Fujitsu Component Limited. MB95R203APF-G-JNE2 Datasheet HTML 3Page - Fujitsu Component Limited. MB95R203APF-G-JNE2 Datasheet HTML 4Page - Fujitsu Component Limited. MB95R203APF-G-JNE2 Datasheet HTML 5Page - Fujitsu Component Limited. MB95R203APF-G-JNE2 Datasheet HTML 6Page - Fujitsu Component Limited. MB95R203APF-G-JNE2 Datasheet HTML 7Page - Fujitsu Component Limited. MB95R203APF-G-JNE2 Datasheet HTML 8Page - Fujitsu Component Limited. MB95R203APF-G-JNE2 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
Copyright©2010-2011 FUJITSU SEMICONDUCTOR LIMITED All rights reserved
2011.3
FUJITSU SEMICONDUCTOR
DATA SHEET
8-bit Proprietary Microcontrollers
CMOS
F2MC-8FX MB95R203A
MB95R203A
■ DESCRIPTION
The MB95R203A is general-purpose, single-chip microcontrollers. In addition to a compact instruction set,
the microcontrollers contain a variety of peripheral functions.
Note : F2MC is the abbreviation of FUJITSU Flexible Microcontroller.
■ FEATURES
• F2MC-8FX CPU core
Instruction set optimized for controllers
• Multiplication and division instructions
• 16-bit arithmetic operations
• Bit test branch instruction
• Bit manipulation instructions etc.
• Clock
• Selectable Main clock source
Main OSC clock (Up to 10 MHz, Maximum Machine clock frequency is 5 MHz)
External clock (Up to 20 MHz, Maximum Machine clock frequency is 10 MHz)
Internal main CR clock (Typ 1/8 MHz, Maximum Machine clock frequency is 8 MHz)
• Selectable Sub clock source
Sub OSC clock (32 kHz)
Sub internal CR clock (Typ : 100 kHz, Min : 50 kHz, Max : 200 kHz)
(Continued)
DS07-12630-2E


Similar Part No. - MB95R203APF-G-JNE2

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB95R203 FUJITSU-MB95R203 Datasheet
315Kb / 56P
   8-bit Proprietary Microcontrollers
MB95R203P-G-SH-JNE2 FUJITSU-MB95R203P-G-SH-JNE2 Datasheet
315Kb / 56P
   8-bit Proprietary Microcontrollers
MB95R203PF-G-JNE2 FUJITSU-MB95R203PF-G-JNE2 Datasheet
315Kb / 56P
   8-bit Proprietary Microcontrollers
More results

Similar Description - MB95R203APF-G-JNE2

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB95100A FUJITSU-MB95100A Datasheet
666Kb / 59P
   8-bit Proprietary Microcontrollers
MB95110M FUJITSU-MB95110M Datasheet
797Kb / 64P
   8-bit Proprietary Microcontrollers
MB95120 FUJITSU-MB95120 Datasheet
776Kb / 67P
   8-bit Proprietary Microcontrollers
MB95130M FUJITSU-MB95130M Datasheet
521Kb / 63P
   8-bit Proprietary Microcontrollers
MB95100B FUJITSU-MB95100B Datasheet
824Kb / 69P
   8-bit Proprietary Microcontrollers
MB95110B FUJITSU-MB95110B_1 Datasheet
853Kb / 68P
   8-bit Proprietary Microcontrollers
MB89583B FUJITSU-MB89583B Datasheet
600Kb / 42P
   8-bit Proprietary Microcontrollers
MICONDUCTOR FUJITSU-MICONDUCTOR Datasheet
516Kb / 37P
   8-bit Proprietary Microcontrollers
MB89580B FUJITSU-MB89580B Datasheet
403Kb / 37P
   8-bit Proprietary Microcontrollers
MB89890 FUJITSU-MB89890 Datasheet
425Kb / 45P
   8-bit Proprietary Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com