Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JSLD6MNK Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # JSLD6MNK
Description  POWER RELAY 1 POLE - 8A Polarized Latching Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

JSLD6MNK Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  JSLD6MNK Datasheet HTML 1Page - Fujitsu Component Limited. JSLD6MNK Datasheet HTML 2Page - Fujitsu Component Limited. JSLD6MNK Datasheet HTML 3Page - Fujitsu Component Limited. JSLD6MNK Datasheet HTML 4Page - Fujitsu Component Limited. JSLD6MNK Datasheet HTML 5Page - Fujitsu Component Limited. JSLD6MNK Datasheet HTML 6Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
FTR-K1 SERIES
n
SPECIFICATION
*Minimumswitchingloadsmentionedabovearereferencevalues.Pleaseperformtheconfirmationtestwithactualload
beforeproductionsincereferencevaluesmayvaryaccordingtoswitchingfrequencies,environmentalconditionsandexpected
reliability levels.
JSL SERIES
Item
JSL (1 coil)
JSL (2 coils)
Contact Data Configuration
1formA,1formC
Construction
Single
Material
AgSnO
2+Auplated
Resistance (initial)
Max.100mΩat6VDC,1A
Contact rating (at resistive load)
8A,250VAC/24VDC
Max.carryingcurrent
10A
Max.switchingvoltage
400VAC/150VDC
Max.switchingpower
2,000VA/192W
Max.switchingcurrent
10A
Min.switchingload*
100mA,5VDC
Life
Mechanical
Min.5x106 operations
Electrical
Min.50x103 operations
Coil Data
Ratedpower(at20°C)
220mW(24Vcoil,250mW)
480mW
Operatingtemperaturerange
-40°Cto+70°C(nofrost)
TimingData
Set/reset(atnominalcoilvoltage)
Max.10ms(nobounceincluded)
Exitationtime(atnominalcoilvoltage)
Min.20ms
Insulation
Resistance (initial)
Min.1,000MOhmat500VDC
Dielectric strength
Opencontacts
1,000VAC(50/60Hz)1min
Contacts to coil
5,000VAC(50/60Hz)1min
Surgestrength
Coil to contacts
10,000V/1.2x50µsstandardwave
Clearance
8mm
Creepage
8mm
Other
Vibration resistance
Misoperation>1us
10to55Hzdoubleamplitude2mm
Endurance
10to55Hzdoubleamplitude3mm
Shock
Misoperation>1us
Min.200m/s²(11±1ms)
Endurance
Min.1,000m/s²(6±1ms)
Weight
Approximately8g


Similar Part No. - JSLD6MNK

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
JSLD12MN-K FUJITSU-JSLD12MN-K Datasheet
974Kb / 6P
   POWER RELAY 1 POLE - 8A Polarized Latching Type
JSLD12N-K FUJITSU-JSLD12N-K Datasheet
974Kb / 6P
   POWER RELAY 1 POLE - 8A Polarized Latching Type
More results

Similar Description - JSLD6MNK

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
JSL FUJITSU-JSL Datasheet
974Kb / 6P
   POWER RELAY 1 POLE - 8A Polarized Latching Type
JSL-21161 FUJITSU-JSL-21161 Datasheet
203Kb / 8P
   POWER RELAY 1 POLE - 8A Polarized Latching Type
FTR-F1L FUJITSU-FTR-F1L Datasheet
336Kb / 5P
   POWER RELAY 2 POLES - 8A Polarized Latching Relay
FTR-K3L-WG FUJITSU-FTR-K3L-WG Datasheet
386Kb / 8P
   POWER RELAY 1 POLE - 25A - Latching relay
FTR-K3L FUJITSU-FTR-K3L Datasheet
234Kb / 7P
   POWER RELAY 1 POLE - 25A Latching Relay
logo
ZETTLER Electronics
AZ833P ZETTLER-AZ833P Datasheet
265Kb / 4P
   MICROMINIATURE POLARIZED LATCHING RELAY
AZ833P ZETTLER-AZ833P_13 Datasheet
294Kb / 4P
   MICROMINIATURE POLARIZED LATCHING RELAY
logo
Tyco Electronics
MT2RELAY MACOM-MT2RELAY Datasheet
274Kb / 9P
   2 POLE TELECOM SIGNAL RELAY THROUGH HOLE TYPE(THT) NON-POLARIZED NON-LATCHING 1 COIL
5-1462000-5 MACOM-5-1462000-5 Datasheet
472Kb / 9P
   2 pole telecom/signal relay Through Hole Type (THT) Non-polarized. non-latching 1 coil
MT2-C93403 MACOM-MT2-C93403 Datasheet
488Kb / 9P
   2 pole telecom/signal relay Through Hole Type (THT) Non-polarized. non-latching 1 coil
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com