Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-K3JB006W-LS Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # FTR-K3JB006W-LS
Description  POWER RELAY 1 POLE - 20A Heavy Load
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-K3JB006W-LS Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  FTR-K3JB006W-LS Datasheet HTML 1Page - Fujitsu Component Limited. FTR-K3JB006W-LS Datasheet HTML 2Page - Fujitsu Component Limited. FTR-K3JB006W-LS Datasheet HTML 3Page - Fujitsu Component Limited. FTR-K3JB006W-LS Datasheet HTML 4Page - Fujitsu Component Limited. FTR-K3JB006W-LS Datasheet HTML 5Page - Fujitsu Component Limited. FTR-K3JB006W-LS Datasheet HTML 6Page - Fujitsu Component Limited. FTR-K3JB006W-LS Datasheet HTML 7Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
FTR-K1 SERIES
n
COIL RATING
Type
Compliance
Contact rating
FTR-K3
FTR-K3-LS
FTR-K3-HC
UL
UL508
No. E63614
20A, 277VAC (resistive at 60 °C)
1hp, 125VAC (at 60 °C)
2hp, 277VAC (100,000 ops. at 60 °C)
25A, 277VAC
(resistive at 60 °C)
1hp, 125VAC (at 60 °C)
2hp, 277VAC (100,000 ops.
at 60 °C)
CSA
C22.2 No. 14
No. LR40304
20A, 277VAC (resistive)
1hp, 125VAC
2hp, 277VAC (100,000
ops.)
-
25A, 277VAC (resistive)
1hp, 125VAC
2hp, 277VAC (100,000
ops.)
VDE
IEC61810-1
20A, 250VAC (cos
φ=1) 60 °C
25A, 250VAC (cos
φ=1)
60 °C
CQC
GB15092-1
GB8898
GB/T21711.1
No. 04001009179
20A, 250VAC
-
25A, 250VAC
SEMKO
EN61058-1
EN61095
20A, 250VAC, 40T60/
20 (13.33) A
250VAC, 40T60
20/200A
100VAC, 40T60
-
-
TUV
EN61810-1
IEC61810-1
-
20A, 250VAC (cos
φ=1)
60 °C
-
n
SAFETY STANDARDS
FTR-K3 SERIES
Coil
Code
Rated Coil
Voltage
(VDC)
Coil Resistance
+/- 10% (Ohm)
Must Operate
Voltage
(VDC) *
Must Release-
Voltage
(VDC) *
Rated Power
(mW)
005
5
32
3.5
0.5
780
006
6
46
4.2
0.6
009
9
105
6.3
0.9
012
12
185
8.4
1.2
018
18
415
12.6
1.8
024
24
740
16.8
2.4
048
48
2,955
33.6
4.8
Note: All values in the table are valid for 20°C and zero contact current.
*Specifiedoperatevaluesarevalidforpulsewavevoltage.


Similar Part No. - FTR-K3JB006W-LS

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-K3JB006W FUJITSU-FTR-K3JB006W Datasheet
71Kb / 4P
   POWER RELAY 20A type Relay
FTR-K3JB006W FUJITSU-FTR-K3JB006W Datasheet
686Kb / 8P
   POWER RELAY 1 POLE - 20A Heavy Load
More results

Similar Description - FTR-K3JB006W-LS

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-K3 FUJITSU-FTR-K3_10 Datasheet
686Kb / 8P
   POWER RELAY 1 POLE - 20A Heavy Load
FTR-K3F FUJITSU-FTR-K3F Datasheet
335Kb / 8P
   POWER RELAY 1 POLE - 25A Heavy Load Control
VSB-12STB FUJITSU-VSB-12STB Datasheet
633Kb / 7P
   POWER RELAY 1 POLE-16 A (HEAVY POWER CONTROL)
VRB-12 FUJITSU-VRB-12 Datasheet
98Kb / 5P
   POWER RELAY 1 POLE-15 A (HEAVY POWER CONTROL)
JS-24E-K FUJITSU-JS-24E-K Datasheet
527Kb / 7P
   POWER RELAY 1 POLE - 8A Medium Load Control
JS-12-KT FUJITSU-JS-12-KT Datasheet
618Kb / 8P
   POWER RELAY 1 POLE - 8A Medium Load Control
logo
List of Unclassifed Man...
JV-KS ETC1-JV-KS Datasheet
1Mb / 7P
   POWER RELAY 1 POLE - 10A Medium Load Control
logo
Fujitsu Component Limit...
FTR-K2G FUJITSU-FTR-K2G Datasheet
452Kb / 8P
   POWER RELAY 1 POLE-20A (Contact Gap 3.0mm type)
JV-3S-KT FUJITSU-JV-3S-KT Datasheet
606Kb / 8P
   POWER RELAY 1 POLE - 5A/10A Medium Load Control
VE-12HMSE-K-HV-VD FUJITSU-VE-12HMSE-K-HV-VD Datasheet
358Kb / 8P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com