Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB89R118C1-DI15 Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # MB89R118C1-DI15
Description  ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID family
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89R118C1-DI15 Datasheet(HTML) 6 Page - Fujitsu Component Limited.

Back Button MB89R118C1-DI15 Datasheet HTML 2Page - Fujitsu Component Limited. MB89R118C1-DI15 Datasheet HTML 3Page - Fujitsu Component Limited. MB89R118C1-DI15 Datasheet HTML 4Page - Fujitsu Component Limited. MB89R118C1-DI15 Datasheet HTML 5Page - Fujitsu Component Limited. MB89R118C1-DI15 Datasheet HTML 6Page - Fujitsu Component Limited. MB89R118C1-DI15 Datasheet HTML 7Page - Fujitsu Component Limited. MB89R118C1-DI15 Datasheet HTML 8Page - Fujitsu Component Limited. MB89R118C1-DI15 Datasheet HTML 9Page - Fujitsu Component Limited. MB89R118C1-DI15 Datasheet HTML 10Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
MB89R118C
6
DS411-00001-1v0-E
2.
Application Family Identifier (AFI)
The application family identifier (AFI) identifies the type of application set by the transponder.
The AFI can be written with a command. The AFI is 8-bit data and is stored in the system area of FRAM.
The factory default setting of the AFI is “00H”.
• Types of AFI
* : Reserved for future use
Note : Both X value and Y value are “1” to “F”.
In the status of the AFI_flag setting;
• If the AFI is not supported by the transponder, no response to all requests is returned.
• If the AFI is supported by the transponder, the response is returned only if the value is in accord with
the AFIsent from a reader/writer.
3.
Data Storage Format Identifier (DSFID)
The data storage format identifier (DSFID) indicates how data is structured in the transponder (LSI memory
device). The DSFID can be programmed with a command.
The DSFID is 8-bit data and is stored in the system area of FRAM. The factory default setting of the DSFID
is “01H”.
Application
Family
(bit 8 to bit 5)
Application
Sub-Family
(bit 4 to bit 1)
Application Use Field
Example/Note
“0”
“0”
All families and sub-families
No application preselection
X
“0”
All sub-families of family X
Wide applicative preselection
X
Y
Only the Yth sub-families of family X
“0”
Y
All families of Yth sub-families
“1”
“0”, Y
Transport
Mass transit, bus, airline
“2”
“0”, Y
Financial
IEP, banking, retail
“3”
“0”, Y
Identification
Access control
“4”
“0”, Y
Telecommunication
Public telephone, GSM
“5”
“0”, Y
Medical
“6”
“0”, Y
Multimedia
Internet services
“7”
“0”, Y
Gaming
“8”
“0”, Y
Data storage
Portable files
“9”
“0”, Y
EAN-UCC system for
application identifiers
Managed by ISO/IEC JTC1/SC31
“A”
“0”, Y
ISO/IEC JTC1/SC31
Data identifiers as defined in
ISO/IEC15418
“B”
“0”, Y
IATA
Managed by ISO/IEC JTC1/SC31
“C”
“0”, Y
UPU
Managed by ISO/IEC JTC1/SC31
“D”
“0”, Y
RFU*
Managed by ISO/IEC JTC1/SC31
“E”
“0”, Y
Managed by ISO/IEC JTC1/SC31
“F”
“0”, Y
Managed by ISO/IEC JTC1/SC31


Similar Part No. - MB89R118C1-DI15

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89R118 FUJITSU-MB89R118 Datasheet
401Kb / 45P
   ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID family
MB89R118 FUJITSU-MB89R118 Datasheet
486Kb / 48P
   ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID familyTM
MB89R118A-DI15 FUJITSU-MB89R118A-DI15 Datasheet
401Kb / 45P
   ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID family
MB89R118 FUJITSU-MB89R118_06 Datasheet
486Kb / 48P
   ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID familyTM
More results

Similar Description - MB89R118C1-DI15

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89R118 FUJITSU-MB89R118 Datasheet
401Kb / 45P
   ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID family
MB89R118 FUJITSU-MB89R118_06 Datasheet
486Kb / 48P
   ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID familyTM
MB89R119 FUJITSU-MB89R119 Datasheet
691Kb / 44P
   ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID familyTM
ISO15693 FUJITSU-ISO15693 Datasheet
456Kb / 45P
   High-speed RFID LSI FerVID family
logo
Omron Electronics LLC
V680 OMRON-V680 Datasheet
16Mb / 59P
   RFID Systems with ISO/IEC 18000-3(15693) Compliance
logo
List of Unclassifed Man...
RWM600 ETC1-RWM600 Datasheet
123Kb / 1P
   ISO/IEC 15693 READER MODULE
logo
Maxim Integrated Produc...
MAX66140 MAXIM-MAX66140 Datasheet
191Kb / 21P
   ISO 15693-Compliant Secure Memory
Rev 1; 1/11
MAX66901EVKIT MAXIM-MAX66901EVKIT Datasheet
573Kb / 4P
   High-Frequency Developers Kit for ISO 14443B and ISO 15693 RFID Keys
Rev 1; 2/10
logo
AMIC Technology
A9211B AMICC-A9211B Datasheet
266Kb / 15P
   ISO/IEC 14443A RFID TAG IC
A9213A AMICC-A9213A Datasheet
112Kb / 12P
   ISO/IEC 14443A RFID TAG IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com