Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB85RC64PNF-G-JNE1 Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # MB85RC64PNF-G-JNE1
Description  Memory FRAM 64 K (8 K x 8) Bit I2C
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB85RC64PNF-G-JNE1 Datasheet(HTML) 6 Page - Fujitsu Component Limited.

Back Button MB85RC64PNF-G-JNE1 Datasheet HTML 2Page - Fujitsu Component Limited. MB85RC64PNF-G-JNE1 Datasheet HTML 3Page - Fujitsu Component Limited. MB85RC64PNF-G-JNE1 Datasheet HTML 4Page - Fujitsu Component Limited. MB85RC64PNF-G-JNE1 Datasheet HTML 5Page - Fujitsu Component Limited. MB85RC64PNF-G-JNE1 Datasheet HTML 6Page - Fujitsu Component Limited. MB85RC64PNF-G-JNE1 Datasheet HTML 7Page - Fujitsu Component Limited. MB85RC64PNF-G-JNE1 Datasheet HTML 8Page - Fujitsu Component Limited. MB85RC64PNF-G-JNE1 Datasheet HTML 9Page - Fujitsu Component Limited. MB85RC64PNF-G-JNE1 Datasheet HTML 10Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
MB85RC64
6
DS05–13109–3E
■ DEVICE ADDRESS WORD (Slave address)
Following the start condition, the bus master sends the 8bits device address word (Slave address) to start
I2C communication. The device address word (8bits) consists of a device Type code (4bits), device address
code (3bits), and a read/write code (1bit).
• Device Type Code (4bits)
The upper 4 bits of the device address word are a device type code that identifies the device type, and are
fixed at “1010” for the MB85RC64.
• Device Address Code (3bits)
Following the device type code, the 3 bits of the device address code are input in order of A2, A1, and A0.
Each MB85RC64 is given a unique 3bits code on the device address pin (external hardware pin A2, A1, and
A0). When the device address code is received by the slave device, the slave only responds if the hardware
device address of which is equal to its unique 3bits code.
• Read/Write Code (1bit)
The 8th bit of the device address word is the R/W (read/write) code. When the R/W code is “0”, a write
operation is enabled, and the R/W code is “1”, a read operation is enabled for the MB85RC64.
It turns to a stand-by state if the device code is not “1010” or device address code does not equal to pins
A2, A1, and A0.


Similar Part No. - MB85RC64PNF-G-JNE1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85RC64PNF-G-JNE1 FUJITSU-MB85RC64PNF-G-JNE1 Datasheet
143Kb / 20P
   64 K (8 K 횞 8) Bit I2C
More results

Similar Description - MB85RC64PNF-G-JNE1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85RS64A FUJITSU-MB85RS64A Datasheet
224Kb / 20P
   Memory FRAM 64 K (8 K x 8) Bit SPI
MB85RC128 FUJITSU-MB85RC128 Datasheet
142Kb / 20P
   Memory FRAM 128 K (16 K x 8) Bit I2C
MB85RC16 FUJITSU-MB85RC16 Datasheet
138Kb / 20P
   Memory FRAM 16 K (2 K x 8) Bit I2C
MB85RS256A FUJITSU-MB85RS256A Datasheet
224Kb / 20P
   Memory FRAM 256 K (32 K x 8) Bit SPI
MB85RC64PNF-G FUJITSU-MB85RC64PNF-G Datasheet
143Kb / 20P
   64 K (8 K 횞 8) Bit I2C
MB85RC64TAPNF-G FUJITSU-MB85RC64TAPNF-G Datasheet
200Kb / 27P
   64 K (8 K 횞 8) Bit I2C
MB85RC64APNF-G FUJITSU-MB85RC64APNF-G Datasheet
287Kb / 28P
   64 K (8 K 횞 8) Bit I2C
MB85RS128A FUJITSU-MB85RS128A Datasheet
224Kb / 20P
   Memory FRAM 128K (16 K x 8) Bit SPI
MB85R256H FUJITSU-MB85R256H Datasheet
277Kb / 14P
   Memory FRAM CMOS 256 K (32 K 횞 8) Bit
MB85R1001A FUJITSU-MB85R1001A Datasheet
206Kb / 16P
   Memory FRAM CMOS 1 M Bit (128 K x 8)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com