Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-K3AB006W-WG Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # FTR-K3AB006W-WG
Description  POWER RELAY 1 POLE - 25A - 1.5mm contact gap
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-K3AB006W-WG Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  FTR-K3AB006W-WG Datasheet HTML 1Page - Fujitsu Component Limited. FTR-K3AB006W-WG Datasheet HTML 2Page - Fujitsu Component Limited. FTR-K3AB006W-WG Datasheet HTML 3Page - Fujitsu Component Limited. FTR-K3AB006W-WG Datasheet HTML 4Page - Fujitsu Component Limited. FTR-K3AB006W-WG Datasheet HTML 5Page - Fujitsu Component Limited. FTR-K3AB006W-WG Datasheet HTML 6Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
FTR-K1 SERIES
n
SPECIFICATION
Item
FTR-K3-WG
Contact
Data
Configuration
1 form A
Material
Silver tin oxide (AgSnO
2)
Resistance (initial)
Max. 100mOhm at 1A, 6VDC
Contact rating
25A / 250VAC (resistive)
Max. carrying current
25A
Max. switching power
6,250VA
Max. switching voltage
250VAC
Max. switching current
25A
Min. switching load (reference)
100mA, 5VDC
Life
Mechanical
Min. 2 x 106 operations
Electrical
Resistive load
25A 250VAC, 100 x 103 operations
Inverter load
Inrush 200A / break 25A 100VAC: 30 x 103 operations
Motor load
Inrush 80A cosφ 0.7 / 20A cosφ 0.9 ; 250VAC
200 x 103 operations
Coil Data
Rated power (at 20 °C)
Approximately 0.78W
Operate power (at 20 °C)
Approximately 0.38W
Holding/max. coil voltage
(valid after 100msec. nom. coil energizing
voltage)
40 to 120% of nominal coil voltage
(contact carrying current: 25A at 60 °C)
40 to 80% of nominal coil voltage
(contact carrying current: 25A at 85 °C)
35 to 120% of nominal coil voltage
(contact carrying current: 25A at 20 °C)
Operating temperature range (no frost)
-40 °C to +60 °C (at nominal coil voltage)
-40 °C to +85 °C (at coil holding voltage 40 to 80% of
nominal coil voltage application)
Timing Data Operate (at nominal voltage)
Max. 20ms (no bounce)
Release *
Max. 10ms (no diode, no bounce)
Insulation
Contact gap (initial)
Min. 1.5 mm
Resistance
Min. 1,000MOhm at 500VDC
Dielectric strength
Open contacts
2,500VAC, 1min.
Coil and contacts 5,000VAC, 1min.
Surge strength
Coil to contacts
8,500V / 1.2 x 50µs standard wave
Other
Vibration resistance
Misoperation
10 to 55Hz double amplitude 1.5 mm
Endurance
10 to 55Hz double amplitude 1.5 mm
Shock resistance
Misoperation
Min. 200m/s² (11 ± 1ms)
Endurance
Min. 1,000m/s² (6 ± 1ms)
Weight
Approximately 25 g
Sealing
Flux proof cat II
* Use a varistor as a protective circuit against reverse surge in the relay coil. A varistor is connected parallel to the
coil. The reverse blocking voltage should be about 3 times the value of the power surge voltage.
FTR-K3-WG SERIES


Similar Part No. - FTR-K3AB006W-WG

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-K3AB006W-HC FUJITSU-FTR-K3AB006W-HC Datasheet
572Kb / 7P
   POWER RELAY 1 POLE - 20A Heavy Load
FTR-K3AB006W-LS FUJITSU-FTR-K3AB006W-LS Datasheet
572Kb / 7P
   POWER RELAY 1 POLE - 20A Heavy Load
FTR-K3AB006W-NIL FUJITSU-FTR-K3AB006W-NIL Datasheet
572Kb / 7P
   POWER RELAY 1 POLE - 20A Heavy Load
More results

Similar Description - FTR-K3AB006W-WG

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-K3WG FUJITSU-FTR-K3WG Datasheet
319Kb / 6P
   POWER RELAY 1 POLE - 25A - 1.5mm contact gap
FTR-K3-WG FUJITSU-FTR-K3-WG_11 Datasheet
371Kb / 8P
   POWER RELAY 1 POLE - 25A - 1.5mm contact gap
FTR-K3L-PV FUJITSU-FTR-K3L-PV Datasheet
340Kb / 7P
   POWER RELAY 1 POLE - 32A, 1.5mm contact gap latching relay
FTR-F4G FUJITSU-FTR-F4G Datasheet
321Kb / 6P
   POWER RELAY 2 POLE - 5A - 1.5mm contact gap
FTR-F4G FUJITSU-FTR-F4G_11 Datasheet
333Kb / 7P
   POWER RELAY 2 POLE - 5A - 1.5mm contact gap
FTR-K2G FUJITSU-FTR-K2G Datasheet
452Kb / 8P
   POWER RELAY 1 POLE-20A (Contact Gap 3.0mm type)
FTR-K3L FUJITSU-FTR-K3L Datasheet
234Kb / 7P
   POWER RELAY 1 POLE - 25A Latching Relay
FTR-K3L-WG FUJITSU-FTR-K3L-WG Datasheet
386Kb / 8P
   POWER RELAY 1 POLE - 25A - Latching relay
FTR-K2W FUJITSU-FTR-K2W Datasheet
727Kb / 6P
   POWER RELAY 1 POLE - 30A DC Relay 2 x 3.2mm contact gap
FTR-K2W FUJITSU-FTR-K2W_12 Datasheet
170Kb / 8P
   POWER RELAY 1 POLE - 30A DC Relay 2 x 3.2mm contact gap
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com