Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0RHB-D0T025 Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # 0RHB-D0T025
Description  ISOLATED DC/DC CONVERTERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0RHB-D0T025 Datasheet(HTML) 3 Page - Bel Fuse Inc.

  0RHB-D0T025 Datasheet HTML 1Page - Bel Fuse Inc. 0RHB-D0T025 Datasheet HTML 2Page - Bel Fuse Inc. 0RHB-D0T025 Datasheet HTML 3Page - Bel Fuse Inc. 0RHB-D0T025 Datasheet HTML 4Page - Bel Fuse Inc. 0RHB-D0T025 Datasheet HTML 5Page - Bel Fuse Inc. 0RHB-D0T025 Datasheet HTML 6Page - Bel Fuse Inc. 0RHB-D0T025 Datasheet HTML 7Page - Bel Fuse Inc. 0RHB-D0T025 Datasheet HTML 8Page - Bel Fuse Inc. 0RHB-D0T025 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
ISOLATED DC/DC CONVERTERS
48 Vdc Input 1.2-2.5 Vdc/80 A, 3.3 Vdc/70 A, 5 Vdc/48 A, 12 Vdc/20 A Output
Output Specifications (continued)
Parameter
Min
Typ
Max
Notes
Output Current
VO=12.0 V
VO=5.0 V
Vo=3.3 V
Vo=1.2 V - 2.5 V
0 A
0 A
0 A
0 A
-
-
-
-
20 A
48 A
70 A
80 A
Current Limit Threshold
VO=12.0 V
VO=5.0 V
Vo=3.3 V
Vo=1.2 V - 2.5 V
21 A
50 A
74 A
86 A
25 A
58 A
84 A
96 A
30 A
66 A
94 A
106 A
Hiccup Mode
Short Circuit Surge Transient
-
3 A
2s
5 A
2s
Ripple and Noise (rms)
VO=12.0 V
VO=5.0 V
Vo=3.3 V
Vo=1.2 V - 2.5 V
-
-
-
-
30 mV
25 mV
20 mV
15 mV
50 mV
50 mV
40 mV
30 mV
Ripple and Noise (pk-pk)
VO=12.0 V
VO=5.0 V
Vo=3.3 V
Vo=1.2 V - 2.5 V
-
-
-
-
100 mV
80 mV
55 mV
40 mV
150 mV
150 mV
100 mV
80 mV
Test conditions:
0-20 MHz BW, with a
1 uF ceramic capacitor
and a 10 uF Tantalum
capacitor at the output.
Turn on Time
VO=5.0 V - 12.0 V
Vo=3.3 V
Vo=1.2 V - 2.5 V
10 mS
8 mS
5 mS
-
-
-
30 mS
20 mS
15 mS
Overshoot at Turn on
-
0%
5%
Output Capacitance
VO=12.0 V
VO=5.0 V
Vo=1.2 V - 3.3 V
0 uF
0 uF
0 uF
-
-
-
2200 uF
10000 uF
20000 uF
Transient Response
Overshoot
-
600 mV
800 mV
50% ~ 75%
Max Load
Settling Time
-
300 uS
500 uS
Overshoot
-
600 mV
800 mV
75% ~ 50%
Max Load
Settling Time
VO=12.0 V
-
300 uS
500 uS
Overshoot
-
250 mV
400 mV
50% ~ 75%
Max Load
Settling Time
-
250 uS
400 uS
Overshoot
-
250 mV
400 mV
75% ~ 50%
Max Load
Settling Time
VO=5.0 V
-
250 uS
400 uS
Overshoot
-
150 mV
200 mV
50% ~ 75%
Max Load
Settling Time
-
200 uS
300 uS
Overshoot
-
150 mV
200 mV
75% ~ 50%
Max Load
Settling Time
VO=3.3 V
-
200 uS
300 uS
Overshoot
-
100 mV
200 mV
50% ~ 75%
Max Load
Settling Time
-
200 uS
300 uS
Overshoot
-
100 mV
200 mV
75% ~ 50%
Max Load
Settling Time
VO=1.2 V - 2.5 V
-
200 uS
300 uS
Test conditions: di/dt =
0.1 A/uS, Vin=48 V,
Ta=25
°C with a 1 uF
ceramic capacitor and
a 10 uF Tantalum
capacitor at the output.
Note:
All specifications are typical at nominal input, full load at 25
°C unless noted.


Similar Part No. - 0RHB-D0T025

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RHB-D0T025 BEL-0RHB-D0T025 Datasheet
428Kb / 12P
   ISOLATED DC/DC CONVERTERS 48 V Input 1.2 V - 2.5 V/80 A, 3.3 V/70 A, 5 V/48 A, 12 V/20 A Output
More results

Similar Description - 0RHB-D0T025

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com