Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSC0301150YZF-99 Datasheet(PDF) 2 Page - Superworld Electronics

Part # SSC0301150YZF-99
Description  SMD POWER INDUCTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SSC0301150YZF-99 Datasheet(HTML) 2 Page - Superworld Electronics

  SSC0301150YZF-99 Datasheet HTML 1Page - Superworld Electronics SSC0301150YZF-99 Datasheet HTML 2Page - Superworld Electronics SSC0301150YZF-99 Datasheet HTML 3Page - Superworld Electronics SSC0301150YZF-99 Datasheet HTML 4Page - Superworld Electronics SSC0301150YZF-99 Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
SMD POWER INDUCTORS
SSC0301 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
01.10.2010
22.0
SSC0301220YZF-
SSC0301330YZF-
33.0
6.8
SSC0301150YZF-
SSC0301100YZF-
15.0
10.0
SSC03013R3YZF-
SSC03016R8YZF-
SSC03014R7YZF-
4.7
3.3
0.1V / 100 K
±30%
0.40
430
675
0.1V / 100 K
±30%
0.32
85
170
295
210
105
0.1V / 100 K
±30%
0.1V / 100 K
0.1V / 100 K
±30%
±30%
0.1V / 100 K
0.1V / 100 K
±30%
±30%
0.73
0.45
0.55
0.90
1.10
( µH )
Inductance
SSC03011R5YZF-
SSC03012R2YZF-
1.5
2.2
Part No.
( m )
Max.
RDC
52
72
( Hz )
0.1V / 100 K
0.1V / 100 K
±30%
±30%
Frequency
Test
Max.
1.55
1.20
IDC
( A )
b) Rated current : Base on temp. rise & L/L0A = 35% Max.
a) Temp. rise : 40°C Max. at rated current
c) Storage temp. : -40°C to +125°C
d) Operating temp. : -40°C to +85°C
5. GENERAL SPECIFICATION :
e) Resistance to solder heat : 260°C.10 secs


Similar Part No. - SSC0301150YZF-99

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SSC0301150YZF SUPERWORLD-SSC0301150YZF Datasheet
401Kb / 5P
   SMD POWER INDUCTORS
More results

Similar Description - SSC0301150YZF-99

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com