Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDC1003151YZF-13 Datasheet(PDF) 1 Page - Superworld Electronics

Part # SDC1003151YZF-13
Description  SMD POWER INDUCTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDC1003151YZF-13 Datasheet(HTML) 1 Page - Superworld Electronics

  SDC1003151YZF-13 Datasheet HTML 1Page - Superworld Electronics SDC1003151YZF-13 Datasheet HTML 2Page - Superworld Electronics SDC1003151YZF-13 Datasheet HTML 3Page - Superworld Electronics SDC1003151YZF-13 Datasheet HTML 4Page - Superworld Electronics SDC1003151YZF-13 Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
S D C 1 0 0 3 1 R 5 Y Z F -
(a)
(c)
(b)
(e)
(d)
1. PART NO. EXPRESSION :
(b) Dimension code
(c) Inductance code : 1R5 = 1.5uH
(a) Series code
2. CONFIGURATION & DIMENSIONS :
A
4. MATERIALS :
SUPERWORLD ELECTRONICS (S) PTE LTD
(a) Core : DR Ferrite Core
(c) Wire : Enamelled Copper Wire
(d) Lead : Au+Ni Copper Plate
3. SCHEMATIC :
(e) X, Y, Z : Standard part
(f) F : RoHS Compliant
5. GENERAL SPECIFICATION :
d) Resistance to solder heat : 260°C.10 secs
c) Operating temp. : -40°C to +85°C
b) Storage temp. : -40°C to +125°C
a) Rated current : L/L0A=35% Max.
SDC1003 SERIES
SMD POWER INDUCTORS
PG. 1
NOTE : Specifications subject to change without notice. Please check our website for latest information.
01.10.2010
PCB Pattern
10.3±0.3
3.8±0.2
3.0±0.1
BC
D
10.0±0.3
I
I
e
a
c
(b) Core : RI Ferrite Core
Unit:m/m
7.3±0.3
7.3 Ref.
3.2 Ref.
1.8 Ref.
FG
H
I
G
d
(e) Adhesive : Epoxy
E
1.5±0.2
b
D
B
C
f
g
(f) Adhesive : Epoxy
(g) Ink : Bon Margue
(f)
(g) 11 ~ 99 : Internal controlled number
(g)
(d) Tolerance code : Y = ±30%


Similar Part No. - SDC1003151YZF-13

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SDC1003151YZF SUPERWORLD-SDC1003151YZF Datasheet
417Kb / 5P
   SMD POWER INDUCTORS
More results

Similar Description - SDC1003151YZF-13

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com