Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRBC-16F1A0 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SRBC-16F1A0
Description  NON-ISOLATED DC/DC CONVERTERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SRBC-16F1A0 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SRBC-16F1A0 Datasheet HTML 1Page - Bel Fuse Inc. SRBC-16F1A0 Datasheet HTML 2Page - Bel Fuse Inc. SRBC-16F1A0 Datasheet HTML 3Page - Bel Fuse Inc. SRBC-16F1A0 Datasheet HTML 4Page - Bel Fuse Inc. SRBC-16F1A0 Datasheet HTML 5Page - Bel Fuse Inc. SRBC-16F1A0 Datasheet HTML 6Page - Bel Fuse Inc. SRBC-16F1A0 Datasheet HTML 7Page - Bel Fuse Inc. SRBC-16F1A0 Datasheet HTML 8Page - Bel Fuse Inc. SRBC-16F1A0 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
2.4 Vdc - 5.5 Vdc Input
0.75 Vdc - 3.63 Vdc/16 A Output
Non-Isolated
Under-voltage Lockout (UVLO)
High Efficiency
Over Temperature Protection
High Power Density
OCP/SCP
Fixed Frequency (300 kHz)
Wide Input
Remote On/Off
Wide Trim Range
Converter Can Sink and Source
Remote Sense
Current
Active High/Low (option)
Description
The Bel SRBC-16F1Ax modules are a series of non-isolated dc/dc converters that deliver up to 16 A of output
current with full load efficiency of 94% at 3.3 Vdc output. These modules provide precisely regulated voltage
programmable via external resistor from 0.75 Vdc to 3.63 Vdc over a wide range of input voltage (Vin=2.4 Vdc -
5.5 Vdc). The open-frame construction and small footprint enable designers to develop cost and space-efficient
solutions. Standard features include remote On/Off, over current protection, short current protection, wide input,
and programmable output voltage.
Part Selection
Output
Voltage
Input
Voltage
Max.
Output
Current
Max.
Output
Power
Typical
Efficiency
Model
Number
Active Low
Model
Number
Active High
Model
Number
Active Low
0.75 V-3.63 V
1
2.4 V-5.5 V
16 A
58 W
94%
SRBC-16F1AL
SRBC-16F1A0
SRBC-16F1AW
2
Notes
: 1. These modules use a buck topology, so the output voltages must be 0.8 V less than the input voltage.
2. “W” indicates special coating.
3. Add “G” to the end of the Model Number to indicate Tray Packaging.
4. All part numbers above indicate RoHS 6. Change the second letter "R" to "7" for RoHS 5 part numbers.
Absolute Maximum Ratings
Parameter
Min
Typ
Max
Notes
Input Voltage (continuous)
-0.3 V
-
5.8 V
Output Enable Terminal Voltage
-0.3 V
-
5.8 V
Ambient Temperature
-40
°C
-
85
°C
Storage Temperature
-55
°C
-
125
°C
Note
: All specifications are typical at 25
°C unless otherwise stated.
Input Specifications
Parameter
Min
Typ
Max
Notes
Input Voltage
Vo≤1.5 V
Vo=1.8 - 2.5 V
Vo=3.3 V
2.4 V
3.0 V
4.5 V
-
-
-
5.5 V
5.5 V
5.5 V
Input Current (full load)
Vo=3.3 V
Vo=2.5 V
Vo=1.8 V
Vo=1.5 V
Vo=1.2 V
Vo=0.75 V
-
-
-
-
-
-
11.23 A
8.70 A
6.40 A
5.45 A
4.52 A
3.05 A
15.10 A
14.81 A
13.64 A
11.76 A
9.64 A
6.69 A
SRBC-16F1Ax
RoHS Compliant
Rev.A


Similar Part No. - SRBC-16F1A0

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SRBC-16F1A0 BEL-SRBC-16F1A0 Datasheet
322Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 2.4 V - 5.5 V Input 0.75 V - 3.63 V/16 A Output
More results

Similar Description - SRBC-16F1A0

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com