Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STE05S05F Datasheet(PDF) 2 Page - Superworld Electronics

Part # STE05S05F
Description  1W Single Output Surface Mount DC-DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

STE05S05F Datasheet(HTML) 2 Page - Superworld Electronics

  STE05S05F Datasheet HTML 1Page - Superworld Electronics STE05S05F Datasheet HTML 2Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
STE Series Product Datasheet
www.superworld.com.sg
2 of 2
STE INPUT SPECIFICATIONS
PARAMETER
CONDITIONS
MIN
TYPICAL
MAX
UNITS
Input Current (No Load)
All models
20
mA
Voltage Range
3.3 Vin models
2.97
3.3
3.63
Vdc
5 Vin models
4.5
5
5.5
9 Vin models
8.1
9
9.9
12 Vin models
10.8
12
13.2
15 Vin models
13.5
15
16.5
Transient Voltage (1 sec max.)
3.3 Vin models
7.5
Vdc
5 Vin models
7.5
9 Vin models
12.5
12 Vin models
18
15 Vin models
21
Reverse Voltage Protection
0.3
A
STE OUTPUT SPECIFICATIONS
PARAMETER
CONDITIONS
MIN
TYPICAL
MAX
UNITS
Rated Power
All models
1.0
W
Voltage Setpoint Accuracy
±
3
%
Line Regulation
1% change in Vin
1.0
1.2
%
Load Regulation
3.3Vout & 5Vout
10
14
%
(10% load to rated load)
9,12 & 15 Vout
6
9
%
Ripple & Noise
BW = DC to 20MHz
45
90
mVp-p
All models
Surge Voltage (1 sec max.)
3.3 Vout models
4.9
Vdc
5 Vout models
7
9 Vout models
11.5
12 Vout models
15
15 Vout models
18
Temperature Coefficient
±
0.02
%/
oC
Capacitive Load
10
µF
Short Circuit Protection
1
Second
STE GENERAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYPICAL
MAX
UNITS
Temperature
Specification
-40
85
oC
Storage
-55
125
oC
Isolation
Isolation Test Voltage
1000
Vdc
Resistance
10
GΩ
Capacitance
25
100
PF
Leakage Current
2
8.5
µArms
Switching Frequency
120
KHz
MTTF (Ta = 25
oC)
MIL-HDBK-217E
450000
hrs
Weight
1.8
g
CONTACT INFORMATION
Superworld Electronics (S) Pte Ltd
16 New Industrial Road
#06-01 to 08 Hudson TechnoCentre
Singapore 536204
Tel : (65) 6298 2866
Fax : (65) 6298 8900
Email : sales@superworld.com.sg
Refer to Low Power Application Note 1 for additional Performance Curves & Data


Similar Part No. - STE05S05F

ManufacturerPart #DatasheetDescription
logo
ABB
STE050 ABB-STE050 Datasheet
484Kb / 2P
   ABB cable glands ??STE Star Teck짰 extreme series
logo
Stanson Technology
STE0511 STANSON-STE0511 Datasheet
65Kb / 4P
   Single-line ESD Protection Array
STE0511D52RG STANSON-STE0511D52RG Datasheet
65Kb / 4P
   Single-line ESD Protection Array
STE0512 STANSON-STE0512 Datasheet
83Kb / 5P
   Dual-Line ESD Protection Array
STE0512D52RG STANSON-STE0512D52RG Datasheet
83Kb / 5P
   Dual-Line ESD Protection Array
More results

Similar Description - STE05S05F

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
STA03D03F SUPERWORLD-STA03D03F Datasheet
149Kb / 2P
   1W Dual Output Surface Mount DC-DC Converter
SW105S05ESMF SUPERWORLD-SW105S05ESMF Datasheet
152Kb / 2P
   1W Single & Dual Surface Mount DC-DC Converter
logo
Mean Well Enterprises C...
SMA01L-05 MEANWELL-SMA01L-05 Datasheet
141Kb / 1P
   1W DC-DC Unregulated Single Output Converter
SBT01 MEANWELL-SBT01 Datasheet
266Kb / 1P
   1W DC-DC Unregulated Single Output Converter
logo
Chinfa Electronics Ind....
FDD01-05S0 CHINFA-FDD01-05S0 Datasheet
270Kb / 4P
   DC - DC CONVERTER 1W SINGLE & DUAL OUTPUT
logo
Mean Well Enterprises C...
SPA01 MEANWELL-SPA01 Datasheet
55Kb / 1P
   1W DC-DC Regulated Single Output Converter
SMU01 MEANWELL-SMU01 Datasheet
53Kb / 1P
   1W DC-DC Unregulated Single Output Converter
SFT01 MEANWELL-SFT01 Datasheet
206Kb / 1P
   1W DC-DC Unregulated Single Output Converter
SUS01 MEANWELL-SUS01 Datasheet
166Kb / 1P
   1W DC-DC Unregulated Single Output Converter
SPR01 MEANWELL-SPR01_11 Datasheet
162Kb / 1P
   1W DC-DC Regulated Single Output Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com