Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLIN-06E2A Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # SLIN-06E2A
Description  NON-ISOLATED DC/DC CONVERTERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLIN-06E2A Datasheet(HTML) 4 Page - Bel Fuse Inc.

  SLIN-06E2A Datasheet HTML 1Page - Bel Fuse Inc. SLIN-06E2A Datasheet HTML 2Page - Bel Fuse Inc. SLIN-06E2A Datasheet HTML 3Page - Bel Fuse Inc. SLIN-06E2A Datasheet HTML 4Page - Bel Fuse Inc. SLIN-06E2A Datasheet HTML 5Page - Bel Fuse Inc. SLIN-06E2A Datasheet HTML 6Page - Bel Fuse Inc. SLIN-06E2A Datasheet HTML 7Page - Bel Fuse Inc. SLIN-06E2A Datasheet HTML 8Page - Bel Fuse Inc. SLIN-06E2A Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
4
NON-ISOLATED DC/DC CONVERTERS
4.5 Vdc - 14 Vdc Input, 0.59 Vdc - 5.5 Vdc /6 A Outputs
December 3, 2010
Bel Power, Inc. , a subsidiary of Bel Fuse, Inc.
General Specifications
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
Vo=0.6V
Vo=1.2V
Vo=1.8V
Vo=2.5V
Vo=3.3V
Vo=5.0V
-
-
-
-
-
-
69.3
80.7
85.3
88.1
90.8
93.6
-
-
-
-
-
-
%
%
%
%
%
%
Vin= 12Vdc, Ta=25°C
Io=Io, max , Vo= Vo,set
Switching Frequency
-
600
-
kHz
Over Temperature Protection
-
140
-
°C
Tracking Accuracy
Power-Up: 2V/ms
Power-Down: 2V/ms
-
-
-
-
100
100
mV
mV
Vin, min to Vin, max; Io, min to Io,
max
PGOOD (Power Good)
Output Voltage Limit for PGOOD
Pulldown resistance of PGOOD pin
90
-
-
7
110
50
%Vo,set
Signal Interface Open Drain,
Vsupply
≤ 5Vdc
Weight
-
1.95
-
g
MTBF
22,280,045
hours
Calculated Per Bell Core SR-332
(Io=0.8Io, max, Ta=40°C,
Telecordia Issue 2 Method 1 Case
3)
Dimensions
Inches (L × W × H)
Millimeters (L × W × H)
0.48 x 0.48 x 0.285
12.19 x 12.19 x 7.25
-
Note: Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and
temperature conditions.


Similar Part No. - SLIN-06E2A

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-06E2A0 BEL-SLIN-06E2A0 Datasheet
442Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.59 Vdc - 5.5 Vdc /6 A Outputs
SLIN-06E2A0 BEL-SLIN-06E2A0 Datasheet
1Mb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2AL BEL-SLIN-06E2AL Datasheet
442Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.59 Vdc - 5.5 Vdc /6 A Outputs
SLIN-06E2AL BEL-SLIN-06E2AL Datasheet
1Mb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2AX BEL-SLIN-06E2AX Datasheet
442Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.59 Vdc - 5.5 Vdc /6 A Outputs
More results

Similar Description - SLIN-06E2A

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com