Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDC10033R8YZF-14 Datasheet(PDF) 2 Page - Superworld Electronics

Part # SDC10033R8YZF-14
Description  SMD POWER INDUCTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDC10033R8YZF-14 Datasheet(HTML) 2 Page - Superworld Electronics

  SDC10033R8YZF-14 Datasheet HTML 1Page - Superworld Electronics SDC10033R8YZF-14 Datasheet HTML 2Page - Superworld Electronics SDC10033R8YZF-14 Datasheet HTML 3Page - Superworld Electronics SDC10033R8YZF-14 Datasheet HTML 4Page - Superworld Electronics SDC10033R8YZF-14 Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
SMD POWER INDUCTORS
SDC1003 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
01.10.2010
1.35
304.0
1V/100K
100.00±30%
SDC1003101YZF-
150.00±30%
220.00±30%
SDC1003151YZF-
SDC1003221YZF-
1V/100K
1V/100K
756.0
506.0
0.92
1.15
1.50±30%
3.80±30%
2.50±30%
Inductance
7.00±30%
15.00±30%
22.00±30%
10.00±30%
47.00±30%
68.00±30%
33.00±30%
5.20±30%
SDC10032R5YZF-
SDC1003150YZF-
SDC1003220YZF-
SDC1003680YZF-
SDC1003470YZF-
SDC1003330YZF-
SDC10033R8YZF-
SDC10037R0YZF-
SDC1003100YZF-
SDC10035R2YZF-
SDC10031R5YZF-
Part No.
( µH )
7.50
10.0
1V/100K
50.0
1V/100K
1V/100K
1V/100K
1V/100K
1V/100K
93.0
128.0
213.0
73.0
1V/100K
1V/100K
1V/100K
1V/100K
22.0
27.0
35.0
13.0
3.60
2.30
2.10
1.50
2.90
5.50
4.80
4.40
6.00
1V/100K
Freq.
( Hz )
Test
( m )
Max.
8.1
RDC
( A )
Max.
10.00
IDC
330.00±30%
SDC1003331YZF-
1090.0
1V/100K
0.70
1V/100K
SDC1003820YZF-
82.00±30%
283.0
1.45


Similar Part No. - SDC10033R8YZF-14

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SDC10033R8YZF SUPERWORLD-SDC10033R8YZF Datasheet
417Kb / 5P
   SMD POWER INDUCTORS
More results

Similar Description - SDC10033R8YZF-14

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com