Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDC1204-470MF Datasheet(PDF) 2 Page - Superworld Electronics

Part # SDC1204-470MF
Description  SMD POWER INDUCTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDC1204-470MF Datasheet(HTML) 2 Page - Superworld Electronics

  SDC1204-470MF Datasheet HTML 1Page - Superworld Electronics SDC1204-470MF Datasheet HTML 2Page - Superworld Electronics SDC1204-470MF Datasheet HTML 3Page - Superworld Electronics SDC1204-470MF Datasheet HTML 4Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
5. ELECTRICAL CHARACTERISTICS :
SMD POWER INDUCTORS
SDC1204 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
17.09.2009
SDC1204-331MF
SDC1204-151MF
SDC1204-181MF
SDC1204-221MF
SDC1204-271MF
SDC1204-820MF
SDC1204-121MF
SDC1204-101MF
SDC1204-680MF
SDC1204-390MF
SDC1204-470MF
SDC1204-330MF
SDC1204-560MF
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
47 ±20%
39 ±20%
33 ±20%
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
0.990
0.50
0.700
0.870
0.530
0.620
0.80
0.60
0.95
0.85
0.308
0.380
0.220
0.260
1.20
1.10
1.50
1.30
0.190
0.160
0.132
0.097
1.90
1.80
2.70
2.10
SDC1204-220MF
SDC1204-270MF
SDC1204-150MF
SDC1204-180MF
SDC1204-100MF
SDC1204-8R2YF
SDC1204-6R8YF
SDC1204-120MF
Part No.
SDC1204-4R7YF
27 ±20%
22 ±20%
15 ±20%
18 ±20%
10 ±20%
12 ±20%
8.2 ±30%
6.8 ±30%
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
Inductance
4.7 ±30%
( µH )
Frequency
1V / 100K
Test
0.080
0.070
0.060
0.052
2.90
2.80
3.20
3.10
0.028
0.038
0.023
0.026
4.50
4.00
4.90
4.60
Max.
DCR
0.018
Max.
(
)
5.70
IDC
( A )
SDC1204-3R9YF
0.015
1V / 100K
6.50
3.9 ±30%
220 ±20%
180 ±20%
120 ±20%
150 ±20%
100 ±20%
56 ±20%
82 ±20%
68 ±20%
270 ±20%
330 ±20%
( Hz )


Similar Part No. - SDC1204-470MF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SDC1204-470MF SUPERWORLD-SDC1204-470MF Datasheet
232Kb / 5P
   SMD POWER INDUCTORS
More results

Similar Description - SDC1204-470MF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com