Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCI1008HQ-R10KF Datasheet(PDF) 6 Page - Superworld Electronics

Part # SCI1008HQ-R10KF
Description  WIREWOUND CHIP INDUCTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SCI1008HQ-R10KF Datasheet(HTML) 6 Page - Superworld Electronics

  SCI1008HQ-R10KF Datasheet HTML 1Page - Superworld Electronics SCI1008HQ-R10KF Datasheet HTML 2Page - Superworld Electronics SCI1008HQ-R10KF Datasheet HTML 3Page - Superworld Electronics SCI1008HQ-R10KF Datasheet HTML 4Page - Superworld Electronics SCI1008HQ-R10KF Datasheet HTML 5Page - Superworld Electronics SCI1008HQ-R10KF Datasheet HTML 6Page - Superworld Electronics SCI1008HQ-R10KF Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
SCI1008HQ SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 6
22.06.2010
WIREWOUND CHIP INDUCTORS
MIL-STD202F, METHOD 215D
6
Resistance to
solvent test
There shall be no case of
deformation change in
appearance of obliteration
of marking
Amplitude : 1.5mm
Oscillation Frequency : 10 to 55 to 10Hz for 1 min.
Test device shall be soldered on the substrate
Time : 2hrs for each axis (X, Y, Z), total 6hrs.
Pre-heating : 150°C, 1 min
Solder Composition : Sn/Pb=63/67
Solder Temperature : 230±5°C
Immersion Time : 20±2sec
Solder Temperature : 260±5°C
Immersion Time : 5±2sec
The device should be REFLOW soldered (230±5°C for
10 seconds) to a tinned copper subs rate. A dynamiter
force gauge should be applied to the side of the
conponent. The device must withstand a minimum force
of 2 or 4 pounds without a failure of the termination
attached to component.
Pre-heating : 150°C, 1min
Solder Composition : Sn/Pb=63/67
Solder Temperature : 230±5°C
Immersion Time : 4±1sec
Drop 1 time for each face and 1 time for each corner.
Total drop 10 times.
Drop Height : 100cm
Drop Weight : 125g
after fluxing (alpha 100 or equiv), inductor shall be
dipped in a melted solder bath at 232±5°C for 5 seconds.
Drop Test
4
5
Solderability Test
3
Adhesion
(Push Test)
Component
After test, the chip inductor
don't fell of broke on the
The terminal should at least
be 90% covered with solder
P.C.Board
The electrodes shall be at
least 90% covered with new
solder coating.
3
Component
Adhesion
(Push Test)
2
1
Resistance to
Soldering Heat
Vibration
Q change : within ±10%
1 lbs. For 0402
2 lbs. For 0603
3 lbs. For the rest
Appearance : No damage
Appearance : No damage
L change : within ±5%
Q change : within ±10%
L change : within ±5%
Mechanical Performance Test :
TEST CONDITIONS / TEST METHODS
SPECIFICATION
ITEM


Similar Part No. - SCI1008HQ-R10KF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SCI1008HQ-R10F SUPERWORLD-SCI1008HQ-R10F Datasheet
255Kb / 6P
   WIREWOUND CHIP INDUCTORS
SCI1008HQ-R10F SUPERWORLD-SCI1008HQ-R10F Datasheet
205Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI1008HQ-R10F SUPERWORLD-SCI1008HQ-R10F Datasheet
205Kb / 4P
   WIREWOUND CHIP INDUCTORS
More results

Similar Description - SCI1008HQ-R10KF

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LLQ1608 TOKO-LLQ1608 Datasheet
377Kb / 2P
   Wirewound Chip Inductors
logo
Superworld Electronics
SCI0805HQ SUPERWORLD-SCI0805HQ_15 Datasheet
205Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0805LP SUPERWORLD-SCI0805LP_15 Datasheet
206Kb / 4P
   WIREWOUND CHIP INDUCTORS
SDI565047 SUPERWORLD-SDI565047_15 Datasheet
126Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S Datasheet
278Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0603S SUPERWORLD-SCI0603S Datasheet
279Kb / 7P
   WIREWOUND CHIP INDUCTORS
SDI321618 SUPERWORLD-SDI321618 Datasheet
304Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S_10 Datasheet
329Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI1008S SUPERWORLD-SCI1008S_10 Datasheet
318Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI0805S SUPERWORLD-SCI0805S_10 Datasheet
331Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI1008LP SUPERWORLD-SCI1008LP_10 Datasheet
301Kb / 7P
   WIREWOUND CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com