Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML10L100 Datasheet(PDF) 1 Page - Seme LAB

Part # SML10L100
Description  N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

SML10L100 Datasheet(HTML) 1 Page - Seme LAB

  SML10L100 Datasheet HTML 1Page - Seme LAB SML10L100 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SML10L100
6/99
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
VDSS
ID
IDM
VGS
VGSM
PD
TJ , TSTG
TL
IAR
EAR
EAS
Drain – Source Voltage
Continuous Drain Current
Pulsed Drain Current 1
Gate – Source Voltage
Gate – Source Voltage Transient
Total Power Dissipation @ Tcase = 25°C
Derate Linearly
Operating and Storage Junction Temperature Range
Lead Temperature : 0.063” from Case for 10 Sec.
Avalanche Current1 (Repetitive and Non-Repetitive)
Repetitive Avalanche Energy 1
Single Pulse Avalanche Energy 2
N–CHANNEL
ENHANCEMENT MODE
HIGH VOLTAGE
POWER MOSFETS
100
100
400
±30
±40
520
4.16
–55 to 150
300
100
50
2500
V
A
A
V
W
W/°C
°C
A
mJ
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
1) Repetitive Rating: Pulse Width limited by maximum junction temperature.
2) Starting TJ = 25°C, L = 500µH, RG = 25W, Peak IL = 100A
VDSS
100V
ID(cont)
100A
RDS(on) 0.011W
W
W
W
• Faster Switching
• Lower Leakage
• 100% Avalanche Tested
• Popular TO–264 Package
StarMOS is a new generation of high voltage
N–Channel enhancement mode power MOSFETs.
This new technology minimises the JFET effect,
increases packing density and reduces the
on-resistance. StarMOS also achieves faster
switching speeds through optimised gate layout.
D
S
G
19.51 (0.768)
26.49 (0.807)
1.80 (0.071)
2.01 (0.079)
4.60 (0.181)
5.21 (0.205)
2.79 (0.110)
3.18 (0.125)
5.45 (0.215) BSC
2 plcs.
0.76 (0.030)
1.30 (0.051)
2.29 (0.090)
2.69 (0.106)
2.59 (0.102)
3.00 (0.118)
0.48 (0.019)
0.84 (0.033)
123
3.10 (0.122)
3.48 (0.137)
TO–264AA Package Outline.
Dimensions in mm (inches)
Pin 1 – Gate
Pin 2 – Drain
Pin 3 – Source


Similar Part No. - SML10L100

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SML10-12A-258R SEME-LAB-SML10-12A-258R Datasheet
11Kb / 1P
   FAST RECOVERY EPITAXIAL DIODE IN A HERMETIC TO-258 METAL PACKAGE
logo
Sanken electric
SML10016 SANKEN-SML10016 Datasheet
34Kb / 1P
   5phi Round Standard Bicolor LED
SML10016 SANKEN-SML10016 Datasheet
444Kb / 2P
   5phi Round Standard Bicolor LEDs
logo
Seme LAB
SML1001R1AN SEME-LAB-SML1001R1AN Datasheet
60Kb / 2P
   N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML1001R3AN SEME-LAB-SML1001R3AN Datasheet
60Kb / 2P
   N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
More results

Similar Description - SML10L100

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SML100B13 SEME-LAB-SML100B13 Datasheet
21Kb / 2P
   N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML100H9 SEME-LAB-SML100H9 Datasheet
26Kb / 2P
   N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML100S13 SEME-LAB-SML100S13 Datasheet
20Kb / 2P
   N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML10T75XX SEME-LAB-SML10T75XX Datasheet
19Kb / 2P
   N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML120L16 SEME-LAB-SML120L16 Datasheet
20Kb / 2P
   N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML20B67 SEME-LAB-SML20B67 Datasheet
21Kb / 2P
   N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML20H45 SEME-LAB-SML20H45 Datasheet
26Kb / 2P
   N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML30A33 SEME-LAB-SML30A33 Datasheet
20Kb / 2P
   N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML40A26 SEME-LAB-SML40A26 Datasheet
20Kb / 2P
   N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
logo
Advanced Power Technolo...
APT4016BN ADPOW-APT4016BN Datasheet
51Kb / 4P
   N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
APT1001R6BN ADPOW-APT1001R6BN Datasheet
50Kb / 4P
   N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com