Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCI1008LP-15NKF Datasheet(PDF) 1 Page - Superworld Electronics

Part # SCI1008LP-15NKF
Description  WIREWOUND CHIP INDUCTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SCI1008LP-15NKF Datasheet(HTML) 1 Page - Superworld Electronics

  SCI1008LP-15NKF Datasheet HTML 1Page - Superworld Electronics SCI1008LP-15NKF Datasheet HTML 2Page - Superworld Electronics SCI1008LP-15NKF Datasheet HTML 3Page - Superworld Electronics SCI1008LP-15NKF Datasheet HTML 4Page - Superworld Electronics SCI1008LP-15NKF Datasheet HTML 5Page - Superworld Electronics SCI1008LP-15NKF Datasheet HTML 6Page - Superworld Electronics SCI1008LP-15NKF Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
(a)
(c)
(b)
(e)
(d)
1. PART NO. EXPRESSION :
(b) Dimension code
(c) Type code : LP ( Low Profile )
(a) Series code
2. CONFIGURATION & DIMENSIONS :
A
4. MATERIALS :
SUPERWORLD ELECTRONICS (S) PTE LTD
(a) Core : Ceramic U core
(c) Terminal Metallization : Ag + Ni + Au
3. SCHEMATIC :
(d) Inductance code : 3N3 = 3.3nH
(e) Tolerance code : G = ± 2%, J = ± 5%, K = ± 10%
SCI1008LP SERIES
WIREWOUND CHIP INDUCTORS
PG. 1
NOTE : Specifications subject to change without notice. Please check our website for latest information.
22.06.2010
PCB Pattern
2.92 Max.
2.03 Max.
0.65 Ref.
2.79 Max.
a
b
(b) Wire : Enamelled Copper Wire
0.51 Ref.
1.52 Ref.
2.54 Ref.
1.02 Ref.
2.03 Ref.
BC
D
E
F
G
H
c
S C I 1 0 0 8 L P - 3 N 3 K F
I
J
I
E
D
C
B
Unit:m/m
1.27 Ref.
J
I
(f) F : RoHS Compliant
(f)


Similar Part No. - SCI1008LP-15NKF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SCI1008LP-15NF SUPERWORLD-SCI1008LP-15NF Datasheet
255Kb / 6P
   WIREWOUND CHIP INDUCTORS
SCI1008LP-15NF SUPERWORLD-SCI1008LP-15NF Datasheet
225Kb / 4P
   Wire Wound Inductor
More results

Similar Description - SCI1008LP-15NKF

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LLQ1608 TOKO-LLQ1608 Datasheet
377Kb / 2P
   Wirewound Chip Inductors
logo
Superworld Electronics
SCI0805HQ SUPERWORLD-SCI0805HQ_15 Datasheet
205Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0805LP SUPERWORLD-SCI0805LP_15 Datasheet
206Kb / 4P
   WIREWOUND CHIP INDUCTORS
SDI565047 SUPERWORLD-SDI565047_15 Datasheet
126Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S Datasheet
278Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0603S SUPERWORLD-SCI0603S Datasheet
279Kb / 7P
   WIREWOUND CHIP INDUCTORS
SDI321618 SUPERWORLD-SDI321618 Datasheet
304Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S_10 Datasheet
329Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI1008S SUPERWORLD-SCI1008S_10 Datasheet
318Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI0805S SUPERWORLD-SCI0805S_10 Datasheet
331Kb / 8P
   WIREWOUND CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com