Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCI1008HQ-7N8KF Datasheet(PDF) 2 Page - Superworld Electronics

Part # SCI1008HQ-7N8KF
Description  WIREWOUND CHIP INDUCTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SCI1008HQ-7N8KF Datasheet(HTML) 2 Page - Superworld Electronics

  SCI1008HQ-7N8KF Datasheet HTML 1Page - Superworld Electronics SCI1008HQ-7N8KF Datasheet HTML 2Page - Superworld Electronics SCI1008HQ-7N8KF Datasheet HTML 3Page - Superworld Electronics SCI1008HQ-7N8KF Datasheet HTML 4Page - Superworld Electronics SCI1008HQ-7N8KF Datasheet HTML 5Page - Superworld Electronics SCI1008HQ-7N8KF Datasheet HTML 6Page - Superworld Electronics SCI1008HQ-7N8KF Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
d) Rated current : Base on temp. rise & L/L0A=10% Max.
c) Temperature rise : 40°C Max.
b) Operating temp. : -40°C to +125°C
a) Storage temp. : -25°C to +80°C
SCI1008HQ SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
22.06.2010
e) Resistance to solder heat : 260°C.10sec
5. GENERAL SPECIFICATION :
WIREWOUND CHIP INDUCTORS
80
62
80
75
75
75
75
60
70
75
75
62
62
70
50
K, J, G
22
SCI1008HQ-22N F
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
SCI1008HQ-56N F
SCI1008HQ-R10 F
SCI1008HQ-82N F
SCI1008HQ-68N F
SCI1008HQ-33N F
SCI1008HQ-47N F
SCI1008HQ-39N F
50
56
100
82
68
50
50
50
33
47
39
50
50
50
K, J, G
K, J, G
SCI1008HQ-7N8 F
SCI1008HQ-12N F
SCI1008HQ-10N F
SCI1008HQ-18N F
SCI1008HQ-3N0 F
SCI1008HQ-4N1 F
50
7.8
K, J
10
18
12
50
50
50
K, J
K, J
4.1
3.0
50
50
350
1400
0.070
2050
0.160
0.160
0.130
0.090
0.120
0.120
0.090
350
1230
350
350
350
820
1060
1150
350
350
350
1700
1450
1300
1200
1000
1100
1100
1300
1300
1200
0.050
0.040
0.050
0.060
0.070
0.060
500
3800
500
500
350
2700
3600
2800
1500
1500
6000
6000
1600
1600
1400
1500
1600
1600
K, J, G
Inductance tolerance :
: G : ±2%
K : ±10%
J : ±5%
( nH )
Tolerance
Part No.
Available
L
Freq
( MHz )
Test
Min.
Freq
( MHz )
Q
Q Test
DCR
Max.
( )
( MHz )
Min.
SRF
(mA)
Max.
IDC


Similar Part No. - SCI1008HQ-7N8KF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SCI1008HQ-7N8F SUPERWORLD-SCI1008HQ-7N8F Datasheet
255Kb / 6P
   WIREWOUND CHIP INDUCTORS
SCI1008HQ-7N8F SUPERWORLD-SCI1008HQ-7N8F Datasheet
205Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI1008HQ-7N8F SUPERWORLD-SCI1008HQ-7N8F Datasheet
205Kb / 4P
   WIREWOUND CHIP INDUCTORS
More results

Similar Description - SCI1008HQ-7N8KF

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LLQ1608 TOKO-LLQ1608 Datasheet
377Kb / 2P
   Wirewound Chip Inductors
logo
Superworld Electronics
SCI0805HQ SUPERWORLD-SCI0805HQ_15 Datasheet
205Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0805LP SUPERWORLD-SCI0805LP_15 Datasheet
206Kb / 4P
   WIREWOUND CHIP INDUCTORS
SDI565047 SUPERWORLD-SDI565047_15 Datasheet
126Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S Datasheet
278Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0603S SUPERWORLD-SCI0603S Datasheet
279Kb / 7P
   WIREWOUND CHIP INDUCTORS
SDI321618 SUPERWORLD-SDI321618 Datasheet
304Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S_10 Datasheet
329Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI1008S SUPERWORLD-SCI1008S_10 Datasheet
318Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI0805S SUPERWORLD-SCI0805S_10 Datasheet
331Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI1008LP SUPERWORLD-SCI1008LP_10 Datasheet
301Kb / 7P
   WIREWOUND CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com