Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2798A Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 2798A
Description  Dual S Interface Transformers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

2798A Datasheet(HTML) 1 Page - Bel Fuse Inc.

  2798A_00 Datasheet HTML 1Page - Bel Fuse Inc. 2798A_00 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 198 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
ISDN MAGNETICS
©2000 Bel Fuse Inc. Specifications subject to change without notice. 05.00
TM00200
T2-1
Dual S Interface Transformers
Meet requirements for pulse template and impedance
template according to ITU-T (CCITT I.430)
UL and CSA approved
ELECTRICAL SPECIFICATIONS at 25° C
SCHEMATIC
Minimum interwinding breakdown voltage of 1500 Vrms
Operating temperature range 0° C to 85° C
Qualified per Bellcore TR-TSY-000357-1
r
e
b
m
u
N
t
r
a
P
s
C
I
r
e
v
i
e
c
s
n
a
r
T
e
l
b
i
t
a
p
m
o
C
r
e
r
u
t
c
a
f
u
n
a
M
C
I
r
e
b
m
u
N
t
r
a
P
C
I
A
8
9
7
2
t
n
e
c
u
L
4
3
2
7
T
C
0
5
2
7
T
4
5
2
7
T
6
5
2
7
T
9
5
2
7
T
a
l
o
r
o
t
o
M4
7
5
5
4
1
C
M
B
8
9
7
2t
n
e
c
u
L
1
0
9
7
T
3
0
9
7
T
C
8
9
7
2
n
o
s
p
m
o
h
T
S
G
S
0
2
4
5
T
S
1
2
4
5
T
S
s
n
e
m
e
i
S
0
8
0
2
B
E
P
1
8
0
2
B
E
P
4
8
0
2
B
E
P
5
8
0
2
B
E
P
6
8
0
2
B
E
P
6
8
1
2
B
E
P
c
e
t
e
i
M2
7
0
2
-
C
T
M
l
e
t
i
M
0
3
9
8
T
M
1
3
9
8
T
M
l
a
n
o
i
t
a
N
r
o
t
c
u
d
n
o
c
i
m
e
S
0
2
4
3
P
T
1
2
4
3
P
T
D
8
9
7
2D
M
A
A
0
3
C
9
7
m
A
A
2
3
C
9
7
m
A
E
8
9
7
2a
l
o
r
o
t
o
M
4
7
4
5
4
1
C
M
5
7
4
5
4
1
C
M
7
8
10
9
Primary
Secondary
5
6
12
11
3
4
14
13
1
2
16
15
T2
T1
2798A
2798B
2798C
2798D
2798E
r
e
b
m
u
N
t
r
a
P
o
i
t
a
R
s
n
r
u
T
%
2
±
y
r
a
m
i
r
P
e
c
n
a
t
c
u
d
n
I
n
i
m
H
m
e
g
a
k
a
e
L
e
c
n
a
t
c
u
d
n
I
µµµµµ
x
a
m
H
R
C
D
x
a
m
g
n
i
d
n
i
w
r
e
t
n
I
e
c
n
a
t
i
c
a
p
a
C
x
a
m
F
p
d
e
t
u
b
i
r
t
s
i
D
l
e
l
l
a
r
a
P
e
c
n
a
t
i
c
a
p
a
C
x
a
m
F
p
i
r
P
c
e
S
A
8
9
7
25
.
2
:
0
.
10
.
2
20
.
55
.
35
.
70
0
10
0
1
B
8
9
7
20
.
2
:
0
.
10
.
2
20
.
55
.
30
.
60
0
10
0
1
C
8
9
7
20
.
2
:
0
.
10
.
2
25
7
.
35
2
.
25
4
.
40
0
10
8
D
8
9
7
20
.
2
:
0
.
10
.
2
25
.
25
.
30
.
60
0
10
0
1
E
8
9
7
20
.
1
:
0
.
10
.
2
20
.
55
.
35
.
30
0
10
4


Similar Part No. - 2798A_00

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
2798A BEL-2798A Datasheet
39Kb / 2P
   ISDN MAGNETICS Dual S Interface Transformers
More results

Similar Description - 2798A_00

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPR1261G PCA-EPR1261G Datasheet
43Kb / 1P
   ISDN-S Interface Dual Transformers
EPR1270G PCA-EPR1270G Datasheet
27Kb / 1P
   ISDN-S Interface Dual Transformers
EPR1251G PCA-EPR1251G Datasheet
89Kb / 1P
   ISDN-S Interface Dual Transformers
logo
Bel Fuse Inc.
2800A BEL-2800A Datasheet
45Kb / 2P
   ISDN MAGNETICS Dual S Interface Transformers
2798A BEL-2798A Datasheet
39Kb / 2P
   ISDN MAGNETICS Dual S Interface Transformers
logo
List of Unclassifed Man...
LT-S300C ETC1-LT-S300C Datasheet
34Kb / 1P
   ISDN S -Interface Transformers
logo
PCA ELECTRONICS INC.
EPR1226 PCA-EPR1226 Datasheet
109Kb / 1P
   ISDN-S Interface Transformers
logo
Rhombus Industries Inc.
T-10550 RHOMBUS-IND-T-10550 Datasheet
38Kb / 1P
   ISDN S-Interface Transformers
logo
XFMRS Inc.
XF0023-01GD XFMRS-XF0023-01GD Datasheet
51Kb / 1P
   ISDN S-INTERFACE TRANSFORMERS
logo
Rhombus Industries Inc.
T-13550 RHOMBUS-IND-T-13550 Datasheet
40Kb / 1P
   ISDN S-Interface Transformers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com