Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0RQB-Q2T06L Datasheet(PDF) 8 Page - Bel Fuse Inc.

Part # 0RQB-Q2T06L
Description  ISOLATED DC/DC CONVERTERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0RQB-Q2T06L Datasheet(HTML) 8 Page - Bel Fuse Inc.

Back Button 0RQB-Q2T06L Datasheet HTML 4Page - Bel Fuse Inc. 0RQB-Q2T06L Datasheet HTML 5Page - Bel Fuse Inc. 0RQB-Q2T06L Datasheet HTML 6Page - Bel Fuse Inc. 0RQB-Q2T06L Datasheet HTML 7Page - Bel Fuse Inc. 0RQB-Q2T06L Datasheet HTML 8Page - Bel Fuse Inc. 0RQB-Q2T06L Datasheet HTML 9Page - Bel Fuse Inc. 0RQB-Q2T06L Datasheet HTML 10Page - Bel Fuse Inc. 0RQB-Q2T06L Datasheet HTML 11Page - Bel Fuse Inc. 0RQB-Q2T06L Datasheet HTML 12Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
 Tel 201-432-0463  Fax 201-432-9542  www.belfuse.com
8
ISOLATED DC/DC CONVERTERS
36 Vdc - 75 Vdc Input 6.5 Vdc /60 A Output, 1/4 Brick
Converter
Jun. 02, 2011
Bel Power Inc., a subsidiary of Bel Fuse Inc.
Startup & Shutdown (continued)
Shutdown
Vout= 6.5V/60A at Vin=48V@Ta=25℃
Cext = 10000uF
Over Current Protection
To provide protection in a fault output overload condition, the module is equipped with internal current-limiting
circuitry and can endure current limiting for a few mili-seconds. If the over current condition persists beyond a few
milliseconds, the module will shut down into hiccup mode and restart once every 400mS. The module operates
normally when the output current goes into specified range. The typical average output current is 4.8A during
hiccup.
output current waveform
Expansion of on time portion


Similar Part No. - 0RQB-Q2T06L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RQB-Q2T06L BEL-0RQB-Q2T06L Datasheet
446Kb / 15P
   ISOLATED DC/DC CONVERTERS
More results

Similar Description - 0RQB-Q2T06L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com