Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0RQB-D0N12L Datasheet(PDF) 9 Page - Bel Fuse Inc.

Part # 0RQB-D0N12L
Description  ISOLATED DC/DC CONVERTERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0RQB-D0N12L Datasheet(HTML) 9 Page - Bel Fuse Inc.

Back Button 0RQB-D0N12L Datasheet HTML 4Page - Bel Fuse Inc. 0RQB-D0N12L Datasheet HTML 5Page - Bel Fuse Inc. 0RQB-D0N12L Datasheet HTML 6Page - Bel Fuse Inc. 0RQB-D0N12L Datasheet HTML 7Page - Bel Fuse Inc. 0RQB-D0N12L Datasheet HTML 8Page - Bel Fuse Inc. 0RQB-D0N12L Datasheet HTML 9Page - Bel Fuse Inc. 0RQB-D0N12L Datasheet HTML 10Page - Bel Fuse Inc. 0RQB-D0N12L Datasheet HTML 11Page - Bel Fuse Inc. 0RQB-D0N12L Datasheet HTML 12Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
9
ISOLATED DC/DC CONVERTERS
18 Vdc - 60 Vdc Input 12 Vdc /16 A Output
Nov. 17, 2010
Bel Power Inc., a subsidiary of Bel Fuse Inc.
Remote Sense
This module has remote sense compensation feature. It can minimize the effects of resistance between
module’s output and load in system layout and facilitates accurate voltage regulation at load terminals or
other selected point.
1. The remote sense lines carries very little current and hence do not require a large cross-sectional area.
2. This module compensates for a maximum drop of 10% of the nominal output voltage.
3. If the unit is already trimmed up, the available remote sense compensation range should be
correspondingly reduced. The total voltage increased by trim and remote sense should not exceed 10%
of the nominal output voltage.
4. When using remote sense compensation, all the resistance, parasitic inductance and capacitance of the
system are incorporated within the feedback loop of this module. The can make an effect on the
module's compensation, affecting the stability and dynamic response. A 0.1uF ceramic capacitor can be
connected at the point of load to de-couple noise on the sense wires.
5. Recommend the connection of remote sense compensation as below figure. There are a resistor RS+
(100 ohm) from Vo+ to Sense+ and a resistor RS- (51 ohm)) from Vo- to Sense- inside of this module.
6. If not using remote sense compensation, please connect sense directly to output at module's pin, that is,
connect sense+ to Vo+ and sense- to Vo- at module's pin, the shorter the better. See below figure.
Sense+
Sense-
Vo-
Vo+
Load
Sense+
Sense-
Vo-
Vo+
Load


Similar Part No. - 0RQB-D0N12L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RQB-D0T120 BEL-0RQB-D0T120 Datasheet
172Kb / 6P
   ISOLATED DC/DC CONVERTERS
0RQB-D0T12L BEL-0RQB-D0T12L Datasheet
172Kb / 6P
   ISOLATED DC/DC CONVERTERS
0RQB-D0T12X BEL-0RQB-D0T12X Datasheet
172Kb / 6P
   ISOLATED DC/DC CONVERTERS
0RQB-D0U12 BEL-0RQB-D0U12 Datasheet
786Kb / 20P
   0RQB-D0U12 High Efficiency
0RQB-D0U120G BEL-0RQB-D0U120G Datasheet
786Kb / 20P
   0RQB-D0U12 High Efficiency
More results

Similar Description - 0RQB-D0N12L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com