Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0RQB-C5T12L Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # 0RQB-C5T12L
Description  ISOLATED DC/DC CONVERTERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0RQB-C5T12L Datasheet(HTML) 3 Page - Bel Fuse Inc.

  0RQB-C5T12L Datasheet HTML 1Page - Bel Fuse Inc. 0RQB-C5T12L Datasheet HTML 2Page - Bel Fuse Inc. 0RQB-C5T12L Datasheet HTML 3Page - Bel Fuse Inc. 0RQB-C5T12L Datasheet HTML 4Page - Bel Fuse Inc. 0RQB-C5T12L Datasheet HTML 5Page - Bel Fuse Inc. 0RQB-C5T12L Datasheet HTML 6Page - Bel Fuse Inc. 0RQB-C5T12L Datasheet HTML 7Page - Bel Fuse Inc. 0RQB-C5T12L Datasheet HTML 8Page - Bel Fuse Inc. 0RQB-C5T12L Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
 Tel 201-432-0463  Fax 201-432-9542  www.belfuse.com
3
ISOLATED DC/DC CONVERTERS
48 Vdc Input 12 Vdc/12 A, 3.3 Vdc/46 A, 5 Vdc/30 A, 1.2-2.5 Vdc/50 A Outputs
May 17, 2011
Bel Power Inc., a subsidiary of Bel Fuse Inc.
Output Specifications
Parameter
Min
Typ
Max
Unit
Notes
Output Voltage Set Point
VO=12 V
VO=5.0 V
VO=3.3 V
VO=2.5 V
VO=1.8 V
VO=1.5 V
VO=1.2 V
11.790
4.925
3.260
2.450
1.770
1.477
1.176
12.030
5.004
3.308
2.503
1.808
1.500
1.200
12.270
5.075
3.360
2.550
1.844
1.523
1.224
V
V
V
V
V
V
V
Vin=48V, Io=50% load
Output Voltage Set Point
-3.5
-
3.5
%Vo,set
Over all operating input voltage,
resistive load, and temperature
conditions.
Line Regulation
VO=12 V
VO=5.0 V
VO=1.2 V-3.3 V
-
-
-
8
5
3
15
15
6
mV
mV
mV
Load Regulation
VO=5.0 V-12 V
VO=2.5 V-3.3 V
VO=1.2 V-1.8 V
-
-
-
10
5
2
20
10
5
mV
mV
mV
Regulation Over Temperature
(-40
C to +85 C)
VO=12 V
VO=5.0 V
VO=3.3 V
VO=2.5 V
VO=1.8 V-1.2 V
-
-
-
-
-
60
40
30
20
15
100
65
50
40
30
mV
mV
mV
mV
mV
Output Current
Vo=12 V
Vo=5.0 V
Vo=3.3 V
Vo=1.2 V-2.5 V
0
0
0
0
-
-
-
-
12
30
46
50
A
A
A
A
Current Limit Threshold
VO=12 V
VO=5.0 V
VO=3.3 V
VO=1.2 V-2.5 V
14
35
50
55
15.5
40
60
60
18
45
65
65
A
A
A
A
Short Circuit Surge Transient
-
3
5
A
2s
Ripple and Noise (rms)
VO=12 V
VO=5.0 V
VO=3.3 V
VO=1.2 V-2.5 V
-
-
-
-
25
20
20
15
30
25
20
20
mV
mV
mV
mV
Ripple and Noise (pk-pk)
VO=12 V
VO=5.0 V
VO=3.3 V
VO=1.8 V
Vo=2.5 V
VO=1.5 V
VO=1.2 V
-
-
-
-
-
-
70
60
50
45
40
55
40
90
80
70
60
60
70
60
mV
mV
mV
mV
mV
mV
mV
Test conditions:
0-20 MHz BW, with a 1 uF
ceramic capacitor and a 10 uF
Tantalum capacitor at the output.
Turn on Time
10
-
100
mS
Overshoot at Turn on
-
0
5
%


Similar Part No. - 0RQB-C5T12L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RQB-C5T12L BEL-0RQB-C5T12L Datasheet
466Kb / 12P
   ISOLATED DC/DC CONVERTERS 48 V Input 12 V/12 A, 3.3 V/46 A, 5 V/30 A, 1.2 V - 2.5 V/50 A
0RQB-C5T12L BEL-0RQB-C5T12L Datasheet
681Kb / 12P
   ISOLATED DC/DC CONVERTERS
More results

Similar Description - 0RQB-C5T12L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com