Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC1004H3R3MN Datasheet(PDF) 5 Page - Superworld Electronics

Part # PIC1004H3R3MN
Description  MOLDED POWER CHOKE COIL
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PIC1004H3R3MN Datasheet(HTML) 5 Page - Superworld Electronics

  PIC1004H3R3MN Datasheet HTML 1Page - Superworld Electronics PIC1004H3R3MN Datasheet HTML 2Page - Superworld Electronics PIC1004H3R3MN Datasheet HTML 3Page - Superworld Electronics PIC1004H3R3MN Datasheet HTML 4Page - Superworld Electronics PIC1004H3R3MN Datasheet HTML 5Page - Superworld Electronics PIC1004H3R3MN Datasheet HTML 6Page - Superworld Electronics PIC1004H3R3MN Datasheet HTML 7Page - Superworld Electronics PIC1004H3R3MN Datasheet HTML 8Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
PG. 5
SUPERWORLD ELECTRONICS (S) PTE LTD
8. RELIABILITY AND TEST CONDITION
Humidity Resistance
Thermal Shock
Temperature Test
Reliability Test
Measure at room temperature after placing for 2 to 3 hrs.
Humidity : 85± 3% RH
Time : 1000± 12hrs
Temperature : 85± 2° C
3
2
1
Total : 300 cycles
Step
Conditions of 1 cycle.
Room Temperature
+125+2/-0
-40+0/-2
15± 1
15± 1
Temperature (° C)
Times (min.)
Measured at room temperature after placing for 2 to 3hrs
Time : 1000± 12hrs
Temperature : 125± 2° C
Refer to standard electrical characteristics list
PERFORMANCE
Electrical Characteristics Test
Saturation Current (Isat)
Heat Rated Current (Irms)
DCR
Inductance
ITEM
HP4284A, CH11025, CH3302, CH1320, CH1320S
CH16502, Agilent33420A Micro-Ohm Meter.
LCR meter.
TEST CONDITION
Random Vibration
This cycle shall be performed 12 times in each of three
mutually perpendicular directions.
Amplitude: Parts mounted within 2" from any secure point
Frequency : 10-2000-10Hz for 20 min.
Test
(MIL-PRF-27)
(AEC-Q200-REV C)
Temperature : 260± 5° C, 20-40 seconds
Duration : 5 minutes
Preheat : 150± 5° C
Reflow Test
Electric specification should be satisfied
Solder test
After dip into flux dip into solder
235± 5° C, 4± 1seconds
Flux, solder for lead free
(ANSI/J-STD-002C Method B)
Terminals should be covered by over 95%
solder on visual inspection.
2. Temperature measured by digital surface thermometer
1. Applied the allowed DC current(keep 1min).
approximately
T of 40°C without core loss
Irms(A) will cause the coil temperature rise
Isat(A) will cause Lo to drop
Directions and times : X, Y, Z directions for 20 min.
Within <0.2
Measured at room temperature after placing for 2 to 3hrs
(AEC-Q200-REV C)
25.02.2011
(Total 12hours).
(MIL-STD-202 Method 204 D Test condition B)
(IPC/JEDEC J-STD-020C)
MOLDED POWER CHOKE COIL
PIC1004H SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
L20% typical
Temperature Test
Measured at room temperature after placing for 2 to 3hrs
Time :500± 12hrs
Temperature : -40± 2° C
Low
High
HF
Halogen
Free


Similar Part No. - PIC1004H3R3MN

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PIC1004H-3R9MF SUPERWORLD-PIC1004H-3R9MF Datasheet
860Kb / 12P
   SMD Power Choke Coil
PIC1004H100MF SUPERWORLD-PIC1004H100MF Datasheet
860Kb / 12P
   SMD Power Choke Coil
PIC1004H150MF SUPERWORLD-PIC1004H150MF Datasheet
860Kb / 12P
   SMD Power Choke Coil
PIC1004H180MF SUPERWORLD-PIC1004H180MF Datasheet
860Kb / 12P
   SMD Power Choke Coil
PIC1004H1R0MF SUPERWORLD-PIC1004H1R0MF Datasheet
860Kb / 12P
   SMD Power Choke Coil
More results

Similar Description - PIC1004H3R3MN

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PIB0603M SUPERWORLD-PIB0603M Datasheet
368Kb / 9P
   MOLDED POWER CHOKE COIL
PIB0512MP SUPERWORLD-PIB0512MP Datasheet
324Kb / 8P
   MOLDED POWER CHOKE COIL
PIB0605M SUPERWORLD-PIB0605M Datasheet
335Kb / 8P
   MOLDED POWER CHOKE COIL
PIB0612M SUPERWORLD-PIB0612M Datasheet
336Kb / 8P
   MOLDED POWER CHOKE COIL
PIB0624M SUPERWORLD-PIB0624M Datasheet
330Kb / 8P
   MOLDED POWER CHOKE COIL
PIC0515HP SUPERWORLD-PIC0515HP Datasheet
348Kb / 8P
   MOLDED POWER CHOKE COIL
PIC0605H SUPERWORLD-PIC0605H Datasheet
362Kb / 9P
   MOLDED POWER CHOKE COIL
PIB0402MP SUPERWORLD-PIB0402MP Datasheet
367Kb / 8P
   MOLDED POWER CHOKE COIL
PIB1003M SUPERWORLD-PIB1003M Datasheet
328Kb / 8P
   MOLDED POWER CHOKE COIL
PIB1235M SUPERWORLD-PIB1235M Datasheet
334Kb / 8P
   MOLDED POWER CHOKE COIL
PIC0503H SUPERWORLD-PIC0503H Datasheet
337Kb / 8P
   MOLDED POWER CHOKE COIL
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com