Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC1005H2R2MN Datasheet(PDF) 3 Page - Superworld Electronics

Part # PIC1005H2R2MN
Description  MODLED POWER CHOKE COIL
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PIC1005H2R2MN Datasheet(HTML) 3 Page - Superworld Electronics

  PIC1005H2R2MN Datasheet HTML 1Page - Superworld Electronics PIC1005H2R2MN Datasheet HTML 2Page - Superworld Electronics PIC1005H2R2MN Datasheet HTML 3Page - Superworld Electronics PIC1005H2R2MN Datasheet HTML 4Page - Superworld Electronics PIC1005H2R2MN Datasheet HTML 5Page - Superworld Electronics PIC1005H2R2MN Datasheet HTML 6Page - Superworld Electronics PIC1005H2R2MN Datasheet HTML 7Page - Superworld Electronics PIC1005H2R2MN Datasheet HTML 8Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 3
11.03.2011
7. CHARACTERISTICS CURVES :
MODLED POWER CHOKE COIL
PIC1005H SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
TMPC1005H1R0MNZ01
0.0
0.5
1.0
1.5
2.0
DCCURRENT(A)
0
10
20
30
40
50
60
Ls(uH)
0.98
0.97
0.95
0.93
0.89
0.85
0.84
0.83
0.81
TEMP( )
0
3
9
16
26
35
45
0
5
10
15
20
24
26
28
32
PIC1005M1R0MN
0.0
0.2
0.3
0.5
0.6
DCCURRENT(A)
0
5
10
15
20
25
30
35
40
45
50
Ls(uH)
0.31
0.31
0.3
0.29
0.28
0.27
0.27
0.26
0.26
0.25
TEMP( )0
2
7
16
28
45
0
1020
3038
4550
5560
65
PIC1005MR30MN
HF
Halogen
Free


Similar Part No. - PIC1005H2R2MN

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PIC1005H2R2MF SUPERWORLD-PIC1005H2R2MF Datasheet
592Kb / 9P
   SMD Power Choke Coil
More results

Similar Description - PIC1005H2R2MN

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ETQP1H0R6BFA PANASONIC-ETQP1H0R6BFA Datasheet
120Kb / 2P
   Power Choke Coil
ETQP3LR33XFN PANASONIC-ETQP3LR33XFN Datasheet
481Kb / 3P
   Power Choke Coil
ETQP4LR36AFC PANASONIC-ETQP4LR36AFC Datasheet
66Kb / 2P
   Power Choke Coil
logo
KOA Speer Electronics, ...
SDS1205TTEB2R5M KOA-SDS1205TTEB2R5M Datasheet
325Kb / 5P
   power choke coil
logo
Panasonic Semiconductor
ETQ-P2H0R7BFA PANASONIC-ETQ-P2H0R7BFA Datasheet
77Kb / 2P
   Power Choke Coil
PCC-F126F PANASONIC-PCC-F126F Datasheet
220Kb / 2P
   Power Choke Coil
ETQP6F2R5BFA PANASONIC-ETQP6F2R5BFA Datasheet
524Kb / 2P
   Power Choke Coil
ETQ-P3H0R8BFA PANASONIC-ETQ-P3H0R8BFA Datasheet
86Kb / 2P
   Power Choke Coil
ETQ-P3W4R7WFN PANASONIC-ETQ-P3W4R7WFN Datasheet
81Kb / 2P
   Power Choke Coil
logo
Superworld Electronics
PIC0315HR47MF SUPERWORLD-PIC0315HR47MF Datasheet
1Mb / 7P
   SMD Power Choke Coil
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com