Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0RQ1-C5TV8A Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # 0RQ1-C5TV8A
Description  ISOLATED DC/DC CONVERTERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0RQ1-C5TV8A Datasheet(HTML) 2 Page - Bel Fuse Inc.

  0RQ1-C5TV8A Datasheet HTML 1Page - Bel Fuse Inc. 0RQ1-C5TV8A Datasheet HTML 2Page - Bel Fuse Inc. 0RQ1-C5TV8A Datasheet HTML 3Page - Bel Fuse Inc. 0RQ1-C5TV8A Datasheet HTML 4Page - Bel Fuse Inc. 0RQ1-C5TV8A Datasheet HTML 5Page - Bel Fuse Inc. 0RQ1-C5TV8A Datasheet HTML 6Page - Bel Fuse Inc. 0RQ1-C5TV8A Datasheet HTML 7Page - Bel Fuse Inc. 0RQ1-C5TV8A Datasheet HTML 8Page - Bel Fuse Inc. 0RQ1-C5TV8A Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
 Tel 201-432-0463  Fax 201-432-9542  www.belfuse.com
2
ISOLATED DC/DC CONVERTERS
36 - 75 Vdc Input
1.8 Vdc /60 A Output
Converter
Feb. 21, 2011
Bel Power Inc., a subsidiary of Bel Fuse Inc.
Absolute Maximum Ratings
Parameter
Min
Typ
Max
Unit
Notes
Continuous Input Voltage
-0.3
-
80
V
Non-operating
Input Transient Voltage
-
-
100
V
100 mS maximum
Remote On/Off
-0.3
-
18
V
I/O Isolation Voltage
-
-
1500
V
Ambient Temperature
-40
-
85
C
Storage Temperature
-55
-
125
C
Note: All specifications are typical at 25 C unless otherwise stated.
Input Specifications
Parameter
Min
Typ
Max
Unit
Notes
Operating Input Voltage
36
48
75
V
Input Current (full load)
-
-
4
A
Input Current (no load)
-
70
100
mA
Remote Off Input Current
-
5
10
mA
Input Reflected Ripple Current
(pk-pk)
-
10
20
mA
Input Reflected Ripple Current
(rms)
-
2
7
mA
With simulated source impedance of
10 uH, 5 Hz to 20 MHz; use a 100
uF/100 V electrolytic capacitor with
ESR = 1 ohm max at 200 kHz
I
2t Inrush Current Transient
-
-
1
A
2s
Turn-on Voltage Threshold
32
34
35
V
Turn-off Voltage Threshold
30
32
34
V
CAUTION: This converter is not internally fused. An input line fuse must be used in application.
Recommend a fast-acting fuse with maximum rating of 5A on system board. Refer to the fuse
manufacture’s datasheet for further information.
Notes: 1. This converter has internal C-L-C (0.47uF-2.2uH-6.6uF) filter.
2. All specifications are typical at 25
C unless otherwise stated.
Output Specifications
Parameter
Min
Typ
Max
Unit
Notes
Output Voltage Set Point
1.764
1.8
1.836
V
Vin=48V, half load
Load Regulation
-
5
10
mV
Vin=48 V, Iout=0-60 A
Line Regulation
-
2
7
mV
Vin=36~75V, full load
Regulation Over Temperature
(-40deg.C-85deg.C)
-
-
0.01
%Vo
/C
Ripple and Noise (pk-pk)
-
60
100
mV
Ripple and Noise (rms)
-
15
30
mV
Vin=48V, full load, 0-20MHz BW, with
a 1µF ceramic capacitor and a 10µF
tantalum capacitor at output
Output Ripple and Noise(Pk-Pk)
under worst case
-
-
150
mV
over all operating input voltage, load
and ambient temperature condition
Output Current Range
0
-
60
A


Similar Part No. - 0RQ1-C5TV8A

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RQ1-C5TV8A BEL-0RQ1-C5TV8A Datasheet
369Kb / 17P
   ISOLATED DC/DC CONVERTERS
More results

Similar Description - 0RQ1-C5TV8A

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com