Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC0615H4R7MN Datasheet(PDF) 1 Page - Superworld Electronics

Part # PIC0615H4R7MN
Description  MOLDED POWER CHOKE COIL
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PIC0615H4R7MN Datasheet(HTML) 1 Page - Superworld Electronics

  PIC0615H4R7MN Datasheet HTML 1Page - Superworld Electronics PIC0615H4R7MN Datasheet HTML 2Page - Superworld Electronics PIC0615H4R7MN Datasheet HTML 3Page - Superworld Electronics PIC0615H4R7MN Datasheet HTML 4Page - Superworld Electronics PIC0615H4R7MN Datasheet HTML 5Page - Superworld Electronics PIC0615H4R7MN Datasheet HTML 6Page - Superworld Electronics PIC0615H4R7MN Datasheet HTML 7Page - Superworld Electronics PIC0615H4R7MN Datasheet HTML 8Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
P I C 0 6 1 5 H 1 R 0 M N -
(a)
(d)
(b)
(e)
1. PART NO. EXPRESSION :
(b) Dimension code
(c) Type code
(a) Series code
2. CONFIGURATION & DIMENSIONS :
A
SUPERWORLD ELECTRONICS (S) PTE LTD
3. SCHEMATIC :
(d) Inductance code : 1R0 = 1.0uH
(e) Tolerance code : M = ± 20%, Y = ± 30%
PG. 1
6.6± 0.3
BC
1.3± 0.2
D
3.0± 0.3
E
Unit:m/m
7.0± 0.3
1.8± 0.3
h) Part Temperature (Ambient+Temp. Rise) : Should not exceed 125° C under worst case operating conditions.
f) Heat Rated Current (Irms) : Will cause the coil temp. rise approximately t of 40°C (keep 1min.)
g) Saturation Current (Isat) : Will cause L0 to drop 20% typical (keep quickly)
5. GENERAL SPECIFICATION :
d) Storage Temp. : -10° C to +40° C
c) Operating Temp. : -40° C to +125° C
e) Humidity Range : 50 ~ 60% RH (Product without taping)
b) Ambient Temp. : 25° C
a) Test Freq. : L : 100KHz/1V
(c)
(f)
(f) No coating
1R0
A
C
D
4. MATERIALS :
(a) Core : Magnetic metal powder or equivalent
(b) Wire : Polyester wire or equivalent
(c) Solder Plating : 100% Pb free solder
25.02.2011
MOLDED POWER CHOKE COIL
PIC0615H SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
(d) Ink : Halogen-free ketone
(g)
(g) Internal control number : 11 ~ 99
a
b
c
d
1104
HF
Halogen
Free


Similar Part No. - PIC0615H4R7MN

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PIC0615H4R7MF SUPERWORLD-PIC0615H4R7MF Datasheet
531Kb / 8P
   SMD Power Choke Coil
More results

Similar Description - PIC0615H4R7MN

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PIB0603M SUPERWORLD-PIB0603M Datasheet
368Kb / 9P
   MOLDED POWER CHOKE COIL
PIB0512MP SUPERWORLD-PIB0512MP Datasheet
324Kb / 8P
   MOLDED POWER CHOKE COIL
PIB0605M SUPERWORLD-PIB0605M Datasheet
335Kb / 8P
   MOLDED POWER CHOKE COIL
PIB0612M SUPERWORLD-PIB0612M Datasheet
336Kb / 8P
   MOLDED POWER CHOKE COIL
PIB0624M SUPERWORLD-PIB0624M Datasheet
330Kb / 8P
   MOLDED POWER CHOKE COIL
PIC0515HP SUPERWORLD-PIC0515HP Datasheet
348Kb / 8P
   MOLDED POWER CHOKE COIL
PIC0605H SUPERWORLD-PIC0605H Datasheet
362Kb / 9P
   MOLDED POWER CHOKE COIL
PIB0402MP SUPERWORLD-PIB0402MP Datasheet
367Kb / 8P
   MOLDED POWER CHOKE COIL
PIB1003M SUPERWORLD-PIB1003M Datasheet
328Kb / 8P
   MOLDED POWER CHOKE COIL
PIB1235M SUPERWORLD-PIB1235M Datasheet
334Kb / 8P
   MOLDED POWER CHOKE COIL
PIC0503H SUPERWORLD-PIC0503H Datasheet
337Kb / 8P
   MOLDED POWER CHOKE COIL
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com