Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0RCY-60TV5L Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 0RCY-60TV5L
Description  ISOLATED DC/DC CONVERTERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0RCY-60TV5L Datasheet(HTML) 1 Page - Bel Fuse Inc.

  0RCY-60TV5L Datasheet HTML 1Page - Bel Fuse Inc. 0RCY-60TV5L Datasheet HTML 2Page - Bel Fuse Inc. 0RCY-60TV5L Datasheet HTML 3Page - Bel Fuse Inc. 0RCY-60TV5L Datasheet HTML 4Page - Bel Fuse Inc. 0RCY-60TV5L Datasheet HTML 5Page - Bel Fuse Inc. 0RCY-60TV5L Datasheet HTML 6Page - Bel Fuse Inc. 0RCY-60TV5L Datasheet HTML 7Page - Bel Fuse Inc. 0RCY-60TV5L Datasheet HTML 8Page - Bel Fuse Inc. 0RCY-60TV5L Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
 Tel 201-432-0463  Fax 201-432-9542  www.belfuse.com
ISOLATED DC/DC CONVERTERS
48 Vdc Input 1.2 Vdc - 3.3 Vdc/15 A, 5 Vdc/12 A, 12 Vdc/5 A Output, 1/8 Brick
Nov. 22, 2010
Bel Power, Inc. , a subsidiary of Bel Fuse, Inc.
Features
Isolated
Output Over Voltage Shutdown
High Efficiency
OCP/SCP
High Power Density
Over Temperature Protection
Fixed Frequency (300 KHz)
Remote On/Off Logic (Optional)
Low Cost
Positive/Negative Remote Sence
Input Under Voltage Lockout
Basic Isolation
Output Voltage Trim
Class 1, Category 2, Isolated DC/DC Converter (refer to IPC-9592)
UL60950-1 Recognized (UL/cUL) (Pending)
Applications
Networking
Computers and peripherals
Telecommunications
Description
The 0RCY-60T series are isolated dc/dc converters that operate from a nominal 48 Vdc source. These units will
provide up to 60 W of output power from a nominal 48 Vdc input. These units are designed to be highly efficient
and low cost. Features include remote on/off, short circuit protection, over current protection, over temperature
protection, input under voltage lockout, and output over voltage protection. These converters are provided in an
industry standard eighth brick package.
Part Selection
Output Voltage
Input Voltage
Max. Output
Current
Max. Output
Power
Typical
Efficiency
Model Number
Active High
Model Number
Active Low
12.0 Vdc
36 Vdc - 75 Vdc
5 A
60.0 W
91%
0RCY-60T120
0RCY-60T12L
5.0 Vdc
36 Vdc - 75 Vdc
12 A
60.0 W
91%
0RCY-60T050
0RCY-60T05L
3.3 Vdc
36 Vdc - 75 Vdc
15 A
50.0 W
89%
0RCY-60T033
0RCY-60T03L
2.5 Vdc
36 Vdc - 75 Vdc
15 A
37.5 W
87%
0RCY-60T025
0RCY-60T02L
1.8 Vdc
36 Vdc - 75 Vdc
15 A
27 W
85%
0RCY-60TV80
0RCY-60TV8L
1.5 Vdc
36 Vdc - 75 Vdc
15 A
22.5 W
84%
0RCY-60TV50
0RCY-60TV5L
1.2 Vdc
36 Vdc - 75 Vdc
15 A
18 W
82%
0RCY-60TV20
0RCY-60TV2L
Notes: Add “G” suffix at the end of the model number to indicate Tray Packaging.
0RCY-60T
Series
RoHS Compliant
Rev.B


Similar Part No. - 0RCY-60TV5L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60TV5L BEL-0RCY-60TV5L Datasheet
433Kb / 12P
   ISOLATED DC/DC CONVERTERS 48 V Input 1.2 V - 3.3 V/15 A, 5 V/12 A, 12 V/5 A Output, 1/8 Brick
0RCY-60TV5L BEL-0RCY-60TV5L Datasheet
440Kb / 12P
   ISOLATED DC/DC CONVERTERS
More results

Similar Description - 0RCY-60TV5L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com