Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC0512HP Datasheet(PDF) 2 Page - Superworld Electronics

Part # PIC0512HP
Description  MOLDED POWER CHOKE COIL
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PIC0512HP Datasheet(HTML) 2 Page - Superworld Electronics

  PIC0512HP Datasheet HTML 1Page - Superworld Electronics PIC0512HP Datasheet HTML 2Page - Superworld Electronics PIC0512HP Datasheet HTML 3Page - Superworld Electronics PIC0512HP Datasheet HTML 4Page - Superworld Electronics PIC0512HP Datasheet HTML 5Page - Superworld Electronics PIC0512HP Datasheet HTML 6Page - Superworld Electronics PIC0512HP Datasheet HTML 7Page - Superworld Electronics PIC0512HP Datasheet HTML 8Page - Superworld Electronics PIC0512HP Datasheet HTML 9Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 2
6. ELECTRICAL CHARACTERISTICS :
Inductance L
Part No.
PIC0512HPR10YN
0
0.10 ± 30%
( µH )
@ 0 A
4.3
DCR
Typ. @ 25° C
( m )
Irms
( A )
14
14.5
( A )
Isat
Typ.
Typ.
7. CHARACTERISTICS CURVES :
DCR
( m )
Max. @ 25° C
5.2
MOLDED POWER CHOKE COIL
PIC0512HP SERIES
02.06.2011
0.22 ± 30%
5.5
10.7
14.0
6.7
0.33 ± 20%
7.8
8.5
13.5
9.4
1.20 ± 20%
33
4.5
5.5
40
1.50 ± 20%
38
4.0
5.0
44
2.20 ± 20%
65
3.5
4.0
75
3.30 ± 20%
75
3.0
3.8
86
NOTE : Specifications subject to change without notice. Please check our website for latest information.
4.70 ± 20%
100
2.5
3.2
115
5.60 ± 20%
175
2.4
3.2
201
6.80± 20%
193
2.0
3.0
222
1.00 ± 20%
26
5.0
6.0
30
PIC0512HPR22YN
PIC0512HPR33MN
PIC0512HP1R0MN
PIC0512HP1R2MN
PIC0512HP1R5MN
PIC0512HP2R2MN
PIC0512HP3R3MN
PIC0512HP4R7MN
PIC0512HP5R6MN
PIC0512HP6R8MN
8.20 ± 20%
327
1.7
2.8
378
PIC0512HP8R2MN
0.36 ± 20%
10
8.0
13
11.5
0.47 ± 20%
13.6
7.0
11
15.8
PIC0512HPR36MN
PIC0512HPR47MN
0.68 ± 20%
21.5
6.0
9.0
24.5
PIC0512HPR68MN
10.0 ± 20%
335
1.5
1.8
385
PIC0512HP100MN
0
5
10
15
20
DC CURRENT(A)
0
0.04
0.08
0.12
0.16
0.2
0
20
40
60
80
100
TMPC0512HP-R10
PIC0512HPR10YN
02
468
10
12
14
DC CURRENT(A)
0
0.1
0.2
0.3
0.4
0.5
0
20
40
60
80
100
TMPC0512HP-R22
PIC0512HPR22YN
HF
Halogen
Free


Similar Part No. - PIC0512HP

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PIC0515HP SUPERWORLD-PIC0515HP Datasheet
348Kb / 8P
   MOLDED POWER CHOKE COIL
PIC0515HP100MN SUPERWORLD-PIC0515HP100MN Datasheet
348Kb / 8P
   MOLDED POWER CHOKE COIL
PIC0515HP1R0MN SUPERWORLD-PIC0515HP1R0MN Datasheet
348Kb / 8P
   MOLDED POWER CHOKE COIL
PIC0515HP1R5MN SUPERWORLD-PIC0515HP1R5MN Datasheet
348Kb / 8P
   MOLDED POWER CHOKE COIL
PIC0515HP2R2MN SUPERWORLD-PIC0515HP2R2MN Datasheet
348Kb / 8P
   MOLDED POWER CHOKE COIL
More results

Similar Description - PIC0512HP

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PIB0603M SUPERWORLD-PIB0603M Datasheet
368Kb / 9P
   MOLDED POWER CHOKE COIL
PIB0512MP SUPERWORLD-PIB0512MP Datasheet
324Kb / 8P
   MOLDED POWER CHOKE COIL
PIB0605M SUPERWORLD-PIB0605M Datasheet
335Kb / 8P
   MOLDED POWER CHOKE COIL
PIB0612M SUPERWORLD-PIB0612M Datasheet
336Kb / 8P
   MOLDED POWER CHOKE COIL
PIB0624M SUPERWORLD-PIB0624M Datasheet
330Kb / 8P
   MOLDED POWER CHOKE COIL
PIC0515HP SUPERWORLD-PIC0515HP Datasheet
348Kb / 8P
   MOLDED POWER CHOKE COIL
PIC0605H SUPERWORLD-PIC0605H Datasheet
362Kb / 9P
   MOLDED POWER CHOKE COIL
PIB0402MP SUPERWORLD-PIB0402MP Datasheet
367Kb / 8P
   MOLDED POWER CHOKE COIL
PIB1003M SUPERWORLD-PIB1003M Datasheet
328Kb / 8P
   MOLDED POWER CHOKE COIL
PIB1235M SUPERWORLD-PIB1235M Datasheet
334Kb / 8P
   MOLDED POWER CHOKE COIL
PIC0503H SUPERWORLD-PIC0503H Datasheet
337Kb / 8P
   MOLDED POWER CHOKE COIL
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com