Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIB0624M2R2MN Datasheet(PDF) 2 Page - Superworld Electronics

Part # PIB0624M2R2MN
Description  MOLDED POWER CHOKE COIL
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PIB0624M2R2MN Datasheet(HTML) 2 Page - Superworld Electronics

  PIB0624M2R2MN Datasheet HTML 1Page - Superworld Electronics PIB0624M2R2MN Datasheet HTML 2Page - Superworld Electronics PIB0624M2R2MN Datasheet HTML 3Page - Superworld Electronics PIB0624M2R2MN Datasheet HTML 4Page - Superworld Electronics PIB0624M2R2MN Datasheet HTML 5Page - Superworld Electronics PIB0624M2R2MN Datasheet HTML 6Page - Superworld Electronics PIB0624M2R2MN Datasheet HTML 7Page - Superworld Electronics PIB0624M2R2MN Datasheet HTML 8Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 2
6. ELECTRICAL CHARACTERISTICS :
Inductance L
Part No.
0
( µH )
@ 0 A
DCR
Typ. @ 25° C
( m )
Irms
( A )
( A )
Isat
Typ.
Typ.
MOLDED POWER CHOKE COIL
PIB0624M SERIES
25.02.2011
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PIB0624MR10YN
0.10 ± 30%
1.5
30
70
PIB0624M1R0MN
1.00 ± 20%
17
8.5
15
PIB0624M2R2MN
2.20 ± 20%
26
6.0
9.5
PIB0624M3R3MN
3.30 ± 20%
35
5.5
8.5
PIB0624M4R7MN
4.70 ± 20%
45
5.0
6.0
PIB0624M6R8MN
6.80 ± 20%
62
4.0
6.0
PIB0624MR68MN
0.68 ± 20%
8.3
11
14
DCR
Max. @ 25° C
( m )
1.7
20
29
39
50
70
9.5
PIB0624MR22YN
0.22 ± 30%
2.6
21
34
3.2
PIB0624MR47MN
0.47 ± 20%
4.5
15
22
5.1
PIB0624M100MN
10.0 ± 20%
92
3.2
3.5
101
HF
Halogen
Free


Similar Part No. - PIB0624M2R2MN

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PIB0602M SUPERWORLD-PIB0602M Datasheet
341Kb / 8P
   MOLDED POWER CHOKE COIL
PIB0602M100MN SUPERWORLD-PIB0602M100MN Datasheet
341Kb / 8P
   MOLDED POWER CHOKE COIL
PIB0602M1R0MN SUPERWORLD-PIB0602M1R0MN Datasheet
341Kb / 8P
   MOLDED POWER CHOKE COIL
PIB0602M2R2MN SUPERWORLD-PIB0602M2R2MN Datasheet
341Kb / 8P
   MOLDED POWER CHOKE COIL
PIB0602M3R3MN SUPERWORLD-PIB0602M3R3MN Datasheet
341Kb / 8P
   MOLDED POWER CHOKE COIL
More results

Similar Description - PIB0624M2R2MN

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PIB0603M SUPERWORLD-PIB0603M Datasheet
368Kb / 9P
   MOLDED POWER CHOKE COIL
PIB0512MP SUPERWORLD-PIB0512MP Datasheet
324Kb / 8P
   MOLDED POWER CHOKE COIL
PIB0605M SUPERWORLD-PIB0605M Datasheet
335Kb / 8P
   MOLDED POWER CHOKE COIL
PIB0612M SUPERWORLD-PIB0612M Datasheet
336Kb / 8P
   MOLDED POWER CHOKE COIL
PIC0515HP SUPERWORLD-PIC0515HP Datasheet
348Kb / 8P
   MOLDED POWER CHOKE COIL
PIC0605H SUPERWORLD-PIC0605H Datasheet
362Kb / 9P
   MOLDED POWER CHOKE COIL
PIB0402MP SUPERWORLD-PIB0402MP Datasheet
367Kb / 8P
   MOLDED POWER CHOKE COIL
PIB1003M SUPERWORLD-PIB1003M Datasheet
328Kb / 8P
   MOLDED POWER CHOKE COIL
PIB1235M SUPERWORLD-PIB1235M Datasheet
334Kb / 8P
   MOLDED POWER CHOKE COIL
PIC0503H SUPERWORLD-PIC0503H Datasheet
337Kb / 8P
   MOLDED POWER CHOKE COIL
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com