Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29TS-806120A Datasheet(PDF) 1 Page - Superworld Electronics

Part # M29TS-806120A
Description  INTEGRATED MODULAR JACK
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

M29TS-806120A Datasheet(HTML) 1 Page - Superworld Electronics

  M29TS-806120A Datasheet HTML 1Page - Superworld Electronics M29TS-806120A Datasheet HTML 2Page - Superworld Electronics M29TS-806120A Datasheet HTML 3Page - Superworld Electronics M29TS-806120A Datasheet HTML 4Page - Superworld Electronics M29TS-806120A Datasheet HTML 5Page - Superworld Electronics M29TS-806120A Datasheet HTML 6Page - Superworld Electronics M29TS-806120A Datasheet HTML 7Page - Superworld Electronics M29TS-806120A Datasheet HTML 8Page - Superworld Electronics M29TS-806120A Datasheet HTML 9Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Meets or exceeds IEEE 802.3 standard for 10/100 Base-TX
350 uH minimum OCL with 8mA DC bias current
Minimum 1500Vrms isolation per IEEE802.3 requirement
Operating temperature 0°C to +70°C
Storage temperature -40°C to +85°C
TRANSFORMER ELECTRICAL SPECIFICATIONS AT 25°C
Part Number
NOTES : 1. LEDs G=green, Y=yellow, O=orange, N/A=none
2. C.M.R. = Common Mode Rejection
Options: 2x1, 2x4, 2x6, 2x8 Port
Turns Ratio
TX, RX
Insertion Loss
(dB max.)
1-100
Return Loss
1 -30
30-60 60-80
60-100
30-60
1-30
1 -60
Cross talk
C.M.R.
Hi - pot
( Vrms )
60Hz/1min
100 ±15 (dB min.)
(dB min.)
(dB min.)
60-100
80-100
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
LEDs
Available with or without LEDs
M29TS-706121A
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
-1.0
-18
-16
-12
-40
-30
-35
-40
-30
1500
-10
-1.0
-18
-16
-12
-40
-30
-35
-40
-30
1500
-10
-1.0
-18
-16
-12
-40
-30
-35
-40
-30
1500
-10
-1.0
-18
-16
-12
-40
-30
-35
-40
-30
1500
-10
-1.0
-18
-16
-12
-40
-30
-35
-40
-30
1500
-10
1CT:1CT
-1.0
-18
-16
-12
-40
-30
-35
-40
-30
1500
-10
M29TS-706261A
N / A
L / R
M29TS-806121A
M29TS-806261A
M29TS-906121A
M29TS-906261A
G / Y
G / Y
Patent No.:
Taiwan - M288027, M287944, file94219539
Japan
- 3119145, 3119556, 3119683
U.S.A.
- file11/274,137 file11/284,812 file11/304,735
Germany - 20 2005 029 158.2, 20 2005 019 160.4, 20 2005 019 479.4
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
-1.0
-18
-16
-12
-40
-30
-35
-40
-30
1500
-10
-1.0
-18
-16
-12
-40
-30
-35
-40
-30
1500
-10
-1.0
-18
-16
-12
-40
-30
-35
-40
-30
1500
-10
-1.0
-18
-16
-12
-40
-30
-35
-40
-30
1500
-10
-1.0
-18
-16
-12
-40
-30
-35
-40
-30
1500
-10
1CT:1CT
-1.0
-18
-16
-12
-40
-30
-35
-40
-30
1500
-10
G / Y
G / Y
G / Y
G / Y
M29TS-606121A
M29TS-606261A
1CT:1CT
1CT:1CT
1CT:1CT
-1.0
-18
-16
-12
-40
-30
-35
-40
-30
1500
-10
-1.0
-18
-16
-12
-40
-30
-35
-40
-30
1500
-10
-1.0
-18
-16
-12
-40
-30
-35
-40
-30
1500
-10
1CT:1CT
-1.0
-18
-16
-12
-40
-30
-35
-40
-30
1500
-10
G / Y
G / Y
M29TS-706120A
M29TS-706260A
M29TS-806120A
M29TS-806260A
M29TS-906120A
M29TS-906260A
M29TS-606120A
M29TS-606260A
N / A
N / A
N / A
N / A
N / A
N / A
N / A
MATERIAL SPECIFICATION
Metal Shell
: Copper Alloy, Finish: 50u" Nickel
Housing / Bottom Cover
Insert
15u" Gold on Contact Area, 100u" Tin on Solder, Both over 50u" Nickel Under-Plated
Coil Base
: Thermoplastic , UL 94V-0, Color Black
Contact Terminal / Phosphor Bronze
: Thermoplastic , UL 94V-0, Color Black
: Thermoplastic , UL 94V-0, Color Black
INTEGRATED MODULAR JACK
10/100 Base TX RJ45 2xN Port
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 1
12.05.2008


Similar Part No. - M29TS-806120A

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
M2901CEM TERIDIAN-M2901CEM Datasheet
525Kb / 27P
   V.22bis Single Chip Modem
January 2010
logo
Unisonic Technologies
M2904 UTC-M2904 Datasheet
129Kb / 6P
   LINEAR INTEGRATED CIRCUIT
M2904 UTC-M2904 Datasheet
234Kb / 6P
   SINGLE-SUPPLY DUAL OPERATIONAL AMPLIFIER
M2904-D08-T UTC-M2904-D08-T Datasheet
129Kb / 6P
   LINEAR INTEGRATED CIRCUIT
M2904-P08-R UTC-M2904-P08-R Datasheet
129Kb / 6P
   LINEAR INTEGRATED CIRCUIT
More results

Similar Description - M29TS-806120A

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
M26UX-008120A SUPERWORLD-M26UX-008120A Datasheet
202Kb / 3P
   INTEGRATED MODULAR JACK
G26US-010011A SUPERWORLD-G26US-010011A Datasheet
426Kb / 8P
   INTEGRATED MODULAR JACK
G26US-610121A SUPERWORLD-G26US-610121A Datasheet
455Kb / 7P
   INTEGRATED MODULAR JACK
M22DX-008110A SUPERWORLD-M22DX-008110A Datasheet
197Kb / 3P
   INTEGRATED MODULAR JACK
G27US-310339A SUPERWORLD-G27US-310339A Datasheet
268Kb / 5P
   INTEGRATED MODULAR JACK
G29TS-610130A SUPERWORLD-G29TS-610130A Datasheet
776Kb / 10P
   INTEGRATED MODULAR JACK
logo
Adam Technologies, Inc.
MTJ-88TX1-FSZ-D1LG-M62 ADAM-TECH-MTJ-88TX1-FSZ-D1LG-M62 Datasheet
103Kb / 1P
   Modular jack
logo
CUI INC
CRJ035-3-TH CUI-CRJ035-3-TH Datasheet
315Kb / 3P
   MODULAR JACK
04/16/2021
CRJ009-ML4-TH CUI-CRJ009-ML4-TH Datasheet
382Kb / 4P
   MODULAR JACK
CRJ021-3-TH CUI-CRJ021-3-TH Datasheet
288Kb / 3P
   MODULAR JACK
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com