Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G31TS-91015HA Datasheet(PDF) 8 Page - Superworld Electronics

Part # G31TS-91015HA
Description  INTEGRATED MODULAR JACK
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

G31TS-91015HA Datasheet(HTML) 8 Page - Superworld Electronics

Back Button G31TS-91015HA Datasheet HTML 2Page - Superworld Electronics G31TS-91015HA Datasheet HTML 3Page - Superworld Electronics G31TS-91015HA Datasheet HTML 4Page - Superworld Electronics G31TS-91015HA Datasheet HTML 5Page - Superworld Electronics G31TS-91015HA Datasheet HTML 6Page - Superworld Electronics G31TS-91015HA Datasheet HTML 7Page - Superworld Electronics G31TS-91015HA Datasheet HTML 8Page - Superworld Electronics G31TS-91015HA Datasheet HTML 9Page - Superworld Electronics G31TS-91015HA Datasheet HTML 10Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
NOTES : 1. Tolerance : PCB ±0.05mm
Connecetor ±0.25mm
2. Connector dimensions comply with FCC 68.5 dimension requirements
J8
J1
J8
J1
J8
J1
J8
J1
J1
J8
J1
J8
J1
J8
J1
J8
MECHANICAL : G31TS-710xxHA (2x4)
NO TRACE ZONE
23
45
67
8
P1
P1
P9
P9
P1
P1
P9
P9
P11 P12
P12 P11
P11 P12
P12 P11
30.60
18.47
10.80
4.57
11.43
15.49
PANEL CUT OUT
60.20
59.18
Port 2
Port 1
LED lower port
LED upper port
P2
P10
P2
P10
53.34
13.97
2.42
2.79
13.97
0.38
1.79
2.54
2.54
Ø1.02 x16
1.27
1.27
2.79
Ø3.2 x2
Suggested PCB Pad Layout
Component Side View
Ø1.58 x4
Port 1
0.15
(60.98)
Port 8
Port 7
Ø0.89 x80
6.60
4.06
P11 P12
P12 P11
P11 P12
P12 P11
Superworld 0601
G31TS-71013HA
Marking
0.3x0.5
0.5x0.5
INTEGRATED MODULAR JACK
10/100/1000 Gigabit Ethernet RJ45 2xN Port
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 8
12.05.2008


Similar Part No. - G31TS-91015HA

ManufacturerPart #DatasheetDescription
logo
EPCOS
G31-A75X EPCOS-G31-A75X Datasheet
52Kb / 4P
   Surge arrester 2-electrode arrester
logo
KODENSHI_AUK CORP.
G310 KODENSHI-G310 Datasheet
151Kb / 3P
   Anti-visible rays due to visible ray cut resin for detector type
G310-DI310L KODENSHI-G310-DI310L Datasheet
152Kb / 3P
   connector type
G310-ST310 KODENSHI-G310-ST310 Datasheet
151Kb / 3P
   connector type
logo
Greenliant systems
G3100 GREENLIANT-G3100 Datasheet
1Mb / 2P
   SATA 2.5 Enterprise SSD
More results

Similar Description - G31TS-91015HA

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
M26UX-008120A SUPERWORLD-M26UX-008120A Datasheet
202Kb / 3P
   INTEGRATED MODULAR JACK
G26US-010011A SUPERWORLD-G26US-010011A Datasheet
426Kb / 8P
   INTEGRATED MODULAR JACK
G26US-610121A SUPERWORLD-G26US-610121A Datasheet
455Kb / 7P
   INTEGRATED MODULAR JACK
M22DX-008110A SUPERWORLD-M22DX-008110A Datasheet
197Kb / 3P
   INTEGRATED MODULAR JACK
G27US-310339A SUPERWORLD-G27US-310339A Datasheet
268Kb / 5P
   INTEGRATED MODULAR JACK
M29TS-606120A SUPERWORLD-M29TS-606120A Datasheet
566Kb / 9P
   INTEGRATED MODULAR JACK
logo
Adam Technologies, Inc.
MTJ-88TX1-FSZ-D1LG-M62 ADAM-TECH-MTJ-88TX1-FSZ-D1LG-M62 Datasheet
103Kb / 1P
   Modular jack
logo
CUI INC
CRJ035-3-TH CUI-CRJ035-3-TH Datasheet
315Kb / 3P
   MODULAR JACK
04/16/2021
CRJ009-ML4-TH CUI-CRJ009-ML4-TH Datasheet
382Kb / 4P
   MODULAR JACK
CRJ021-3-TH CUI-CRJ021-3-TH Datasheet
288Kb / 3P
   MODULAR JACK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com