Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M26US-008122A Datasheet(PDF) 1 Page - Superworld Electronics

Part # M26US-008122A
Description  INTEGRATED MODULAR JACK
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

M26US-008122A Datasheet(HTML) 1 Page - Superworld Electronics

  M26US-008122A Datasheet HTML 1Page - Superworld Electronics M26US-008122A Datasheet HTML 2Page - Superworld Electronics M26US-008122A Datasheet HTML 3Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
G / Y
-40
-30
-18
YES
M26US-008261A
-16
-12
-40
-35
-30
1500
-1
1CT:1CT
1CT:1CT
Contact Terminal / Phosphor Bronze, Solder Tail / Copper Alloy
: LCP , UL 94V-0, Color Black
15u" Gold on Contact Area, 100u" Tin on Solder, Both over 50u" Nickel Under-Plated
: Thermoplastic , UL 94V-0, Color Black
: Thermoplastic , UL 94V-0, Color Black
: Copper Alloy , Finish: 50u" Nickel
G / G
Y / G
NOTES : 1. LEDs Left / Right G=green, Y=yellow, N/A=none
Coil Base
Insert
Housing / Bottom Cover
Metal Shell
M26US-008263A
M26US-008262A
MATERIAL SPECIFICATION
1CT:1CT
2. C.M.R. = Common Mode Rejection
1CT:1CT
1CT:1CT
1CT:1CT
YES
YES
-35
-35
-1
-1
-18
-18
-12
-16
-16
-12
-40
-40
-30
-30
-30
-30
-40
-40
1500
1500
Germany - 20 2005 016 971.4, 20 2005 016 972.2
Taiwan - M243821, file94221170, file93130703
N / A
N / A
Y / G
G / Y
G / G
LEDs
(L/R)
TRANSFORMER ELECTRICAL SPECIFICATIONS AT 25°C
Minimum 1500Vrms isolation per IEEE802.3 requirement
350 uH minimum OCL with 8mA bias current
Meets or exceeds IEEE 802.3 standard for 10/100 Base-TX
Patent No.:
U.S.A.
- 6,811,442 B1, 6,986,684 B1
Japan
- 3118484, 3118754
China
- ZL03252694.6
M26UX-008120A
M26UX-008260A
M26US-008121A
M26US-008122A
M26US-008123A
Part Number
EMI
Turns Ratio
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
TX
1CT:1CT
YES
YES
NO
YES
Fingers
RX
NO
Storage temperature -40°C to +85°C
Operating temperature 0°C to +70°C
Available with or without LEDs
MHz
-35
-35
(dB min.)
-35
-35
-35
Cross talk
30-60
100 ±15
Loss
MHz
(dB min.)
30-60
-18
-1
-1
-1
-1
-18
-18
-18
(dB max.)
MHz
-1
1-100
MHz
-18
1 -30
-40
-12
-16
-16
-12
-16
-12
-16
-12
-40
-40
-40
60-80
MHz
-16
-12
MHz
-40
1-30
Return Loss
Insertion
MHz
-30
-30
60-100
(dB min.)
-30
-30
-30
-40
-30
-30
-30
-30
-40
-40
-40
60-100
MHz
-30
MHz
-40
1 -60
1500
1500
1500
1500
1500
60Hz/1min
( Vrms )
C.M.R.
Hi - pot
INTEGRATED MODULAR JACK
10/100 Base TX RJ45 Single Port Tab Up
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 1
12.05.2008


Similar Part No. - M26US-008122A

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
M261 SSOUSA-M261 Datasheet
177Kb / 5P
   Solid State Relay
logo
Nuvoton Technology Corp...
M261 NUVOTON-M261 Datasheet
10Mb / 398P
   Arm짰 Cortex짰-M 32-bit Microcontroller
logo
Monolithic Power System...
M26123 MPS-M26123 Datasheet
764Kb / 16P
   2A,24V Input, 600kHz 2/3-Cell Switching Li-ion Battery Charger
logo
Nuvoton Technology Corp...
M262 NUVOTON-M262 Datasheet
10Mb / 398P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M263 NUVOTON-M263 Datasheet
10Mb / 398P
   Arm짰 Cortex짰-M 32-bit Microcontroller
More results

Similar Description - M26US-008122A

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
G26US-010011A SUPERWORLD-G26US-010011A Datasheet
426Kb / 8P
   INTEGRATED MODULAR JACK
G26US-610121A SUPERWORLD-G26US-610121A Datasheet
455Kb / 7P
   INTEGRATED MODULAR JACK
M22DX-008110A SUPERWORLD-M22DX-008110A Datasheet
197Kb / 3P
   INTEGRATED MODULAR JACK
G27US-310339A SUPERWORLD-G27US-310339A Datasheet
268Kb / 5P
   INTEGRATED MODULAR JACK
G29TS-610130A SUPERWORLD-G29TS-610130A Datasheet
776Kb / 10P
   INTEGRATED MODULAR JACK
M29TS-606120A SUPERWORLD-M29TS-606120A Datasheet
566Kb / 9P
   INTEGRATED MODULAR JACK
logo
Adam Technologies, Inc.
MTJ-88TX1-FSZ-D1LG-M62 ADAM-TECH-MTJ-88TX1-FSZ-D1LG-M62 Datasheet
103Kb / 1P
   Modular jack
logo
CUI INC
CRJ035-3-TH CUI-CRJ035-3-TH Datasheet
315Kb / 3P
   MODULAR JACK
04/16/2021
CRJ009-ML4-TH CUI-CRJ009-ML4-TH Datasheet
382Kb / 4P
   MODULAR JACK
CRJ021-3-TH CUI-CRJ021-3-TH Datasheet
288Kb / 3P
   MODULAR JACK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com