Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G26US-010122A Datasheet(PDF) 2 Page - Superworld Electronics

Part # G26US-010122A
Description  INTEGRATED MODULAR JACK
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

G26US-010122A Datasheet(HTML) 2 Page - Superworld Electronics

  G26US-010122A Datasheet HTML 1Page - Superworld Electronics G26US-010122A Datasheet HTML 2Page - Superworld Electronics G26US-010122A Datasheet HTML 3Page - Superworld Electronics G26US-010122A Datasheet HTML 4Page - Superworld Electronics G26US-010122A Datasheet HTML 5Page - Superworld Electronics G26US-010122A Datasheet HTML 6Page - Superworld Electronics G26US-010122A Datasheet HTML 7Page - Superworld Electronics G26US-010122A Datasheet HTML 8Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TRANSFORMER ELECTRICAL SPECIFICATIONS AT 25°C
Part Number
1CT:1CT
Turns Ratio
TD1/2/3/4
EMI
Fingera
YES
(L/R)
LEDs
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
YES
G / Y
Y / G
G / G
Insertion
Loss
(dB max.)
-1.2
1-125MHz
Return Loss
1 -30
30-60 60-80
60-100
30-60
1-30
1 -60
Cross talk
C.M.R.
Hi - po
( Vrms
60Hz/1mi
-18
-16
-12
-40
-30
-35
-40
-30
1500
1500
-30
-35
-40
-12
1500
-30
-35
-40
-12
1500
-30
-35
-40
-12
1500
-30
-35
-40
-12
1500
-30
-35
-40
-12
-18
-18
-18
-18
-18
-30
-40
-30
-30
-40
-40
-30
-30
-40
-40
100 ±15
(dB min.)
(dB min.)
(dB min.)
60-100
YES
G26US-010131A
G26US-010121A
G26US-010132A
G26US-010122A
G26US-010123A
G26US-010133A
YES
-1.2
-1.2
-1.2
-1.2
-1.2
80-100
-16
-16
-16
-16
-16
-10
-10
-10
-10
-10
-10
YES
YES
G / Y
G / G
Y / G
1CT:1CT
YES
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
YES
G / Y
Y / G
G / G
-1.2
-18
-16
-12
-40
-30
-35
-40
-30
1500
1500
-30
-35
-40
-12
1500
-30
-35
-40
-12
1500
-30
-35
-40
-12
1500
-30
-35
-40
-12
-18
-18
-18
-18
-30
-40
-30
-30
-40
-40
-30
-40
YES
G33US-012231A
G33US-012241A
G33US-012232A
G33US-012242A
G33US-012233A
-1.2
-1.2
-1.2
-1.2
-16
-16
-16
-16
-10
-10
-10
-10
-10
YES
YES
G / Y
G / G
2. C.M.R. = Common Mode Rejection
NOTES : 1. LEDs Left / Right G=green, Y=yellow, N/A=none
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
-1.2
-18
-16
-12
-40
-30
-35
-40
-30
1500
1500
-30
-35
-40
-12
1500
-30
-35
-40
-12
1500
-30
-35
-40
-12
1500
-30
-35
-40
-12
1500
-30
-35
-40
-12
-18
-18
-18
-18
-18
-30
-40
-30
-30
-40
-40
-30
-30
-40
-40
-1.2
-1.2
-1.2
-1.2
-1.2
-16
-16
-16
-16
-16
-10
-10
-10
-10
-10
-10
1500
-30
-35
-40
-12
1500
-30
-35
-40
-12
1500
-30
-35
-40
-12
-18
-18
-18
-30
-40
-30
-30
-40
-40
-1.2
-1.2
-1.2
-16
-16
-16
-10
-10
-10
1CT:1CT
YES
1CT:1CT
1CT:1CT
G / Y
Y / G
G / G
YES
YES
1CT:1CT
YES
1CT:1CT
1CT:1CT
G / Y
Y / G
G / G
YES
YES
1CT:1CT
YES
1CT:1CT
1CT:1CT
G / Y
Y / G
G / G
YES
YES
G26US-010013A
G26US-010023A
G26US-010022A
G26US-010012A
G26US-010021A
G26US-010011A
G26US-010033A
G26US-010032A
G26US-010031A
1CT:1CT
YES
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
YES
G / Y
Y / G
G / G
-1.2
-18
-16
-12
-40
-30
-35
-40
-30
1500
1500
-30
-35
-40
-12
1500
-30
-35
-40
-12
1500
-30
-35
-40
-12
1500
-30
-35
-40
-12
1500
-30
-35
-40
-12
-18
-18
-18
-18
-18
-30
-40
-30
-30
-40
-40
-30
-30
-40
-40
YES
G33US-012271A
G33US-012272A
G33US-012273A
YES
-1.2
-1.2
-1.2
-1.2
-1.2
-16
-16
-16
-16
-16
-10
-10
-10
-10
-10
-10
YES
YES
G / Y
G / G
Y / G
1CT:1CT
1500
-30
-35
-40
-12
-18
-30
-40
G33US-012243A
-1.2
-16
-10
YES
G / G
G33US-012261A
G33US-012262A
G33US-012263A
1CT:1CT
1500
-30
-35
-40
-12
-18
-30
-40
G33US-01227AA
YES
-1.2
-16
-10
GY / G
MATERIAL SPECIFICATION
Metal Shell
: Copper Alloy , Finish: 50u" Nickel
Housing / Bottom Cover : Thermoplastic , UL 94V-0, Color Black
Insert
: Thermoplastic , UL 94V-0, Color Black
15u" Gold on Contact Area, 100u" Tin on Solder, Both over 50u" Nickel Under-Plated
Coil Base
: LCP , UL 94V-0, Color Black
Contact Terminal / Phosphor Bronze , Solder Tail / Copper Alloy
INTEGRATED MODULAR JACK
10/100/1000 Gigabit Ethernet RJ45 Single Port Tab Up
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 2
12.05.2008


Similar Part No. - G26US-010122A

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
G26US-610121A SUPERWORLD-G26US-610121A Datasheet
455Kb / 7P
   INTEGRATED MODULAR JACK
G26US-610122A SUPERWORLD-G26US-610122A Datasheet
455Kb / 7P
   INTEGRATED MODULAR JACK
G26US-610123A SUPERWORLD-G26US-610123A Datasheet
455Kb / 7P
   INTEGRATED MODULAR JACK
G26US-610151A SUPERWORLD-G26US-610151A Datasheet
455Kb / 7P
   INTEGRATED MODULAR JACK
G26US-610152A SUPERWORLD-G26US-610152A Datasheet
455Kb / 7P
   INTEGRATED MODULAR JACK
More results

Similar Description - G26US-010122A

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
M26UX-008120A SUPERWORLD-M26UX-008120A Datasheet
202Kb / 3P
   INTEGRATED MODULAR JACK
G26US-610121A SUPERWORLD-G26US-610121A Datasheet
455Kb / 7P
   INTEGRATED MODULAR JACK
M22DX-008110A SUPERWORLD-M22DX-008110A Datasheet
197Kb / 3P
   INTEGRATED MODULAR JACK
G27US-310339A SUPERWORLD-G27US-310339A Datasheet
268Kb / 5P
   INTEGRATED MODULAR JACK
G29TS-610130A SUPERWORLD-G29TS-610130A Datasheet
776Kb / 10P
   INTEGRATED MODULAR JACK
M29TS-606120A SUPERWORLD-M29TS-606120A Datasheet
566Kb / 9P
   INTEGRATED MODULAR JACK
logo
Adam Technologies, Inc.
MTJ-88TX1-FSZ-D1LG-M62 ADAM-TECH-MTJ-88TX1-FSZ-D1LG-M62 Datasheet
103Kb / 1P
   Modular jack
logo
CUI INC
CRJ035-3-TH CUI-CRJ035-3-TH Datasheet
315Kb / 3P
   MODULAR JACK
04/16/2021
CRJ009-ML4-TH CUI-CRJ009-ML4-TH Datasheet
382Kb / 4P
   MODULAR JACK
CRJ021-3-TH CUI-CRJ021-3-TH Datasheet
288Kb / 3P
   MODULAR JACK
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com