Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUF16FL Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SUF16FL
Description  1.0 A Glass Passivated Surface Mount Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SUF16FL Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SUF16FL Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SUF16FL Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SUF11FL Thru SUF18FL
VOLTAGE 50 ~ 600 V
1.0 A Glass Passivated Surface Mount Rectifiers
Elektronische Bauelemente
08-Nov-2010 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Glass passivated device
Ideal for surface mounted applications
Low leakage current
Metallurgically bonded construction
High temperature soldering:
250°C / 10 seconds at terminals
MECHANICAL DATA
Case: JEDEC SOD-123FL, molded plastic over
passivated chip
Terminals: Solder Plated, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Weight: 0.003 ounces, 0.01 gram
Mounting position: Any
MARKING
Part Number
Marking Code
Part Number
Marking Code
SUF11FL
E1
SUF16FL
E6
SUF12FL
E2
SUF18FL
E8
SUF14FL
E4
PACKAGE INFORMATION
Package
MPQ
LeaderSize
SOD-123FL
2.5K
7’ inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25°C ambient temperature unless otherwise specified.Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
PARAMETERS
SYMBOL
PART NUMBERS
UNITS
TESTING
CONDITIONS
SUF
11FL
SUF
12FL
SUF
14FL
SUF
16FL
SUF
18FL
Recurrent Reverse Voltage (Max.)
VRRM
50
100
200
400
600
V
RMS Voltage (Max.)
VRMS
35
70
140
280
420
V
DC Blocking Voltage (Max.)
VDC
50
100
200
400
600
V
Instantaneous Forward Voltage
(Max.) (Note 1)
VF
0.95
1.25
1.7
V
IFM = 1.0A
Average Forward
Rectified Current (Max.)
I(AV)
1.0
A
TA = 65°C
Peak Forward Surge Current
IFSM
20
A
8.3ms single half
sine-wave
superimposed on
rated load
(JEDEC method)
TL = 25°C
DC Reverse Current at Rated DC
Blocking Voltage (Max.)
IR
5.0
A
TA=25°C
TA=125°C
150
Reverse Recovery time (Max.)
(Note 2)
TRR
35
nS
Operating and Storage
Temperature Range
TJ, TSTG
-55 ~ 150
°C
Notes:
1.
Pulse test:Pulse width 300 ms, duty cycle 1%.
2.
Measured with IF=0.5A, IR=1A, IRR=0.25A.
SOD-123FL
E
F
B
C
D
A
G
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
2.70
2.90
E
0.10
0.30
B
2.00
1.80
F
0.80
1.20
C
1.55
1.25
G
0.35
0.85
D
3.50
3.90


Similar Part No. - SUF16FL

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
SUF160-D2 BWTECH-SUF160-D2 Datasheet
410Kb / 4P
   Surface Mount Super Fast Rectifiers 1.0 Amp 600V
SUF160L BWTECH-SUF160L Datasheet
347Kb / 4P
   Surface Mount Super Fast Rectifiers 1.0 Amp 600V
logo
SeCoS Halbleitertechnol...
SUF16MH SECOS-SUF16MH Datasheet
152Kb / 2P
   1.0 Amp Surface Mount Super Fast Rectifiers
More results

Similar Description - SUF16FL

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM4001FL SECOS-SM4001FL Datasheet
294Kb / 2P
   1.0 A Glass Passivated Surface Mount Rectifiers
logo
Taiwan Semiconductor Co...
LL4001G TSC-LL4001G Datasheet
78Kb / 2P
   1.0 AMP Surface Mount Glass Passivated Silicon Rectifiers
logo
WILLAS ELECTRONIC CORP
MD1F WILLAS-MD1F Datasheet
450Kb / 2P
   1.0 AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
LL4933G TSC-LL4933G Datasheet
67Kb / 2P
   1.0 AMP Surface Mount Glass Passivated Silicon Rectifiers
logo
List of Unclassifed Man...
LL4001G ETC-LL4001G Datasheet
52Kb / 2P
   1.0 AMP Surface Mount Glass Passivated Silicon Rectifiers
logo
SeCoS Halbleitertechnol...
FR101G SECOS-FR101G Datasheet
174Kb / 2P
   1.0 A, Glass Passivated Fast Rectifiers
SM0520FL SECOS-SM0520FL Datasheet
272Kb / 3P
   0.5 A Glass Passivated Surface Mount Rectifiers
logo
Taiwan Semiconductor Co...
EGF1A TSC-EGF1A Datasheet
55Kb / 2P
   1.0 AMP. Surface Mount Glass Passivated Junction High Efficient Rectifiers
logo
HY ELECTRONIC CORP.
S2AA HY-S2AA Datasheet
99Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
S3AB HY-S3AB_19 Datasheet
266Kb / 3P
   Surface Mount Glass Passivated Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com