Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STT3998N Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # STT3998N
Description  Dual N-Ch Enhancement Mode Mos.FET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

STT3998N Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  STT3998N Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH STT3998N Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
STT3998N
Dual N-Ch Enhancement Mode Mos.FET
3.7 A, 20 V, RDS(ON) 58 m
Elektronische Bauelemente
27-Aug-2010 Rev. A
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol Min.
Typ.
Max.
Unit
Test Conditions
Gate-Threshold Voltage
VGS(th)
0.7
-
-
V
VDS=VGS, ID= 250uA
Gate-Body Leakage
IGSS
-
-
1
uA
VDS= 0V, VGS= 12V
Zero Gate Voltage Drain Current
IDSS
-
-
0.1
uA
VDS= 16V, VGS= 0V
-
-
1
VDS= 16V, VGS= 0V, TJ= 55°C
On-State Drain Current
a
ID(on)
30
-
-
A
VDS = 5V, VGS= 4.5V
Drain-Source On-Resistance
a
RDS(ON)
-
-
58
mΩ
VGS= 4.5V, ID= 3.7A
-
-
82
VGS= 2.5V, ID= 2.7A
Forward Transconductance
a
gfs
-
10
-
S
VDS= 10V, ID= 6.8A
Diode Forward Voltage
a
VSD
-
0.8
-
V
IS= 1.05A, VGS= 0V
DYNAMIC
b
Total Gate Charge
Qg
-
7.5
-
nC
VDS= 10V, VGS= 4.5V,
ID= 3.7A
Gate-Source Charge
Qgs
-
0.6
-
Gate-Drain Charge
Qgd
-
1.0
-
Turn-on Delay Time
Td(on)
-
5
-
nS
VDD= 10V, VGS= 4.5V,
RGEN= 15, ID= 1A
Rise Time
Tr
-
12
-
Turn-off Delay Time
Td(off)
-
13
-
Fall Time
Tf
-
7
-
Notes
a.
Pulse test:PW ≦ 300 us duty cycle ≦ 2%.
b.
Guaranteed by design, not subject to production testing.


Similar Part No. - STT3998N

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STT3998N VBSEMI-STT3998N Datasheet
520Kb / 9P
   Dual N-Channel 20 V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
STT3998N-C SECOS-STT3998N-C Datasheet
371Kb / 4P
   Dual N-Ch Enhancement Mode Power MOSFET
More results

Similar Description - STT3998N

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMG2340N SECOS-SMG2340N_15 Datasheet
141Kb / 2P
   N-Channel Enhancement Mode Mos.FET
SMG2398N SECOS-SMG2398N_15 Datasheet
143Kb / 2P
   N-Channel Enhancement Mode Mos.FET
STT3402N SECOS-STT3402N_15 Datasheet
467Kb / 4P
   N-Channel Enhancement Mode Mos.FET
STT3458N SECOS-STT3458N Datasheet
189Kb / 2P
   N-Channel Enhancement Mode Mos.FET
SSE90N06-30P SECOS-SSE90N06-30P Datasheet
169Kb / 2P
   N-Channel Enhancement Mode Mos.FET
STT3810N SECOS-STT3810N Datasheet
454Kb / 4P
   N-Channel Enhancement Mode Mos.FET
SMG2370N SECOS-SMG2370N Datasheet
142Kb / 2P
   N-Channel Enhancement Mode Mos.FET
SMG2370N SECOS-SMG2370N_15 Datasheet
142Kb / 2P
   N-Channel Enhancement Mode Mos.FET
SMG2314NE SECOS-SMG2314NE_15 Datasheet
535Kb / 4P
   N-Channel Enhancement Mode Mos.FET
SSE90N06-15P SECOS-SSE90N06-15P Datasheet
355Kb / 4P
   N-Channel Enhancement Mode Mos.FET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com